Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EV-VND5T100AJ Fiches technique (PDF) - STMicroelectronics

EV-VND5T100AJ Datasheet PDF - STMicroelectronics
No de pièce EV-VND5T100AJ
Télécharger  EV-VND5T100AJ Télécharger
Taille du fichier   132.82 Kbytes
Page   8 Pages
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description A permanent low level on the inputs and fault

EV-VND5T100AJ Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
EV-VND5T100AJ Datasheet PDF - STMicroelectronics

No de pièce EV-VND5T100AJ
Télécharger  EV-VND5T100AJ Click to download

Taille du fichier   132.82 Kbytes
Page   8 Pages
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description A permanent low level on the inputs and fault

EV-VND5T100AJ Fiches technique (HTML) - STMicroelectronics


EV-VND5T100AJ Détails du produit

Description
EV-VND5T100AJ provides you an easy way to connect ST’s surface mounted VIPower® drivers into your existing prototype circuitry. This evaluation board comes pre-assembled with VND5T100AJ-E high-side driver. The VND5T100AJ-E is a monolithic device made using STMicroelectonics® VIPower® technology, intended for driving resistive or inductive loads with one side connected to ground. Active VCC pin voltage clamp protects the device against low energy spikes. This device integrates an analog current sense which delivers a current proportional to the load current. Fault conditions such as overload, overtemperature or short to VCC are reported via the current sense pin. Output current limitation protects the device in overload condition. The device latches off in case of overload or thermal shutdown. The device is reset by a low level pass on the fault reset standby pin. A permanent low level on the inputs and fault reset standby pin disables all outputs and sets the device in standby mode.

Features
■ Simple single IC application board dedicated for VND5T100AJ-E
■ Provides thermal heat-sinking for ease of use in prototyping.
■ Provides electrical connectivity for easy prototyping




Numéro de pièce similaire - EV-VND5T100AJ

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
EV-VND5E025AK STMICROELECTRONICS-EV-VND5E025AK Datasheet
164Kb / 9P
The current sensing and diagnostic feedback
17-Sep-2013
EV-VND5E050AJ STMICROELECTRONICS-EV-VND5E050AJ Datasheet
131Kb / 8P
The current sensing and diagnostic feedback
17-Sep-2013
EV-VND5E160AJ STMICROELECTRONICS-EV-VND5E160AJ Datasheet
132Kb / 8P
The current sensing and diagnostic feedback
17-Sep-2013
EV-VND5E160J STMICROELECTRONICS-EV-VND5E160J Datasheet
134Kb / 8P
The diagnostic feedback of the whole device
17-Sep-2013
More results


Description similaire - EV-VND5T100AJ

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74LCXR2245 FAIRCHILD-74LCXR2245 Datasheet
106Kb / 10P
Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs and 26??Series Resistors on Both A and B Ports
74LCXR2245 FAIRCHILD-74LCXR2245_05 Datasheet
121Kb / 10P
Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs and 26ohm Series Resistors on Both A and B Ports
logo
STMicroelectronics
STEVAL-IHM013V1 STMICROELECTRONICS-STEVAL-IHM013V1 Datasheet
134Kb / 4P
Demonstration board on low-end vacuum cleaner based on the ST7FLiteUS5 and BTB12
04-Jun-2008
logo
Maxim Integrated Produc...
MAX14759 MAXIM-MAX14759 Datasheet
2Mb / 16P
Above- and Below-the-Rails Low On-Resistance Analog Switches
Rev 1; 8/12
logo
California Eastern Labs
PS9117A_V1 CEL-PS9117A_V1 Datasheet
273Kb / 14P
The PS9117A is an optically coupled high-speed, active low type isolator containing a GaAlAs LED on the input side and a photodiode and a signal processing circuit on the output side on one chip.
logo
Ralston Instruments.
XTFT-CAPS RALSTON-XTFT-CAPS Datasheet
317Kb / 1P
Turn any Quick-test XT adapter into a permanent installation with the addition of a cap and chain
logo
Littelfuse
SE-601 LITTELFUSE-SE-601 Datasheet
2Mb / 1P
The SE-601 is a microprocessor-based ground-fault
SE-703 LITTELFUSE-SE-703 Datasheet
298Kb / 1P
The SE-703 is a microprocessor-based earth-fault
SE-704 LITTELFUSE-SE-704 Datasheet
370Kb / 1P
The SE-704 is a microprocessor-based ground-fault relay
logo
Ralston Instruments.
QTFT-HTBB-2T RALSTON-QTFT-HTBB-2T_19 Datasheet
495Kb / 1P
Connect to a Quick-test hose on one side and a tube fitting on the other
More results




À propos de STMicroelectronics


Stmicroelectronics est un fabricant multinational d'électronique et de semi-conducteurs basé à Genève, en Suisse.

La société propose une large gamme de produits, notamment des microcontrôleurs, des capteurs, des amplificateurs de puissance et des circuits intégrés pour diverses applications sur les marchés automobiles, industriels et consommateurs.

Fondée en 1987, Stmicroelectronics a des opérations dans plus de 100 pays et est l'une des plus grandes sociétés de semi-conducteurs au monde.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.