Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M95320-DRDW8TG Fiches technique (PDF) - STMicroelectronics

M95320-DRDW8TG Datasheet PDF - STMicroelectronics
No de pièce M95320-DRDW8TG
Télécharger  M95320-DRDW8TG Télécharger
Taille du fichier   748.59 Kbytes
Page   41 Pages
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 32-Kbit serial SPI bus EEPROM - 105 C Operation

M95320-DRDW8TG Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
M95320-DRDW8TG Datasheet PDF - STMicroelectronics

No de pièce M95320-DRDW8TG
Télécharger  M95320-DRDW8TG Click to download

Taille du fichier   748.59 Kbytes
Page   41 Pages
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 32-Kbit serial SPI bus EEPROM - 105 C Operation

M95320-DRDW8TG Fiches technique (HTML) - STMicroelectronics


M95320-DRDW8TG Détails du produit

Description
The M95320-DRE is a 32-Kbit serial EEPROM device operating up to 105 °C. The M95320- DRE is compliant with the level of reliability defined by the AEC-Q100 grade 2.
The device is accessed by a simple serial SPI compatible interface running up to 20 MHz.
The memory array is based on advanced true EEPROM technology (Electrically Erasable PROgrammable Memory). The M95320-DRE is a byte-alterable memory (4096 × 8 bits) organized as 128 pages of 32 bytes in which the data integrity is significantly improved with an embedded Error Correction Code logic.
The M95320-DRE offers an additional Identification Page (32 bytes) in which the ST device identification can be read. This page can also be used to store sensitive application parameters which can be later permanently locked in read-only mode.

Features
• Compatible with the Serial Peripheral Interface (SPI) bus
• Memory array
   – 32 Kbit (4 Kbytes) of EEPROM
   – Page size: 32 bytes
   – Write protection by block: 1/4, 1/2 or whole memory
   – Additional Write lockable Page (Identification page)
• Extended temperature and voltage range
   – Up to 105 °C (VCC from 1.7 V to 5.5 V)
• High speed clock frequency
   – 20 MHz for VCC ≥ 4.5 V
   – 10 MHz for VCC ≥ 2.5 V
   – 5 MHz for VCC ≥ 1.7 V
• Schmitt trigger inputs for noise filtering
• Short Write cycle time
   – Byte Write within 4 ms
   – Page Write within 4 ms
• Write cycle endurance
   – 4 million Write cycles at 25 °C
   – 1.2 million Write cycles at 85 °C
   – 900 k Write cycles at 105 °C
• Data retention
   – more than 50 years at 105 °C
   – 200 years at 55 °C
• ESD Protection (Human Body Model)
   – 4000 V
• Packages
   – RoHS-compliant and halogen-free (ECOPACK2®)




Numéro de pièce similaire - M95320-DRDW8TG

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
M95320-DR STMICROELECTRONICS-M95320-DR Datasheet
412Kb / 48P
32-Kbit serial SPI bus EEPROM with high-speed clock
29-May-2012
More results


Description similaire - M95320-DRDW8TG

FabricantNo de pièceFiches techniqueDescription
logo
Microchip Technology
25AA512 MICROCHIP-25AA512_10 Datasheet
670Kb / 36P
512 Kbit SPI Bus Serial EEPROM
2010
logo
STMicroelectronics
M24C32-DRE STMICROELECTRONICS-M24C32-DRE Datasheet
1Mb / 41P
32-Kbit serial IC bus EEPROM - 105C operation
28-Jan-2015
M95040-DRE STMICROELECTRONICS-M95040-DRE Datasheet
731Kb / 39P
4-Kbit serial SPI bus EEPROM - 105 C Operation
17-Feb-2015
M95080-DRE STMICROELECTRONICS-M95080-DRE Datasheet
737Kb / 40P
8-Kbit serial SPI bus EEPROM - 105 C Operation
18-Feb-2015
M95128-DRE STMICROELECTRONICS-M95128-DRE Datasheet
748Kb / 41P
128-Kbit serial SPI bus EEPROM - 105 C Operation
10-Feb-2015
M95160-DRE STMICROELECTRONICS-M95160-DRE Datasheet
736Kb / 40P
16-Kbit serial SPI bus EEPROM - 105 C Operation
10-Feb-2015
M95256-DRE STMICROELECTRONICS-M95256-DRE Datasheet
750Kb / 41P
256-Kbit serial SPI bus EEPROM - 105 C Operation
09-Feb-2015
M95512-DRE STMICROELECTRONICS-M95512-DRE Datasheet
749Kb / 41P
512-Kbit serial SPI bus EEPROM - 105 C operation
29-Jan-2015
M95640-DRE STMICROELECTRONICS-M95640-DRE Datasheet
749Kb / 41P
64-Kbit serial SPI bus EEPROM - 105C operation
28-Jan-2015
logo
Microchip Technology
25LC512 MICROCHIP-25LC512_14 Datasheet
502Kb / 30P
512 Kbit SPI Bus Serial EEPROM
10/28/13
More results




À propos de STMicroelectronics


Stmicroelectronics est un fabricant multinational d'électronique et de semi-conducteurs basé à Genève, en Suisse.

La société propose une large gamme de produits, notamment des microcontrôleurs, des capteurs, des amplificateurs de puissance et des circuits intégrés pour diverses applications sur les marchés automobiles, industriels et consommateurs.

Fondée en 1987, Stmicroelectronics a des opérations dans plus de 100 pays et est l'une des plus grandes sociétés de semi-conducteurs au monde.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.