Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

3130 Fiches technique (PDF) - KR Electronics, Inc.

3130 Datasheet PDF - KR Electronics, Inc.
No de pièce 3130
Télécharger  3130 Télécharger
Taille du fichier   76.05 Kbytes
Page   3 Pages
Fabricant  KR [KR Electronics, Inc.]
Site Internet  http://www.krfilters.com
Logo KR - KR Electronics, Inc.
Description 600 MHz Bandpass Filter

3130 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
3130 Datasheet PDF - KR Electronics, Inc.

No de pièce 3130
Télécharger  3130 Click to download

Taille du fichier   76.05 Kbytes
Page   3 Pages
Fabricant  KR [KR Electronics, Inc.]
Site Internet  http://www.krfilters.com
Logo KR - KR Electronics, Inc.
Description 600 MHz Bandpass Filter

3130 Fiches technique (HTML) - KR Electronics, Inc.


3130 Détails du produit

General Description
KR Electronics part number 3130 is a 600 MHz bandpass filter. The filter has a 3 dB bandwidth of 50 MHz min. Other center frequencies and bandwidths are available. Please consult the factory.

Features
● 600 MHz Bandpass Filter
● 50 MHz min 3 dB Bandwidth
● 106 MHz max 60 dB Bandwidth
● Very Selective Pseudo Elliptic Filter
● High Stopband Rejection
● 50 Ω Source and Load
● SMA Connectors




Numéro de pièce similaire - 3130

FabricantNo de pièceFiches techniqueDescription
logo
Allegro MicroSystems
3130 ALLEGRO-3130 Datasheet
408Kb / 8P
HALL-EFFECT SWITCHES
logo
Schurter Inc.
3130 SCHURTER-3130 Datasheet
298Kb / 2P
Power Cord with IEC Connector C17, Straight
logo
List of Unclassifed Man...
3130 ETC2-3130 Datasheet
113Kb / 2P
FLAT WASHERS NYLON FIBRE
3130 ETC2-3130 Datasheet
68Kb / 1P
WASHERS
logo
Heyco.
3130 HEYCO-3130 Datasheet
120Kb / 1P
Thick Panel Snap Bushings
More results


Description similaire - 3130

FabricantNo de pièceFiches techniqueDescription
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
Rev X1
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
logo
KR Electronics, Inc.
2892-SMA-MF KR-2892-SMA-MF Datasheet
75Kb / 3P
250 MHz Bandpass Filter
2924-SMA KR-2924-SMA Datasheet
99Kb / 3P
70 MHz Bandpass Filter
3259-200-SMA KR-3259-200-SMA Datasheet
142Kb / 3P
200 MHz Bandpass Filter
3277-SMA KR-3277-SMA Datasheet
100Kb / 3P
70 MHz Bandpass Filter
3299-SMA KR-3299-SMA Datasheet
85Kb / 3P
530 MHz Bandpass Filter
3306-3381-1629 KR-3306-3381-1629 Datasheet
73Kb / 3P
3381 MHz Bandpass Filter
3316-SMA KR-3316-SMA Datasheet
109Kb / 3P
550 MHz Bandpass Filter
More results



Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com