Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS5050A Fiches technique (PDF) - ams AG

AS5050A Datasheet PDF - ams AG
No de pièce AS5050A
Télécharger  AS5050A Télécharger
Taille du fichier   648.93 Kbytes
Page   31 Pages
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG
Description Low Power 10-Bit Magnetic Position Sensor

AS5050A Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
AS5050A Datasheet PDF - ams AG

No de pièce AS5050A
Télécharger  AS5050A Click to download

Taille du fichier   648.93 Kbytes
Page   31 Pages
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG
Description Low Power 10-Bit Magnetic Position Sensor

AS5050A Fiches technique (HTML) - ams AG


AS5050A Détails du produit

General Description
The AS5050A is a single-chip magnetic position sensor with low voltage and low power features. It includes an integrated Hall element array, a high resolution ADC and a smart power management controller. The angle position, alarm bits and magnetic field information are transmitted over a 3-wire or 4-wire SPI interface to the microcontroller. The AS5050A is available in a compact QFN 16-pin 4x4x0.85 mm package and specified over an operating temperature of -40ºC to 85ºC.

Features
   10-Bit absolute angle position indication
   3μA current consumption in low power mode
   Immune to external magnetic stray fields
   Interrupt pin displays availability of new data
   QFN-16 4x4 package
   3- or 4-wire SPI interface

Applications
This sensor is optimized for a broad range of demanding applications including:
• Servo motor control
• Battery operated systems
• Robotics




Numéro de pièce similaire - AS5050A

FabricantNo de pièceFiches techniqueDescription
logo
ams AG
AS5050A AMSCO-AS5050A Datasheet
465Kb / 31P
Low Power 10-Bit Magnetic Position Sensor
2014-Oct-14
AS5050A AMSCO-AS5050A_V01 Datasheet
465Kb / 31P
Low Power 10-Bit Magnetic Position Sensor
2014-Oct-14
More results


Description similaire - AS5050A

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
AS5161 ETC2-AS5161 Datasheet
1Mb / 35P
12-Bit Magnetic Angle Position Sensor
AS5262 ETC2-AS5262 Datasheet
1Mb / 36P
12-Bit Magnetic Angle Position Sensor
logo
ams AG
AS5045B AMSCO-AS5045B Datasheet
393Kb / 33P
12-Bit Programmable Magnetic Position Sensor
AS5161 AMSCO-AS5161 Datasheet
1Mb / 36P
12-Bit Magnetic Angle Position Sensor
AS5162 AMSCO-AS5162 Datasheet
1Mb / 37P
12-Bit Magnetic Angle Position Sensor
AS5262 AMSCO-AS5262 Datasheet
1Mb / 37P
12-Bit Magnetic Angle Position Sensor
AS5055A AMSCO-AS5055A Datasheet
646Kb / 31P
Low Power 12-Bit Magnetic Position Sensor
AS5045 AMSCO-AS5045_V01 Datasheet
633Kb / 47P
12-Bit Programmable Magnetic Rotary Position Sensor
2017-Jul-13
AS5050A AMSCO-AS5050A_V01 Datasheet
465Kb / 31P
Low Power 10-Bit Magnetic Position Sensor
2014-Oct-14
AS5055A AMSCO-AS5055A_V01 Datasheet
464Kb / 31P
Low Power 12-Bit Magnetic Position Sensor
2014-Oct-14
More results




À propos de ams AG


ams AG is a multinational company that designs and manufactures advanced sensor solutions and analog ICs (integrated circuits). The company was founded in 1981 in Austria and has its headquarters in Premstaetten, Austria.

ams AG's product portfolio includes sensors for applications such as mobile devices, automotive, industrial automation, medical, and smart homes. The company also provides ICs for power management, wireless connectivity, and audio processing.

In recent years, ams AG has expanded its business through acquisitions of companies such as TAOS Inc., Heptagon, and Osram Licht AG, which have strengthened the company's expertise in optical sensing and lighting technologies.

ams AG is listed on the SIX Swiss Exchange and has a global presence with offices and production sites in Europe, Asia, and the Americas.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.