Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MB81F643242C Fiches technique (PDF) - fujitsu semiconductor

MB81F643242C Datasheet PDF - fujitsu semiconductor
No de pièce MB81F643242C
Télécharger  MB81F643242C Télécharger
Taille du fichier   1001.04 Kbytes
Page   56 Pages
Fabricant  FUJITSU [fujitsu semiconductor]
Site Internet  
Logo FUJITSU - fujitsu semiconductor
Description 4 X 512 K X 32 BIT SYNCHRONOUS DYNAMIC RAM

MB81F643242C Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
MB81F643242C Datasheet PDF - fujitsu semiconductor

No de pièce MB81F643242C
Télécharger  MB81F643242C Click to download

Taille du fichier   1001.04 Kbytes
Page   56 Pages
Fabricant  FUJITSU [fujitsu semiconductor]
Site Internet  
Logo FUJITSU - fujitsu semiconductor
Description 4 X 512 K X 32 BIT SYNCHRONOUS DYNAMIC RAM

MB81F643242C Fiches technique (HTML) - fujitsu semiconductor


MB81F643242C Détails du produit

CMOS 4-Bank × 524,288-Word × 32 Bit Synchronous Dynamic Random Access Memory



■ DESCRIPTION

The Fujitsu MB81F643242C is a CMOS Synchronous Dynamic Random Access Memory (SDRAM) containing 67,108,864 memory cells accessible in a 32-bit format. The MB81F643242C features a fully synchronous operation referenced to a positive edge clock whereby all operations are synchronized at a clock input which enables high performance and simple user interface coexistence. The MB81F643242C SDRAM is designed to reduce the complexity of using a standard dynamic RAM (DRAM) which requires many control signal timing constraints, and may improve data bandwidth of memory as much as 5 times more than a conventional DRAM. The MB81F643242C is ideally suited for workstations, personal computers, laser printers, high resolution graphic adapters/accelerators and other applications where an extremely large memory and bandwidth are required and where a simple interface is needed.



■ PRODUCT LINE & FEATURES

• Single +3.3 V Supply ±0.3 V tolerance

• LVTTL compatible I/O interface

• 4 K refresh cycles every 64 ms

• Four bank operation

• Burst read/write operation and burst read/single write operation capability

• Programmable burst type, burst length, and CAS latency

• Auto-and Self-refresh (every 15.6 µs)

• CKE power down mode

• Output Enable and Input Data Mask



 




Numéro de pièce similaire - MB81F643242C

FabricantNo de pièceFiches techniqueDescription
logo
fujitsu semiconductor
MB81F643242B-10FN-X FUJITSU-MB81F643242B-10FN-X Datasheet
952Kb / 56P
MEMORY CMOS 4 X 512 K X 32 BIT SYNCHRONOUS DYNAMIC RAM
More results


Description similaire - MB81F643242C

FabricantNo de pièceFiches techniqueDescription
logo
OKI electronic componet...
MD56V62320 OKI-MD56V62320 Datasheet
414Kb / 30P
4-Bank x 524,288-Word x 32-Bit SYNCHRONOUS DYNAMIC RAM
logo
Siemens Semiconductor G...
HYB514256B SIEMENS-HYB514256B Datasheet
215Kb / 22P
256 K x 4-Bit Dynamic RAM Low Power 256 K x 4-Bit Dynamic RAM
logo
fujitsu semiconductor
MB81F643242B-10FN-X FUJITSU-MB81F643242B-10FN-X Datasheet
952Kb / 56P
MEMORY CMOS 4 X 512 K X 32 BIT SYNCHRONOUS DYNAMIC RAM
logo
MOSAIC
PUMA68S16000X-020 MOSAIC-PUMA68S16000X-020 Datasheet
157Kb / 12P
512 K x 32 Static RAM
PUMA68S16000XB-012 MOSAIC-PUMA68S16000XB-012 Datasheet
156Kb / 12P
512 K x 32 Static RAM
PUMA68SV16000X-020 MOSAIC-PUMA68SV16000X-020 Datasheet
158Kb / 12P
512 K x 32 Static RAM
PUMA68SV16000XB-012 MOSAIC-PUMA68SV16000XB-012 Datasheet
158Kb / 12P
512 K x 32 Static RAM
SYS32512ZK-010 MOSAIC-SYS32512ZK-010 Datasheet
259Kb / 11P
512 K x 32 Static RAM
logo
Integrated Silicon Solu...
IS42S32160A ISSI-IS42S32160A Datasheet
1Mb / 60P
4M Words x 32 Bits x 4 Banks (512-MBIT) SYNCHRONOUS DYNAMIC RAM
logo
Cypress Semiconductor
CY7C1062DV33-10BGI CYPRESS-CY7C1062DV33-10BGI Datasheet
504Kb / 15P
16-Mbit (512 K x 32) Static RAM
More results




À propos de fujitsu semiconductor


Fujitsu Components Limited est une filiale de Fujitsu Limited, une société japonaise de technologies de l'information.
Fujitsu Components Limited se concentre sur la conception, le développement et la fabrication de composants et d'appareils électroniques.
La société propose une large gamme de produits, notamment des dispositifs de stockage de données, des modules de communication sans fil et d'autres composants électroniques.
Fujitsu Components Limited possède des opérations et des installations dans divers pays d'Asie, d'Europe et des Amériques.
La société est connue pour ses technologies de pointe, ses produits de haute qualité et ses solutions innovantes dans l'industrie de l'électronique.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.




Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com