Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DSP1ALDC9V Fiches technique (PDF) - Panasonic Semiconductor

DSP1ALDC9V Datasheet PDF - Panasonic Semiconductor
No de pièce DSP1ALDC9V
Télécharger  DSP1ALDC9V Télécharger
Taille du fichier   136.55 Kbytes
Page   6 Pages
Fabricant  PANASONIC [Panasonic Semiconductor]
Site Internet  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description 8 A MINIATURE POWER RELAY IN DS RELAY SERIES Latching types available

DSP1ALDC9V Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
DSP1ALDC9V Datasheet PDF - Panasonic Semiconductor

No de pièce DSP1ALDC9V
Télécharger  DSP1ALDC9V Click to download

Taille du fichier   136.55 Kbytes
Page   6 Pages
Fabricant  PANASONIC [Panasonic Semiconductor]
Site Internet  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description 8 A MINIATURE POWER RELAY IN DS RELAY SERIES Latching types available

DSP1ALDC9V Fiches technique (HTML) - Panasonic Semiconductor


DSP1ALDC9V Détails du produit

1. Compact with high contact rating
    Even with small 10 mm .394 inch (H) x 11 mm .433 inch (W) x 20 mm .787 inch (L) (dimensions, high capacity switching is provided: 1a, 8 A 250 V AC; 2a and 1a1b, 5 A 250 V AC.
2. High switching capability
    High contact pressure, low contact bounce, and wiping operation improve resistance to weld bonding. Resistant against lamp load and dielectric loading: 1a achieves maximum switching capacity of 2,000 VA (8A 250 V AC).
3. High sensitivity
    Using the same type of highperformance polar magnetic circuits as DS relays, by matching the spring load to the magnetic force of attraction, greater sensitivity has been achieved. The resultant pick up sensitivity of about 190 mW makes possible direct driving of transistors and chips.
4. High breakdown voltage
    Breakdown voltage has been raised by keeping the coil and contacts separate. 5. Latching types available
6. Wide variation
    Three types of contact arrangement are offered: 1a, 2a, and 1a1b. In addition, each is available in standard and reversed polarity types.
7. Sealed construction allows automatic washing.
8. Complies with safety standards
    Complies with Japan Electrical Appliance and Material Safety Law requirements for operating 200 V power supply circuits, and complies with UL, CSA, and TÜV safety standards.

TYPICAL APPLICATIONS
1. Office and industrial electronic devices
2. Terminal devices of information processing equipment, such as printer, data recorder.
3. Office equipment (copier, facsimile)
4. Measuring instruments
5. NC machines, temperature controllers and programmable logic controllers.




Numéro de pièce similaire - DSP1ALDC9V

FabricantNo de pièceFiches techniqueDescription
logo
Nais(Matsushita Electri...
DSP1A-DC12V NAIS-DSP1A-DC12V Datasheet
174Kb / 5P
MINIATURE POWER RELAY IN DS RELAY SERIES
logo
List of Unclassifed Man...
DSP1a-DC12V ETC2-DSP1a-DC12V Datasheet
1Mb / 7P
8 A MINIATURE POWER RELAY IN DS RELAY SERIES
logo
Panasonic Semiconductor
DSP1A-DC12V PANASONIC-DSP1A-DC12V Datasheet
107Kb / 6P
1a 8A, 1a1b/2a 5A small polarized power relays
DSP1A-DC12V PANASONIC-DSP1A-DC12V Datasheet
1Mb / 7P
8 A MINIATURE POWER RELAY IN DS RELAY SERIES
DSP1A-DC12V PANASONIC-DSP1A-DC12V Datasheet
118Kb / 6P
1a 8A, 1a1b/2a 5A small polarized power relays
More results


Description similaire - DSP1ALDC9V

FabricantNo de pièceFiches techniqueDescription
logo
ZETTLER Electronics
AZ8P ZETTLER-AZ8P Datasheet
52Kb / 2P
10 A MINIATURE POWER RELAY BISTABLE (LATCHING)
logo
Nais(Matsushita Electri...
DSP1-DC3V NAIS-DSP1-DC3V Datasheet
174Kb / 5P
MINIATURE POWER RELAY IN DS RELAY SERIES
logo
List of Unclassifed Man...
DSP1A-DC3V ETC2-DSP1A-DC3V Datasheet
1Mb / 7P
8 A MINIATURE POWER RELAY IN DS RELAY SERIES
logo
Panasonic Semiconductor
DSP2A-12V PANASONIC-DSP2A-12V Datasheet
1Mb / 7P
8 A MINIATURE POWER RELAY IN DS RELAY SERIES
logo
Hongfa Technology
HFE12 HONGFA-HFE12 Datasheet
115Kb / 5P
MINIATURE HIGH POWER LATCHING RELAY
HFE19-60391 HONGFA-HFE19-60391 Datasheet
55Kb / 3P
MINIATURE HIGH POWER LATCHING RELAY
HFE10 HONGFA-HFE10 Datasheet
2Mb / 7P
MINIATURE HIGH POWER LATCHING RELAY
HFE26 HONGFA-HFE26 Datasheet
66Kb / 4P
MINIATURE HIGH POWER LATCHING RELAY
logo
ZETTLER Electronics
AZ8P ZETTLER-AZ8P_14 Datasheet
54Kb / 2P
10 A MINIATURE POWER RELAY BISTABLE (LATCHING)
logo
Hongfa Technology
HF115F-LS HONGFA-HF115F-LS Datasheet
54Kb / 3P
MINIATURE HIGH POWER LATCHING RELAY
More results




À propos de Panasonic Semiconductor


Panasonic Semiconductor est une filiale de Panasonic Corporation, une société d'électronique japonaise.
Panasonic Semiconductor fournit une large gamme de produits, notamment des microcontrôleurs, des capteurs, des circuits intégrés de gestion de l'alimentation et d'autres composants électroniques pour diverses applications sur les marchés automobiles, industriels et consommateurs.
La société est connue pour son accent sur la qualité et la fiabilité, et ses produits sont largement utilisés dans la gestion de l'alimentation, l'éclairage et d'autres applications.
Panasonic Semiconductor a des opérations dans plusieurs pays et est l'un des principaux fournisseurs de composants électroniques dans la région Asie-Pacifique.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.




Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com