Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RT9715FPBG Fiches technique (PDF) - Richtek Technology Corporation

RT9715FPBG Datasheet PDF - Richtek Technology Corporation
No de pièce RT9715FPBG
Télécharger  RT9715FPBG Télécharger
Taille du fichier   338.24 Kbytes
Page   15 Pages
Fabricant  RICHTEK [Richtek Technology Corporation]
Site Internet  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description Operating Range : 2.7V to 5.5V, Reverse Blocking Current

RT9715FPBG Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
RT9715FPBG Datasheet PDF - Richtek Technology Corporation

No de pièce RT9715FPBG
Télécharger  RT9715FPBG Click to download

Taille du fichier   338.24 Kbytes
Page   15 Pages
Fabricant  RICHTEK [Richtek Technology Corporation]
Site Internet  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description Operating Range : 2.7V to 5.5V, Reverse Blocking Current

RT9715FPBG Fiches technique (HTML) - Richtek Technology Corporation


RT9715FPBG Détails du produit

General Description
The RT9715 is a cost-effective, low-voltage, single N-MOSFET high-side Power Switch IC for USB application. Low switch-on resistance (typ. 90mΩ) and low supply current (typ. 50uA) are realized in this IC.

Features
● 90mΩ (typ.) N-MOSFET Switch
● Operating Range : 2.7V to 5.5V
● Reverse Blocking Current
● Under Voltage Lockout
● Deglitched Fault Report (FLG)
● Thermal Protection with Foldback
● Over Current Protection
● Short Circuit Protection
● UL Approved−E219878
● Nemko Approved−NO49621
● RoHS Compliant and Halogen Free

Applications
● USB Peripherals
● Notebook PCs




Numéro de pièce similaire - RT9715FPBG

FabricantNo de pièceFiches techniqueDescription
logo
Richtek Technology Corp...
RT9715FPBG RICHTEK-RT9715FPBG Datasheet
338Kb / 15P
90m廓, 2A/1.5A/1.1A/0.7A High-Side Power Switches with Flag
RT9715FPBG RICHTEK-RT9715FPBG Datasheet
240Kb / 12P
Reverse Blocking Current
More results


Description similaire - RT9715FPBG

FabricantNo de pièceFiches techniqueDescription
logo
Maxim Integrated Produc...
MAX5X02EVKIT MAXIM-MAX5X02EVKIT Datasheet
799Kb / 16P
2.7V to 5.5V Wide Input Supply Range
Rev 0; 5/13
logo
Richtek Technology Corp...
RT9715CA RICHTEK-RT9715CA Datasheet
240Kb / 12P
Reverse Blocking Current
logo
Maxim Integrated Produc...
MAX20313EVKIT MAXIM-MAX20313EVKIT Datasheet
797Kb / 7P
2.5V to 5.5V Operating Voltage Range
Rev 0; 12/16
MAX15090AEVKIT MAXIM-MAX15090AEVKIT Datasheet
1Mb / 8P
2.7V to 18V Operating Voltage Range
Rev 0; 11/12
MAX20334EVKIT MAXIM-MAX20334EVKIT Datasheet
598Kb / 9P
2.7V to 5.5V Operating Voltage Range
Rev 0; 4/19
MAX20074EVKIT MAXIM-MAX20074EVKIT Datasheet
109Kb / 2P
2.7V to 5.5V Input Voltage Range
MAX20073EVKIT MAXIM-MAX20073EVKIT Datasheet
109Kb / 2P
2.7V to 5.5V Input Voltage Range
MAX20070EVKIT MAXIM-MAX20070EVKIT Datasheet
572Kb / 13P
2.7V to 5.5V Input Range for TFT Power Section
Rev 1; 9/15
MAX258EVKIT MAXIM-MAX258EVKIT Datasheet
766Kb / 7P
3.0V to 5.5V Operating Voltage Range
Rev 0; 5/13
MAX15095AEVKIT MAXIM-MAX15095AEVKIT Datasheet
899Kb / 8P
2.7V to 18V Operating Voltage Range
Rev 0; 3/18
More results



Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com