Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EVAL-AD9835SDZ Fiches technique (PDF) - Analog Devices

EVAL-AD9835SDZ Datasheet PDF - Analog Devices
No de pièce EVAL-AD9835SDZ
Télécharger  EVAL-AD9835SDZ Télécharger
Taille du fichier   701.18 Kbytes
Page   28 Pages
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices
Description 50 MHz Direct Digital Synthesizer, Waveform Generator

EVAL-AD9835SDZ Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
EVAL-AD9835SDZ Datasheet PDF - Analog Devices

No de pièce EVAL-AD9835SDZ
Télécharger  EVAL-AD9835SDZ Click to download

Taille du fichier   701.18 Kbytes
Page   28 Pages
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices
Description 50 MHz Direct Digital Synthesizer, Waveform Generator

EVAL-AD9835SDZ Fiches technique (HTML) - Analog Devices


EVAL-AD9835SDZ Détails du produit

GENERAL DESCRIPTION
The AD9835 is a numerically-controlled oscillator employing a phase accumulator, a COS lookup table, and a 10-bit digital-to-analog converter integrated on a single CMOS chip. Modulation capabilities are provided for phase modulation and frequency modulation.
Clock rates of up to 50 MHz are supported. Frequency accuracy can be controlled to one part in 4 billion. Modulation is effected by loading registers through the serial interface. A power-down bit allows the user to power down the AD9835 when it is not in use; the power consumption reduces to 1.75 mW.
This part is available in a 16-lead TSSOP package.
Similar DDS products can be found at http://www.analog.com/DDS.

FEATURES
   5 V power supply
   50 MHz speed
   On-chip COS lookup table
   On-chip, 10-bit DAC
   Serial loading
   Power-down option
   Temperature range: −40°C to +85°C
   200 mW power consumption
   16-Lead TSSOP

APPLICATIONS
   Frequency stimulus/waveform generation
   Frequency phase tuning and modulation
   Low power RF/communications systems
   Liquid and gas flow measurement
   Sensory applications: proximity, motion, and defect
      detection
   Test and medical equipment




Numéro de pièce similaire - EVAL-AD9835SDZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
EVAL-AD9831EB AD-EVAL-AD9831EB Datasheet
172Kb / 16P
CMOS Complete DDS
REV.A
EVAL-AD9832SDZ AD-EVAL-AD9832SDZ Datasheet
527Kb / 28P
25 MHz Direct Digital Synthesizer, Waveform Generator
Rev. E
EVAL-AD9833EB AD-EVAL-AD9833EB Datasheet
210Kb / 18P
2.5 V to 5.5 V, 25 MHz Low Power CMOS Complete DDS
EVAL-AD9833SDZ AD-EVAL-AD9833SDZ Datasheet
694Kb / 24P
Low Power, 12.65 mW, 2.3 V to 5.5 V Programmable Waveform Generator
Rev. E
EVAL-AD9833SDZ AD-EVAL-AD9833SDZ Datasheet
479Kb / 21P
Low Power, 12.65 mW, 2.3 V to 5.5 V, Programmable Waveform Generator
Rev. G
More results


Description similaire - EVAL-AD9835SDZ

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL5314 INTERSIL-ISL5314 Datasheet
284Kb / 17P
Direct Digital Synthesizer
January 19, 2010
logo
National Instruments Co...
NI655X NI-NI655X Datasheet
548Kb / 6P
100 and 50 MHz, Programmable-Voltage Digital Waveform Generator/Analyzers
PXI-6541 NI-PXI-6541 Datasheet
222Kb / 3P
100 and 50 MHz Digital Waveform Generator/Analyzers
NI654X NI-NI654X Datasheet
313Kb / 3P
100 and 50 MHz Digital Waveform Generator/Analyzers
logo
Analog Devices
AD9832 AD-AD9832_13 Datasheet
527Kb / 28P
25 MHz Direct Digital Synthesizer, Waveform Generator
Rev. E
AD9831ASTZ AD-AD9831ASTZ Datasheet
540Kb / 16P
DIRECT DIGITAL SYNTGESIZER WAVEFORM GENERATOR
REV. B
AD9830 AD-AD9830_15 Datasheet
446Kb / 16P
DIRECT DIGITAL SYNTHESIZER
REV. B
AD9831 AD-AD9831_15 Datasheet
540Kb / 16P
DIRECT DIGITAL SYNTHESIZER
REV. B
AD9832 AD-AD9832_15 Datasheet
527Kb / 28P
25 MHz Direct Digital Synthesizer
Rev. E
AD9835 AD-AD9835_15 Datasheet
701Kb / 28P
50 MHz Direct Digital Synthesizer
REV. A
More results




À propos de Analog Devices


Analog Devices, Inc. (ADI) est une entreprise cotée en bourse qui conçoit, développe et fabrique des circuits intégrés analogiques, de signal mixte et de signal numérique (DSP) (ICS).
L'entreprise a été fondée en 1965 et a son siège à Norwood, Massachusetts.
L'ADI dessert un large éventail d'industries, notamment l'aérospatiale et la défense, l'automobile, les communications, les consommateurs, l'industrie, le médical et le test et la mesure.
Le portefeuille de produits de l'entreprise comprend des convertisseurs de données, des amplificateurs et des comparateurs, des circuits intégrés de gestion de l'alimentation, des microcontrôleurs, des capteurs et des composants radiofréquences (RF) et des micro-ondes, entre autres.
ADI se consacre à l'innovation et à la satisfaction des clients et s'engage à fournir à ses clients des solutions fiables de haute qualité pour répondre à leurs besoins.
En mettant l'accent sur l'efficacité énergétique et la durabilité, ADI est un leader de l'industrie des circuits intégrés analogiques et mixtes, stimulant les progrès technologiques et fournissant des solutions innovantes aux problèmes les plus difficiles du monde.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.




Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com