Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCPL-2300-000E Fiches technique (PDF) - AVAGO TECHNOLOGIES LIMITED

HCPL-2300-000E Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
No de pièce HCPL-2300-000E
Télécharger  HCPL-2300-000E Télécharger
Taille du fichier   277.42 Kbytes
Page   14 Pages
Fabricant  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Site Internet  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description 8 MBd Low Input Current Optocoupler

HCPL-2300-000E Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
HCPL-2300-000E Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

No de pièce HCPL-2300-000E
Télécharger  HCPL-2300-000E Click to download

Taille du fichier   277.42 Kbytes
Page   14 Pages
Fabricant  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Site Internet  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description 8 MBd Low Input Current Optocoupler

HCPL-2300-000E Fiches technique (HTML) - AVAGO TECHNOLOGIES LIMITED


HCPL-2300-000E Détails du produit

Description
The HCPL-2300/HCPL-0300 optocoupler combines an 820 nm AlGaAs photon emitting diode with an integrated high gain photon detector. This combina-tion of Avago designed and manufactured semiconductor devices brings new high performance capabilities to designers of isolated logic and data communication circuits.

Features
• Guaranteed low thresholds: IF = 0.5 mA, VF ≤ 1.5 V
• High speed: guaranteed 5 MBd over temperature
• Versatile: compatible with TTL, LSTTL and CMOS
• Efficient 820 nm AlGaAs LED
• Internal shield for guaranteed common mode rejection
• Schottky clamped, open collector output with optional integrated pull-up resistor
• Static and dynamic performance guaranteed from -40°C to 85°C
• Safety approval
    – UL recognized -3750 V rms for 1 minute
    – CSA approved
    – IEC/EN/DIN EN60747-5-5 approved with VIORM = 630 V peak (Option 060)

Applications
• Ground loop elimination
• Computer-peripheral interfaces
• Level shifting
• Microprocessor system interfaces
• Digital isolation for A/D, D/A conversion
• RS-232-C interface
• High speed, long distance isolated line receiver




Numéro de pièce similaire - HCPL-2300-000E

FabricantNo de pièceFiches techniqueDescription
logo
Agilent(Hewlett-Packard...
HCPL-2300-060 HP-HCPL-2300-060 Datasheet
513Kb / 12P
8 MBd Low Input Current Optocoupler
More results


Description similaire - HCPL-2300-000E

FabricantNo de pièceFiches techniqueDescription
logo
Agilent(Hewlett-Packard...
HCPL-2300 HP-HCPL-2300 Datasheet
269Kb / 12P
8 MBd Low Input Current Optocoupler
logo
Infineon Technologies A...
SFH6943 INFINEON-SFH6943 Datasheet
397Kb / 3P
Low Current Input Mini Optocoupler
March 4, 2000-23
logo
Agilent(Hewlett-Packard...
HCPL-0300 HP-HCPL-0300 Datasheet
513Kb / 12P
8 MBd Low Input Current Optocoupler
logo
List of Unclassifed Man...
OLI400 ETC1-OLI400 Datasheet
35Kb / 3P
Miniature Low Input-Current Optocoupler
logo
Siemens Semiconductor G...
SFH6941 SIEMENS-SFH6941 Datasheet
36Kb / 3P
LOW CURRENT INPUT MINI OPTOCOUPLER
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2300 AVAGO-HCPL-2300 Datasheet
300Kb / 14P
8 MBd Low Input Current Optocoupler
HCPL-2300 AVAGO-HCPL-2300_13 Datasheet
277Kb / 14P
8 MBd Low Input Current Optocoupler
HCPL-2300-500E AVAGO-HCPL-2300-500E Datasheet
328Kb / 14P
8 MBd Low Input Current Optocoupler
HCPL-2300-360E AVAGO-HCPL-2300-360E Datasheet
328Kb / 14P
8 MBd Low Input Current Optocoupler
HCPL-0300-500E AVAGO-HCPL-0300-500E Datasheet
328Kb / 14P
8 MBd Low Input Current Optocoupler
More results



Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com