| Fabricant | No de pièce | Fiches technique | Description |
 Maxim Integrated Produc... |
MAX1226
|
543Kb / 24P |
12-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
19-2852; Rev 1; 7/03 |
|
MAX1227
|
512Kb / 24P |
12-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
19-2851; Rev 1; 7/03 |
|
MAX1026
|
474Kb / 24P |
10-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
Rev 1; 7/03 |
|
MAX1026
|
254Kb / 22P |
10-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
Rev 3; 11/09 |
|
MAX1227
|
265Kb / 22P |
12-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
Rev 3; 2/10 |
|
MAX11626
|
1Mb / 22P |
12-Bit, 300ksps ADCs with FIFO and Internal Reference
Rev 2; 3/11 |
|
MAX1227
|
230Kb / 22P |
12-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
Rev 6; 5/11 |
|
MAX1227
|
231Kb / 22P |
12-Bit 300ksps ADCs with FIFO,Temp Sensor, Internal Reference
Rev 7; 4/12 |
|
MAX11618
|
1Mb / 21P |
10-Bit, 300ksps ADCs with FIFO and Internal Reference
19-5961; Rev 1; 9/11 |
|
MAX1226
|
394Kb / 23P |
12-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
2010 |