Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPS-9380VW-CXXG Fiches technique (PDF) - Optoway Technology Inc

SPS-9380VW-CXXG Datasheet PDF - Optoway Technology Inc
No de pièce SPS-9380VW-CXXG
Télécharger  SPS-9380VW-CXXG Télécharger
Taille du fichier   145.57 Kbytes
Page   5 Pages
Fabricant  OPTOWAY [Optoway Technology Inc]
Site Internet  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc
Description CWDM / 3 Gb/s Medium Power Single Optical SM Digital Diagnostic Transmitter

SPS-9380VW-CXXG Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
SPS-9380VW-CXXG Datasheet PDF - Optoway Technology Inc

No de pièce SPS-9380VW-CXXG
Télécharger  SPS-9380VW-CXXG Click to download

Taille du fichier   145.57 Kbytes
Page   5 Pages
Fabricant  OPTOWAY [Optoway Technology Inc]
Site Internet  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc
Description CWDM / 3 Gb/s Medium Power Single Optical SM Digital Diagnostic Transmitter

SPS-9380VW-CXXG Fiches technique (HTML) - Optoway Technology Inc


SPS-9380VW-CXXG Détails du produit

DESCRIPTION
The SPS-9380VW-CXXG is a single channel optical single mode transmitter module designed to transmit optical serial digital signals as defined in SMPTE 297-2006. It supports from 50 Mbps to 3 Gbps and is specifically designed for transmitted the SMPTE 259M, SMPTE 344M, SMPTE 292M and SMPTE 424M SDI pathological patterns. It is with the SFP 20-pin connector to allow hot plug capability. Digital diagnostic functions are available via an I2C. It is with a CWDM DFB laser transmitters. There are eighteen wavelengths available from 1270 nm to 1610 nm, with each step 20 nm.

FEATURES
● SMPTE 297-2006 Compatible
● Designed for Dispersion Penalty 1600 ps/nm
● Speed from 50 Mbps to 3 Gbps
● Support Video Pathological Patterns for SD-SDI, HD-SDI and 3G-SDI
● Single CWDM Transmitter: 1270 nm to 1610 nm
● Based on Industry Standard SFP
● SFF-8472 Digital Diagnostic Function
● Two Independent TTL Laser Disable Input
● Single +3.3 V Power Supply
● RoHS-6 Compliant
● 0 to 70oC Operation
● Hot Pluggable
● Class 1 Laser International Safety Standard IEC-60825 Compliant

APPLICATIONS
● SMPTE 297-2006 Compliant Electrical-to-Optical Interfaces
● High-density Video Routers




Numéro de pièce similaire - SPS-9380VW-CXXG

FabricantNo de pièceFiches techniqueDescription
logo
Optoway Technology Inc
SPS-9380VW-CXXG OPTOWAY-SPS-9380VW-CXXG_15 Datasheet
145Kb / 5P
3 Gb/s Medium Power Single Optical SM Digital Diagnostic Transmitter
SPS-9380VW-CXXG_2015 OPTOWAY-SPS-9380VW-CXXG_2015 Datasheet
145Kb / 5P
3 Gb/s Medium Power Single Optical SM Digital Diagnostic Transmitter
More results


Description similaire - SPS-9380VW-CXXG

FabricantNo de pièceFiches techniqueDescription
logo
Optoway Technology Inc
SPS-9330VW-CXXG OPTOWAY-SPS-9330VW-CXXG Datasheet
145Kb / 5P
CWDM / 3 Gb/s Medium Power Single Optical SM Digital Diagnostic Transmitter
SPS-9310VW-CXX1RG OPTOWAY-SPS-9310VW-CXX1RG Datasheet
154Kb / 6P
CWDM / 3 Gb/s Medium Power Optical SM Digital Diagnostic Transmitter/Receiver
SPS-9310VW-CXXG OPTOWAY-SPS-9310VW-CXXG Datasheet
146Kb / 5P
CWDM / 3 Gb/s Medium Power Single Optical SM Digital Diagnostic Transmitter
SPS-9330VW-CXX1RG OPTOWAY-SPS-9330VW-CXX1RG Datasheet
154Kb / 6P
CWDM / 3 Gb/s Medium Power Optical SM Digital Diagnostic Transmitter/Receiver
SPS-9350VW-CXX1RG OPTOWAY-SPS-9350VW-CXX1RG Datasheet
154Kb / 6P
CWDM / 3 Gb/s Medium Power Optical SM Digital Diagnostic Transmitter/Receiver
SPS-9350VW-CXXG OPTOWAY-SPS-9350VW-CXXG Datasheet
145Kb / 5P
CWDM / 3 Gb/s Medium Power Single Optical SM Digital Diagnostic Transmitter
SPS-9380VW-CXX1RG OPTOWAY-SPS-9380VW-CXX1RG Datasheet
154Kb / 6P
CWDM / 3 Gb/s Medium Power Optical SM Digital Diagnostic Transmitter/Receiver
SPS-9380VW-1TG_2015 OPTOWAY-SPS-9380VW-1TG_2015 Datasheet
141Kb / 5P
3 Gb/s Medium Power Single Optical SM Digital Diagnostic Transmitter
SPS-9380VW-CXXG_2015 OPTOWAY-SPS-9380VW-CXXG_2015 Datasheet
145Kb / 5P
3 Gb/s Medium Power Single Optical SM Digital Diagnostic Transmitter
SPS-9330VW-CXXG OPTOWAY-SPS-9330VW-CXXG_15 Datasheet
146Kb / 5P
3 Gb/s Medium Power Single Optical SM Digital Diagnostic Transmitter
More results



Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com