Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F100C4T7BTR Fiches technique (PDF) - STMicroelectronics

STM32F100C4T7BTR Datasheet PDF - STMicroelectronics
No de pièce STM32F100C4T7BTR
Télécharger  STM32F100C4T7BTR Télécharger
Taille du fichier   1153.61 Kbytes
Page   84 Pages
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Low & medium-density value line, advanced ARM-based 32-bit MCU Low & medium-density value line, advanced ARM-based 32-bit MCU

STM32F100C4T7BTR Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
STM32F100C4T7BTR Datasheet PDF - STMicroelectronics

No de pièce STM32F100C4T7BTR
Télécharger  STM32F100C4T7BTR Click to download

Taille du fichier   1153.61 Kbytes
Page   84 Pages
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Low & medium-density value line, advanced ARM-based 32-bit MCU Low & medium-density value line, advanced ARM-based 32-bit MCU

STM32F100C4T7BTR Fiches technique (HTML) - STMicroelectronics


STM32F100C4T7BTR Détails du produit

Introduction
This datasheet provides the ordering information and mechanical device characteristics of the STM32F100x4, STM32F100x6, STM32F100x8 and STM32F100xB microcontrollers.
In the rest of the document, the STM32F100x4 and STM32F100x6 are referred to as low-density devices while the STM32F100x8 and STM32F100xB are identified as medium-density devices.

Features
• Core: ARM® 32-bit Cortex®-M3 CPU
   – 24 MHz maximum frequency, 1.25 DMIPS/MHz (Dhrystone 2.1) performance
   – Single-cycle multiplication and hardware division
• Memories
   – 16 to 128 Kbytes of Flash memory
   – 4 to 8 Kbytes of SRAM
• Clock, reset and supply management
   – 2.0 to 3.6 V application supply and I/Os
   – POR, PDR and programmable voltage detector (PVD)
   – 4-to-24 MHz crystal oscillator
   – Internal 8 MHz factory-trimmed RC
   – Internal 40 kHz RC
   – PLL for CPU clock
   – 32 kHz oscillator for RTC with calibration
• Low power
   – Sleep, Stop and Standby modes
   – VBAT supply for RTC and backup registers
• Debug mode
   – Serial wire debug (SWD) and JTAG interfaces
• DMA
   – 7-channel DMA controller
   – Peripherals supported: timers, ADC, SPIs, I2Cs, USARTs and DACs
• 1 × 12-bit, 1.2 µs A/D converter (up to 16 channels)
   – Conversion range: 0 to 3.6 V
   – Temperature sensor
• 2 × 12-bit D/A converters
• Up to 80 fast I/O ports
   – 37/51/80 I/Os, all mappable on 16 external interrupt vectors and almost all 5 V-tolerant
• Up to 12 timers
   – Up to three 16-bit timers, each with up to 4 IC/OC/PWM or pulse counter
   – 16-bit, 6-channel advanced-control timer: up to 6 channels for PWM output, dead time generation and emergency stop
   – One 16-bit timer, with 2 IC/OC, 1 OCN/PWM, dead-time generation and emergency stop
   – Two 16-bit timers, each with IC/OC/OCN/PWM, dead-time generation and emergency stop
   – 2 watchdog timers (Independent and Window)
   – SysTick timer: 24-bit downcounter
   – Two 16-bit basic timers to drive the DAC
• Up to 8 communications interfaces
   – Up to two I2C interfaces (SMBus/PMBus)
   – Up to 3 USARTs (ISO 7816 interface, LIN, IrDA capability, modem control)
   – Up to 2 SPIs (12 Mbit/s)
   – Consumer electronics control (CEC) interface
• CRC calculation unit, 96-bit unique ID
• ECOPACK® packages




Numéro de pièce similaire - STM32F100C4T7BTR

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STM32F100C STMICROELECTRONICS-STM32F100C Datasheet
1Mb / 98P
High-density value line, advanced ARM-based 32-bit MCU with 256 to 512 KB Flash, 16 timers, ADC, DAC & 11 comm interfaces
17-Sep-2012
More results


Description similaire - STM32F100C4T7BTR

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STM32F051X4 STMICROELECTRONICS-STM32F051X4 Datasheet
1Mb / 104P
Low- and medium-density advanced ARM??based 32-bit MCU
23-Jul-2012
STM32F100RC STMICROELECTRONICS-STM32F100RC Datasheet
1Mb / 98P
High-density value line, advanced ARM-based 32-bit MCU
17-Sep-2012
CD00161566 STMICROELECTRONICS-CD00161566 Datasheet
1Mb / 105P
Medium-density performance line ARM-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 com. interfaces
05-Aug-2013
CD00191174 STMICROELECTRONICS-CD00191174 Datasheet
1Mb / 112P
High-density access line, ARM-based 32-bit MCU
19-Apr-2011
CD00253742 STMICROELECTRONICS-CD00253742 Datasheet
2Mb / 120P
XL-density performance line ARM-based 32-bit MCU
18-Jan-2012
STM32F103VFT6 STMICROELECTRONICS-STM32F103VFT6 Datasheet
2Mb / 120P
XL-density performance line ARM-based 32-bit MCU
18-Jan-2012
STM32F103VFT6TR STMICROELECTRONICS-STM32F103VFT6TR Datasheet
2Mb / 120P
XL-density performance line ARM-based 32-bit MCU
18-Jan-2012
STM32F103ZET7 STMICROELECTRONICS-STM32F103ZET7 Datasheet
1Mb / 130P
High-density performance line ARM-based 32-bit MCU
19-Apr-2011
STM32F107VBT6 STMICROELECTRONICS-STM32F107VBT6 Datasheet
1Mb / 103P
Connectivity line, ARM-based 32-bit MCU
01-Aug-2011
logo
List of Unclassifed Man...
XPT32P001 ETC2-XPT32P001 Datasheet
345Kb / 1P
ARM-based 32-bit MCU
More results




À propos de STMicroelectronics


Stmicroelectronics est un fabricant multinational d'électronique et de semi-conducteurs basé à Genève, en Suisse.

La société propose une large gamme de produits, notamment des microcontrôleurs, des capteurs, des amplificateurs de puissance et des circuits intégrés pour diverses applications sur les marchés automobiles, industriels et consommateurs.

Fondée en 1987, Stmicroelectronics a des opérations dans plus de 100 pays et est l'une des plus grandes sociétés de semi-conducteurs au monde.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.