Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EN25Q16 Fiches technique (PDF) - Eon Silicon Solution Inc.

EN25Q16 Datasheet PDF - Eon Silicon Solution Inc.
No de pièce EN25Q16
Télécharger  EN25Q16 Télécharger
Taille du fichier   754.19 Kbytes
Page   40 Pages
Fabricant  EON [Eon Silicon Solution Inc.]
Site Internet  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.
Description 16 Megabit Serial Flash Memory with 4Kbyte Uniform Sector

EN25Q16 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
EN25Q16 Datasheet PDF - Eon Silicon Solution Inc.

No de pièce EN25Q16
Télécharger  EN25Q16 Click to download

Taille du fichier   754.19 Kbytes
Page   40 Pages
Fabricant  EON [Eon Silicon Solution Inc.]
Site Internet  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.
Description 16 Megabit Serial Flash Memory with 4Kbyte Uniform Sector

EN25Q16 Fiches technique (HTML) - Eon Silicon Solution Inc.


EN25Q16 Détails du produit

GENERAL DESCRIPTION

The EN25Q16 is a 16-Megabit (2048K-byte) Serial Flash memory, with advanced write protection

mechanisms. The EN25Q16 supports the standard Serial Peripheral Interface (SPI), and a high performance Dual/Quad output as well as Dual/Quad I/O using SPI pins: Serial Clock, Chip Select, Serial DQ0(DI), DQ1(DO), DQ2(WP#) and DQ3(NC). SPI clock frequencies of up to 80MHz are supported allowing equivalent clock rates of 160MHz for Dual Output and 320MHz for Quad Output when using the Dual/Quad Output Fast Read instructions. The memory can be programmed 1 to 256 bytes at a time, using the Page Program instruction.



FEATURES

Single power supply operation

- Full voltage range: 2.7-3.6 volt

Serial Interface Architecture

- SPI Compatible: Mode 0 and Mode 3

16 Mbit Serial Flash

- 16 M-bit/2048 K-byte/8192 pages

- 256 bytes per programmable page

Standard, Dual or Quad SPI

- Standard SPI: CLK, CS#, DI, DO, WP#

- Dual SPI: CLK, CS#, DQ0, DQ1, WP#

- Quad SPI: CLK, CS#, DQ0, DQ1, DQ2, DQ3

High performance

- 100MHz clock rate for one data bit

- 80MHz clock rate for two data bits

- 80MHz clock rate for four data bits

Low power consumption

- 12 mA typical active current

- 1 μA typical power down current

Uniform Sector Architecture:

- 512 sectors of 4-Kbyte

- 32 blocks of 64-Kbyte

- Any sector or block can be erased individually


Software and Hardware Write Protection:

- Write Protect all or portion of memory via

software

- Enable/Disable protection with WP# pin

High performance program/erase speed

- Page program time: 1.3ms typical

- Sector erase time: 90ms typical

- Block erase time 400ms typical

- Chip erase time: 12 seconds typical

Lockable 128 byte OTP security sector

Minimum 100K endurance cycle

Package Options

- 8 pins SOP 150mil body width

- 8 pins SOP 200mil body width

- 8 contact VDFN

- 8 pins PDIP

- All Pb-free packages are RoHS compliant

Industrial temperature Range




Numéro de pièce similaire - EN25Q16

FabricantNo de pièceFiches techniqueDescription
logo
Eon Silicon Solution In...
EN25Q16A EON-EN25Q16A Datasheet
1Mb / 53P
16 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25Q16A-104GIP EON-EN25Q16A-104GIP Datasheet
1Mb / 53P
16 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25Q16A-104HIP EON-EN25Q16A-104HIP Datasheet
1Mb / 53P
16 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25Q16A-104QIP EON-EN25Q16A-104QIP Datasheet
1Mb / 53P
16 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25Q16A-104WIP EON-EN25Q16A-104WIP Datasheet
1Mb / 53P
16 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
More results


Description similaire - EN25Q16

FabricantNo de pièceFiches techniqueDescription
logo
Eon Silicon Solution In...
EN25Q16A EON-EN25Q16A Datasheet
1Mb / 53P
16 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25QH16 EON-EN25QH16 Datasheet
1Mb / 62P
16 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25S16 EON-EN25S16 Datasheet
1Mb / 58P
16 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25F10A EON-EN25F10A Datasheet
1Mb / 62P
1 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25Q16B EON-EN25Q16B Datasheet
1Mb / 62P
16 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25QH16A EON-EN25QH16A Datasheet
1Mb / 66P
16 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25QH32A EON-EN25QH32A Datasheet
1Mb / 63P
32 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25S16A EON-EN25S16A Datasheet
1Mb / 70P
16 Megabit 1.8V Serial Flash Memory with 4Kbyte Uniform Sector
EN25Q40A EON-EN25Q40A Datasheet
1Mb / 64P
4 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25QH128A EON-EN25QH128A Datasheet
1Mb / 75P
128 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
More results



Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com