Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HM5264165F-75 Fiches technique (PDF) - Elpida Memory

HM5264165F-75 Datasheet PDF - Elpida Memory
No de pièce HM5264165F-75
Télécharger  HM5264165F-75 Télécharger
Taille du fichier   514.14 Kbytes
Page   65 Pages
Fabricant  ELPIDA [Elpida Memory]
Site Internet  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory
Description 64M LVTTL interface SDRAM 133 MHz/100 MHz 1-Mword16-bit4-bank/2-Mword8-bit4-bank /4-Mword4-bit4-bank PC/133, PC/100 SDRAM

HM5264165F-75 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
HM5264165F-75 Datasheet PDF - Elpida Memory

No de pièce HM5264165F-75
Télécharger  HM5264165F-75 Click to download

Taille du fichier   514.14 Kbytes
Page   65 Pages
Fabricant  ELPIDA [Elpida Memory]
Site Internet  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory
Description 64M LVTTL interface SDRAM 133 MHz/100 MHz 1-Mword16-bit4-bank/2-Mword8-bit4-bank /4-Mword4-bit4-bank PC/133, PC/100 SDRAM

HM5264165F-75 Fiches technique (HTML) - Elpida Memory


HM5264165F-75 Détails du produit

Description

The HM5264165F is a 64-Mbit SDRAM organized as 1048576-word × 16-bit × 4 bank. The HM5264805F is a 64-Mbit SDRAM organized as 2097152-word × 8-bit × 4 bank. The HM5264405F is a 64-Mbit SDRAM organized as 4194304-word × 4-bit × 4 bank. All inputs and outputs are referred to the rising edge of the clock input. It is packaged in standard 54-pin plastic TSOP II.



Features

• 3.3 V power supply

• Clock frequency: 133 MHz/100 MHz (max)

• LVTTL interface

• Single pulsed RAS

• 4 banks can operate simultaneously and independently

• Burst read/write operation and burst read/single write operation capability

• Programmable burst length: 1/2/4/8/full page

• 2 variations of burst sequence

- Sequential (BL = 1/2/4/8/full page)

- Interleave (BL = 1/2/4/8)

• Programmable CAS latency: 2/3

• Byte control by DQM:DQM (HM5264805F/HM5264405F) DQMU/DQML (HM5264165F)

• Refresh cycles: 4096 refresh cycles/64 ms

• 2 variations of refresh

- Auto refresh

- Self refresh

• Full page burst length capability

- Sequential burst

- Burst stop capability



 




Numéro de pièce similaire - HM5264165F-75

FabricantNo de pièceFiches techniqueDescription
logo
Hitachi Semiconductor
HM5264165F-75 HITACHI-HM5264165F-75 Datasheet
870Kb / 67P
64M LVTTL interface SDRAM 133 MHz/100 MHz
More results


Description similaire - HM5264165F-75

FabricantNo de pièceFiches techniqueDescription
logo
Elpida Memory
HM5225165B ELPIDA-HM5225165B Datasheet
462Kb / 63P
256M LVTTL interface SDRAM 133 MHz/100 MHz 4-Mword 횞 16-bit 횞 4-bank/8-Mword 횞 8-bit 횞 4-bank /16-Mword 횞 4-bit 횞 4-bank PC/133, PC/100 SDRAM
HM5257165B ELPIDA-HM5257165B Datasheet
463Kb / 62P
512M LVTTL interface SDRAM 133 MHz/100 MHz 8-Mword 횞 16-bit 횞 4-bank/16-Mword 횞 8-bit 횞 4-bank /32-Mword 횞 4-bit 횞 4-bank PC/133, PC/100 SDRAM
HM5259165B ELPIDA-HM5259165B Datasheet
368Kb / 63P
512M LVTTL interface SDRAM 133 MHz/100 MHz 8-Mword 횞 16-bit 횞 4-bank/16-Mword 횞 8-bit 횞 4-bank /32-Mword 횞 4-bit 횞 4-bank PC/133, PC/100 SDRAM
HM5425161B ELPIDA-HM5425161B Datasheet
489Kb / 65P
256M SSTL_2 interface DDR SDRAM 143 MHz/133 MHz/125 MHz/100 MHz 4-Mword 횞 16-bit 횞 4-bank/8-Mword 횞 8-bit 횞 4-bank/ 16-Mword 횞 4-bit 횞 4-bank
logo
Hitachi Semiconductor
HM5225645F HITACHI-HM5225645F Datasheet
81Kb / 16P
256M LVTTL interface SDRAM 100 MHz 1-Mword x 64-bit x 4-bank/2-Mword x 32-bit x 4-bank PC/100 SDRAM
HM5212165F HITACHI-HM5212165F Datasheet
859Kb / 63P
128M LVTTL interface SDRAM 133 MHz/100 MHz 2-Mword X 16-bit X 4-bank/4-Mword X 8-bit X 4-bank PC/133, PC/100 SDRAM
logo
Elpida Memory
HM5212165FTD-75 ELPIDA-HM5212165FTD-75 Datasheet
570Kb / 62P
128M LVTTL interface SDRAM 133 MHz/100 MHz 2-Mword 횞 16-bit 횞 4-bank/4-Mword 횞 8-bit 횞 4-bank PC/133, PC/100 SDRAM
HM5212165FLTD-75 ELPIDA-HM5212165FLTD-75 Datasheet
645Kb / 62P
128M LVTTL interface SDRAM 133 MHz/100 MHz 2-Mword 횞 16-bit 횞 4-bank/4-Mword 횞 8-bit 횞 4-bank PC/133, PC/100 SDRAM
HM52Y25165B-B6 ELPIDA-HM52Y25165B-B6 Datasheet
363Kb / 60P
256M SDRAM 100 MHz 4-Mword 횞 16-bit 횞 4-bank /16-Mword 횞 4-bit 횞 4-bank
HB52F168GB-B ELPIDA-HB52F168GB-B Datasheet
135Kb / 19P
128 MB Unbuffered SDRAM Micro DIMM 16-Mword 횞 64-bit, 133/100 MHz Memory Bus, 1-Bank Module (4 pcs of 16 M 횞 16 components) PC133/100 SDRAM
More results



Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com