Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2793 Fiches technique (PDF) - KR Electronics, Inc.

2793 Datasheet PDF - KR Electronics, Inc.
No de pièce 2793
Télécharger  2793 Télécharger
Taille du fichier   50.51 Kbytes
Page   2 Pages
Fabricant  KR [KR Electronics, Inc.]
Site Internet  http://www.krfilters.com
Logo KR - KR Electronics, Inc.
Description diplexer with band 1 from 174 to 240 MHz and band 2 from 88 to 180 MHz

2793 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
2793 Datasheet PDF - KR Electronics, Inc.

No de pièce 2793
Télécharger  2793 Click to download

Taille du fichier   50.51 Kbytes
Page   2 Pages
Fabricant  KR [KR Electronics, Inc.]
Site Internet  http://www.krfilters.com
Logo KR - KR Electronics, Inc.
Description diplexer with band 1 from 174 to 240 MHz and band 2 from 88 to 180 MHz

2793 Fiches technique (HTML) - KR Electronics, Inc.




Numéro de pièce similaire - 2793

FabricantNo de pièceFiches techniqueDescription
logo
Heyco.
2793 HEYCO-2793 Datasheet
111Kb / 1P
Vent Plugs and Thick Panel Vent Plugs
logo
Adafruit Industries
2793 ADAFRUIT-2793 Datasheet
572Kb / 2P
RCA (Composite Video, Audio) Female Jack Terminal Block
7-25-17
logo
Bel Fuse Inc.
2793A BEL-2793A Datasheet
31Kb / 2P
MODEM MAGNETICS European V.34 Modem Transformer
More results


Description similaire - 2793

FabricantNo de pièceFiches techniqueDescription
logo
ASM GmbH
3276 ASM-SENSOR-3276 Datasheet
986Kb / 8P
Wide-band Models from DC to 100 MHz
logo
Pasternack Enterprises,...
PE8600 PASTERNACK-PE8600 Datasheet
223Kb / 3P
50 Ohm SMA Frequency Doubler With Input From 1500 MHz To 5000 MHz And Output From 3000 MHz To 10000 MHz With 8.5 dB Conversion Loss
PE8602 PASTERNACK-PE8602 Datasheet
221Kb / 3P
50 Ohm SMA Frequency Doubler With Input From 4000 MHz To 9000 MHz And Output From 8000 MHz
PE8603 PASTERNACK-PE8603 Datasheet
222Kb / 3P
50 Ohm SMA Frequency Doubler With Input From 9000 MHz To 13000 MHz And Output From 18000 MHz To 26000 MHz With 10 dB Conversion Loss
logo
M/A-COM Technology Solu...
MABA-000001-50KIT1 MA-COM-MABA-000001-50KIT1 Datasheet
112Kb / 1P
transformers ranging from 1 to 3000 MHz
logo
Texas Instruments
TMS570 TI1-TMS570_14 Datasheet
232Kb / 4P
Flash options from 256 KB to 4 MB and performance from 80 MHz to 300 MHz
logo
Taoglas antenna solutio...
ISA.06.A.301111 TAOGLAS-ISA.06.A.301111 Datasheet
725Kb / 10P
Wide-band response from 400Mhz to 470MHz
logo
Pasternack Enterprises,...
PE2CP1032 PASTERNACK-PE2CP1032 Datasheet
538Kb / 6P
90 Degree Drop-In Hybrid Coupler From 130 MHz to 180 MHz Rated To 200 Watts
PE2CP1033 PASTERNACK-PE2CP1033 Datasheet
543Kb / 6P
90 Degree Drop-In Hybrid Coupler From 130 MHz to 180 MHz Rated To 800 Watts
logo
ASM GmbH
3273-50 ASM-SENSOR-3273-50 Datasheet
1Mb / 8P
Wide-band Models from DC to 100 MHz
More results



Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com