Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

A3P030-2FG144ES Fiches technique (PDF) - Actel Corporation

A3P030-2FG144ES Datasheet PDF - Actel Corporation
No de pièce A3P030-2FG144ES
Télécharger  A3P030-2FG144ES Télécharger
Taille du fichier   5947.19 Kbytes
Page   206 Pages
Fabricant  ACTEL [Actel Corporation]
Site Internet  http://www.actel.com
Logo ACTEL - Actel Corporation
Description ProASIC3 Flash Family FPGAs

A3P030-2FG144ES Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
A3P030-2FG144ES Datasheet PDF - Actel Corporation

No de pièce A3P030-2FG144ES
Télécharger  A3P030-2FG144ES Click to download

Taille du fichier   5947.19 Kbytes
Page   206 Pages
Fabricant  ACTEL [Actel Corporation]
Site Internet  http://www.actel.com
Logo ACTEL - Actel Corporation
Description ProASIC3 Flash Family FPGAs

A3P030-2FG144ES Fiches technique (HTML) - Actel Corporation


A3P030-2FG144ES Détails du produit

General Description
ProASIC3, the third-generation family of Actel flash FPGAs, offers performance, density, and features beyond those of the ProASICPLUS® family. Nonvolatile flash technology gives ProASIC3 devices the advantage of being a secure, low-power, single-chip solution that is live at power-up (LAPU). ProASIC3 is reprogrammable and offers time-to-market benefits at an ASIC-level unit cost. These features enable designers to create high-density systems using existing ASIC or FPGA design flows and tools.

Features and Benefits
High Capacity
• 15 k to 1 M System Gates
• Up to 144 kbits of True Dual-Port SRAM
• Up to 300 User I/Os

Reprogrammable Flash Technology
• 130-nm, 7-Layer Metal (6 Copper), Flash-Based CMOS Process
• Live at Power-Up (LAPU) Level 0 Support
• Single-Chip Solution
• Retains Programmed Design when Powered Off

High Performance
• 350 MHz System Performance
• 3.3 V, 66 MHz 64-Bit PCI†

In-System Programming (ISP) and Security
• Secure ISP Using On-Chip 128-Bit Advanced Encryption Standard (AES) Decryption (except ARM-enabled ProASIC®3 devices) via JTAG (IEEE 1532–compliant)†
• FlashLock® to Secure FPGA Contents

Low Power
• Core Voltage for Low Power
• Support for 1.5 V-Only Systems
• Low-Impedance Flash Switches

High-Performance Routing Hierarchy
• Segmented, Hierarchical Routing and Clock Structure

Advanced I/O
• 700 Mbps DDR, LVDS-Capable I/Os (A3P250 and above)
• 1.5 V, 1.8 V, 2.5 V, and 3.3 V Mixed-Voltage Operation
• Bank-Selectable I/O Voltages—up to 4 Banks per Chip
• Single-Ended I/O Standards: LVTTL, LVCMOS 3.3 V / 2.5 V / 1.8 V / 1.5 V, 3.3 V PCI / 3.3 V PCI-X† and LVCMOS 2.5 V / 5.0 V Input
• Differential I/O Standards: LVPECL, LVDS, B-LVDS, and M-LVDS (A3P250 and above)
• I/O Registers on Input, Output, and Enable Paths
• Hot-Swappable and Cold Sparing I/Os‡
• Programmable Output Slew Rate† and Drive Strength
• Weak Pull-Up/-Down
• IEEE 1149.1 (JTAG) Boundary Scan Test
• Pin-Compatible Packages across the ProASIC3 Family

Clock Conditioning Circuit (CCC) and PLL†
• Six CCC Blocks, One with an Integrated PLL
• Configurable Phase-Shift, Multiply/Divide, Delay Capabilities and External Feedback
• Wide Input Frequency Range (1.5 MHz to 350 MHz)

Embedded Memory†
• 1 kbit of FlashROM User Nonvolatile Memory
• SRAMs and FIFOs with Variable-Aspect-Ratio 4,608-Bit RAM Blocks (×1, ×2, ×4, ×9, and ×18 organizations)†
• True Dual-Port SRAM (except ×18)

ARM Processor Support in ProASIC3 FPGAs
• M1 and M7 ProASIC3 Devices—Cortex-M1 and CoreMP7 Soft Processor Available with or without Debug




Numéro de pièce similaire - A3P030-2FG144ES

FabricantNo de pièceFiches techniqueDescription
logo
Microsemi Corporation
A3P030-2FG144ES MICROSEMI-A3P030-2FG144ES Datasheet
10Mb / 220P
ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
More results


Description similaire - A3P030-2FG144ES

FabricantNo de pièceFiches techniqueDescription
logo
Actel Corporation
A3P1000-1FGG144T ACTEL-A3P1000-1FGG144T Datasheet
4Mb / 136P
Automotive ProASIC3 Flash Family FPGAs
logo
Microsemi Corporation
A3PN015-QNG68 MICROSEMI-A3PN015-QNG68 Datasheet
5Mb / 114P
ProASIC3 nano Flash FPGAs
A3PN125-VQG100I MICROSEMI-A3PN125-VQG100I Datasheet
5Mb / 114P
ProASIC3 nano Flash FPGAs
A3PN030-ZVQG100 MICROSEMI-A3PN030-ZVQG100 Datasheet
5Mb / 114P
ProASIC3 nano Flash FPGAs
A3P250-1PQ208 MICROSEMI-A3P250-1PQ208 Datasheet
10Mb / 220P
ProASIC3 Flash Family FPGAs
A3PN125-ZVQG100 MICROSEMI-A3PN125-ZVQG100 Datasheet
5Mb / 114P
ProASIC3 nano Flash FPGAs
A3PN030-ZQNG48 MICROSEMI-A3PN030-ZQNG48 Datasheet
5Mb / 114P
ProASIC3 nano Flash FPGAs
A3PN060-ZVQG100 MICROSEMI-A3PN060-ZVQG100 Datasheet
5Mb / 114P
ProASIC3 nano Flash FPGAs
A3PN060-VQG100I MICROSEMI-A3PN060-VQG100I Datasheet
5Mb / 114P
ProASIC3 nano Flash FPGAs
logo
Actel Corporation
A3PN010 ACTEL-A3PN010 Datasheet
3Mb / 106P
ProASIC3 nano Flash FPGAs
More results




À propos de Actel Corporation


Actel Corporation was a semiconductor company that specialized in designing and manufacturing low-power, high-performance field-programmable gate arrays (FPGAs). The company was founded in 1985 and was headquartered in Mountain View, California, USA.

Actel's FPGAs were used in a variety of applications, including aerospace and defense, automotive, communications, industrial automation, and medical devices. The company's products were known for their low power consumption, high reliability, and security features, which made them well-suited for use in mission-critical applications.

In 2010, Actel Corporation was acquired by Microsemi Corporation, which is now a subsidiary of Microchip Technology. Today, Microchip Technology continues to offer Actel's FPGA products under the SmartFusion brand name.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.




Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com