Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GBJ15005 Fiches technique (PDF) - TAITRON Components Incorporated

GBJ15005 Datasheet PDF - TAITRON Components Incorporated
No de pièce GBJ15005
Télécharger  GBJ15005 Télécharger
Taille du fichier   262.39 Kbytes
Page   4 Pages
Fabricant  TAITRON [TAITRON Components Incorporated]
Site Internet  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated
Description Single-Phase Glass Passivated Bridge Rectifier

GBJ15005 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
GBJ15005 Datasheet PDF - TAITRON Components Incorporated

No de pièce GBJ15005
Télécharger  GBJ15005 Click to download

Taille du fichier   262.39 Kbytes
Page   4 Pages
Fabricant  TAITRON [TAITRON Components Incorporated]
Site Internet  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated
Description Single-Phase Glass Passivated Bridge Rectifier

GBJ15005 Fiches technique (HTML) - TAITRON Components Incorporated


GBJ15005 Détails du produit

Single-Phase Glass Passivated Bridge Rectifier



Features

•Plastic package has Underwriters Laboratory Flammability Classification 94 V-0

•Glass passivated die construction

•High case dielectric strength of 1500 VRMS

•Low reverse leakage current

•Ideal for printed circuit boards

•Surge overload rating to 240A Peak

•This series is UL recognized under component index, File number E194718

•RoHS Compliant




Numéro de pièce similaire - GBJ15005

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
GBJ15005 DIODES-GBJ15005 Datasheet
62Kb / 2P
15A GLASS PASSIVATED BRIDGE RECTIFIER
DS21219 Rev. D-2
logo
Micro Commercial Compon...
GBJ15005 MCC-GBJ15005 Datasheet
91Kb / 2P
15 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
List of Unclassifed Man...
GBJ15005 ETC-GBJ15005 Datasheet
87Kb / 2P
Single Phase Bridge Rectifiers
logo
Diodes Incorporated
GBJ15005 DIODES-GBJ15005 Datasheet
82Kb / 3P
15A GLASS PASSIVATED BRIDGE RECTIFIER
DS21219 Rev. 7 - 2
logo
Sirectifier Semiconduct...
GBJ15005 SIRECTIFIER-GBJ15005 Datasheet
60Kb / 2P
Single Phase Bridge Rectifiers
More results


Description similaire - GBJ15005

FabricantNo de pièceFiches techniqueDescription
logo
Zowie Technology Corpor...
GBU6A ZOWIE-GBU6A Datasheet
54Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
W005 CHENYI-W005 Datasheet
140Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
General Semiconductor
2KBP005M GE-2KBP005M Datasheet
79Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
2W005G GE-2W005G Datasheet
123Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
G5SBA20 GE-G5SBA20 Datasheet
113Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
GBU4A GE-GBU4A Datasheet
88Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
GBPC6 VISHAY-GBPC6 Datasheet
84Kb / 3P
Glass Passivated Single-Phase Bridge Rectifier
10-Dec-04
3KBP005M VISHAY-3KBP005M Datasheet
93Kb / 3P
Glass Passivated Single-Phase Bridge Rectifier
03-Dec-04
G2SB60 VISHAY-G2SB60 Datasheet
32Kb / 2P
Glass Passivated Single-Phase Bridge Rectifier
21-Mar-02
KBP005M VISHAY-KBP005M Datasheet
96Kb / 3P
Glass Passivated Single-Phase Bridge Rectifier
03-Dec-04
More results



Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com