Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS393 Fiches technique (PDF) - BCD Semiconductor Manufacturing Limited

AS393 Datasheet PDF - BCD Semiconductor Manufacturing Limited
No de pièce AS393
Télécharger  AS393 Télécharger
Taille du fichier   428.88 Kbytes
Page   14 Pages
Fabricant  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Site Internet  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited
Description LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS

AS393 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
AS393 Datasheet PDF - BCD Semiconductor Manufacturing Limited

No de pièce AS393
Télécharger  AS393 Click to download

Taille du fichier   428.88 Kbytes
Page   14 Pages
Fabricant  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Site Internet  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited
Description LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS

AS393 Fiches technique (HTML) - BCD Semiconductor Manufacturing Limited


AS393 Détails du produit

General Description
The AS393/393A consist of two independent precision
voltage comparators with a typical offset voltage of
1.0mV and high gain. They are specifically designed to
operate from a single power supply over wide range of
voltages. Operation from split power supply is also
possible and the low power supply current drain is
independent of the magnitude of the power supply
voltage.
The AS393/393A series are compatible with industry
standard 393. AS393A has more stringent input offset
voltage than AS393.
The AS393 is available in standard DIP-8, TDIP-8,
SOIC-8, TSSOP-8 and MSOP-8 packages, AS393A is
available in standard DIP-8 and SOIC-8 packages.

Features
· Wide Supply Voltage Range
- Single Supply: 2.0V to 36V
- Dual Supplies: ±1.0V to ±18V
· Low Supply Current Drain: 0.6mA
· Low Input Bias Current: 25nA (Typical)
· Low Input Offset Current: ±5.0nA (Typical)
· Low Input Offset Voltage: 1.0mV (Typical)
· Input Common Mode Voltage Range Includes
Ground
· Differential Input Voltage Range Equals to the
Power Supply Voltage
· Low Output Saturation Voltage: 200mV at 4mA
· Open Collector Output

Applications
· Battery Charger
· Cordless Telephone
· Switching Power Supply
· DC-DC Module
· PC Motherboard
· Communication Equipment




Numéro de pièce similaire - AS393

FabricantNo de pièceFiches techniqueDescription
logo
BCD Semiconductor Manuf...
AS393 BCDSEMI-AS393 Datasheet
65Kb / 2P
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
AS393 BCDSEMI-AS393 Datasheet
165Kb / 11P
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
Diodes Incorporated
AS393 DIODES-AS393 Datasheet
426Kb / 14P
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
September 2018 Rev. 3 - 2
logo
BCD Semiconductor Manuf...
AS393,393A BCDSEMI-AS393,393A Datasheet
759Kb / 14P
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
ams AG
AS3930 AMSCO-AS3930 Datasheet
1,008Kb / 33P
Single Channel Low Frequency Wakeup Receiver
More results


Description similaire - AS393

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
MNLM193A-X NSC-MNLM193A-X Datasheet
172Kb / 12P
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
List of Unclassifed Man...
AZ393 ETC1-AZ393 Datasheet
238Kb / 9P
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
BCD Semiconductor Manuf...
AS393 BCDSEMI-AS393 Datasheet
65Kb / 2P
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
AZ393 BCDSEMI-AZ393_06 Datasheet
238Kb / 10P
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
Taiwan Semiconductor Co...
TS393 TSC-TS393_09 Datasheet
244Kb / 7P
Low Power Low Offset Voltage Dual Comparators
logo
Texas Instruments
LM193-N TI1-LM193-N_15 Datasheet
1Mb / 29P
Low-Power, Low-Offset Voltage, Dual Comparators
logo
Guangdong Kexin Industr...
KM393N KEXIN-KM393N Datasheet
80Kb / 2P
Low Power Low Offset Voltage Dual Comparators
logo
ARTSCHIP ELECTRONICS CO...
LM193 ARTSCHIP-LM193 Datasheet
489Kb / 15P
Low Power Low Offset Voltage Dual Comparators
logo
AiT Semiconductor Inc.
AO393V AITSEMI-AO393V Datasheet
778Kb / 10P
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
REV1.0
logo
Diodes Incorporated
AS393 DIODES-AS393 Datasheet
426Kb / 14P
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
September 2018 Rev. 3 - 2
More results



Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com