Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

T2081 Fiches technique (PDF) - NXP Semiconductors

T2081 Datasheet PDF - NXP Semiconductors
No de pièce T2081
Télécharger  T2081 Télécharger
Taille du fichier   1623.57 Kbytes
Page   160 Pages
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description integrated multicore communications

T2081 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
T2081 Datasheet PDF - NXP Semiconductors

No de pièce T2081
Télécharger  T2081 Click to download

Taille du fichier   1623.57 Kbytes
Page   160 Pages
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description integrated multicore communications

T2081 Fiches technique (HTML) - NXP Semiconductors


T2081 Détails du produit

Features
• 4 e6500 cores built on Power Architecture®
technology sharing a 2 MB L2 cache
• 512 KB CoreNet platform cache (CPC)
• Hierarchical interconnect fabric
– CoreNet fabric supporting coherent and noncoherent
transactions with prioritization and
bandwidth allocation amongst CoreNet end-points
– Queue Manager (QMan) fabric supporting packetlevel
queue management and quality of service
scheduling
• One 32-/64-bit DDR3 SDRAM memory controller
– DDR3 and DDR3L with ECC and interleaving
support
– Memory pre-fetch engine
• Data Path Acceleration Architecture (DPAA)
incorporating acceleration for the following functions:
– Packet parsing, classification, and distribution
(Frame Manager 1.1)
– Queue management for scheduling, packet
sequencing, and congestion management (Queue
Manager 1.1)
– Hardware buffer management for buffer allocation
and de-allocation (Buffer Manager 1.1)
– Cryptography Acceleration (SEC 5.2)
– RegEx Pattern Matching Acceleration (PME 2.1)
– Decompression/Compression Acceleration (DCE
1.0)
• 8 SerDes lanes at up to 10 GHz
• 6 Ethernet interfaces, supporting combinations of:
– Up to two 10 Gbps Ethernet MACs
– Up to six 1 Gbps Ethernet MACs
– Up to two 2.5Gbps Ethernet MACs
– IEEE Std 1588™ support
• High-speed peripheral interfaces
– Four PCI Express controllers (two support PCIe 2.0
and two support PCIe 3.0)
• Additional peripheral interfaces
– Two high-speed USB 2.0 controllers with integrated
PHY
– Enhanced secure digital host controller (SD/MMC/
eMMC)
– Enhanced Serial peripheral interface (eSPI)
– Four I2C controllers
– Four 2-pin UARTs or two 4-pin UARTs
– Integrated flash controller supporting NAND and
NOR flash
• Three 8-channel DMA engines
• 780 FC-PBGA package, 23 mm x 23 mm, 0.8mm pitch




Numéro de pièce similaire - T2081

FabricantNo de pièceFiches techniqueDescription
logo
Amphenol Corporation
T2080 AMPHENOL-T2080 Datasheet
133Kb / 4P
Telaire Accessories
More results


Description similaire - T2081

FabricantNo de pièceFiches techniqueDescription
logo
Integrated Device Techn...
IDT79RC32332 IDT-IDT79RC32332 Datasheet
987Kb / 47P
IDT Interprise Integrated Communications Processor
RC32365 IDT-RC32365 Datasheet
626Kb / 44P
IDTTM InterpriseTM Integrated Communications Processor
79RC32435 IDT-79RC32435 Datasheet
877Kb / 53P
IDTTM InterpriseTM Integrated Communications Processor
79RC32334 IDT-79RC32334 Datasheet
744Kb / 30P
IDT Interprise Integrated Communications Processor
logo
Zilog, Inc.
Z16C3510VSG ZILOG-Z16C3510VSG Datasheet
2Mb / 63P
INTEGRATED SERIAL COMMUNICATIONS CONTROLLER
logo
Teledyne Technologies I...
T1042 TELEDYNE-T1042 Datasheet
1Mb / 174P
QorIQ Integrated Multicore Communications Processor
logo
Renesas Technology Corp
79RC32351 RENESAS-79RC32351 Datasheet
1Mb / 43P
IDTTM InterpriseTM Integrated Communications Processor
May 25, 2004
79RC32435 RENESAS-79RC32435 Datasheet
1Mb / 54P
IDTTM InterpriseTM Integrated Communications Processor
January 19, 2006
RC32336 RENESAS-RC32336 Datasheet
783Kb / 45P
IDTTM InterpriseTM Integrated Communications Processor
October 4, 2005
RC32365 RENESAS-RC32365 Datasheet
833Kb / 45P
IDTTM InterpriseTM Integrated Communications Processor
October 5, 2005
More results




À propos de NXP Semiconductors


NXP Semiconductors est une société multinationale cotée en bourse qui conçoit, développe et fabrique un large éventail de semi-conducteurs et de circuits intégrés pour diverses applications, y compris les marchés automobiles, industriels, de communications et de consommation.

La société a été fondée en 2006 et a son siège à Eindhoven, aux Pays-Bas.

NXP propose un large portefeuille de produits, notamment des microcontrôleurs, des microprocesseurs, des circuits intégrés d'authentification sécurisés, des ICS de gestion de l'alimentation, des composants RF et des micro-ondes et des solutions de capteurs, entre autres.

Les produits de l'entreprise sont conçus pour être économes en énergie, sécurisés et fiables, et sont utilisés dans une variété d'applications, y compris les systèmes automobiles, l'automatisation et le contrôle industriels, les maisons et les bâtiments intelligents et les appareils connectés.

NXP est dédié à l'innovation et à la satisfaction des clients, et s'engage à fournir à ses clients les meilleures solutions semi-conductrices pour répondre à leurs besoins.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.




Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com