Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RB24GD2002 Fiches technique (PDF) - E-SWITCH

RB24GD2002 Datasheet PDF - E-SWITCH
No de pièce RB24GD2002
Télécharger  RB24GD2002 Télécharger
Taille du fichier   1057.0 Kbytes
Page   6 Pages
Fabricant  E-SWITCH [E-SWITCH]
Site Internet  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH
Description RB 2 Series Rocker Switch

RB24GD2002 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
RB24GD2002 Datasheet PDF - E-SWITCH

No de pièce RB24GD2002
Télécharger  RB24GD2002 Click to download

Taille du fichier   1057.0 Kbytes
Page   6 Pages
Fabricant  E-SWITCH [E-SWITCH]
Site Internet  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH
Description RB 2 Series Rocker Switch

RB24GD2002 Fiches technique (HTML) - E-SWITCH


RB24GD2002 Détails du produit

Features & Benefits
•High Quality and Reliable Switch
•Industry Standard 22mm x 30mm Cutout
•Illumination Options
•Marking Options
•Multiple Terminal and Actuator Options
•Front Panel Mount Applications
•Optional Cap for Dust and Water Protection
•2 Pole Maintained and Momentary Functions




Numéro de pièce similaire - RB24GD2002

FabricantNo de pièceFiches techniqueDescription
logo
Microdc power Technolog...
RB2405XLD MICRODC-RB2405XLD Datasheet
660Kb / 4P
Isolated 0.5W Single Output DC/DC Converters
RB2405XLS MICRODC-RB2405XLS Datasheet
660Kb / 4P
Isolated 0.5W Single Output DC/DC Converters
RB2412XLD MICRODC-RB2412XLD Datasheet
660Kb / 4P
Isolated 0.5W Single Output DC/DC Converters
RB2412XLS MICRODC-RB2412XLS Datasheet
660Kb / 4P
Isolated 0.5W Single Output DC/DC Converters
RB2415XLD MICRODC-RB2415XLD Datasheet
660Kb / 4P
Isolated 0.5W Single Output DC/DC Converters
More results


Description similaire - RB24GD2002

FabricantNo de pièceFiches techniqueDescription
logo
CW Industries
GRB049A05BB1 CWIND-GRB049A05BB1 Datasheet
667Kb / 1P
ROCKER SWITCH
GRB136A05BB2 CWIND-GRB136A05BB2 Datasheet
621Kb / 1P
ROCKER SWITCH
GRB263A101RN1D CWIND-GRB263A101RN1D Datasheet
728Kb / 1P
ROCKER SWITCH
GRB263D001NNN CWIND-GRB263D001NNN Datasheet
691Kb / 1P
ROCKER SWITCH
GRB290AL405BBR CWIND-GRB290AL405BBR Datasheet
684Kb / 1P
ROCKER SWITCH
GRB112A802BB CWIND-GRB112A802BB Datasheet
460Kb / 1P
ROCKER SWITCH
logo
C&K Components
SR3 CK-COMPONENTS-SR3 Datasheet
137Kb / 2P
Switch Rocker
logo
Sharma Electro Componen...
RB SHARMA-RB Datasheet
349Kb / 2P
RB Series
logo
ZF Friedrichshafen AG
WRG32F2FBBRLN ZFSWITCHES-WRG32F2FBBRLN Datasheet
281Kb / 2P
Rocker Switch
logo
Nihon Kaiheiki Industry...
GW-12LRH NKK-GW-12LRH Datasheet
3Mb / 10P
rocker switch
More results




À propos de E-SWITCH


E-Switch is a company that specializes in the design, development, and manufacturing of electromechanical switches. They offer a wide range of switch products including rocker, toggle, pushbutton, slide, rotary, snap action, tact, and keylock switches. These switches are used in a variety of applications such as medical equipment, consumer electronics, telecommunications, and industrial machinery.

E-Switch is known for their innovative designs, high-quality products, and excellent customer service. They have a global presence and serve customers in over 50 countries. In addition to their standard product offerings, E-Switch also provides custom switch solutions to meet specific customer needs.

Overall, E-Switch is a trusted and reliable provider of electromechanical switches, with a strong reputation for quality and customer satisfaction.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.




Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com