Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1554C2GY Fiches technique (PDF) - Hammond Manufacturing Ltd.

1554C2GY Datasheet PDF - Hammond Manufacturing Ltd.
No de pièce 1554C2GY
Télécharger  1554C2GY Télécharger
Taille du fichier   332.8 Kbytes
Page   3 Pages
Fabricant  HAMMOND [Hammond Manufacturing Ltd.]
Site Internet  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.
Description Type 4X, 6P Polycarbonate & General Purpose ABS Enclosures 1554 Series Watertight, Flat Lid, UL Listed Options

1554C2GY Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
1554C2GY Datasheet PDF - Hammond Manufacturing Ltd.

No de pièce 1554C2GY
Télécharger  1554C2GY Click to download

Taille du fichier   332.8 Kbytes
Page   3 Pages
Fabricant  HAMMOND [Hammond Manufacturing Ltd.]
Site Internet  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.
Description Type 4X, 6P Polycarbonate & General Purpose ABS Enclosures 1554 Series Watertight, Flat Lid, UL Listed Options

1554C2GY Fiches technique (HTML) - Hammond Manufacturing Ltd.


1554C2GY Détails du produit

Key Features:
Ideally suited for mounting printed circuit boards or DIN rail mounted components (see
photo features below for details).
ABS Versions are molded from general purpose material which carries a flammability
rating of UL94-HB. For indoor use.
Polycarbonate versions are UV stabilized for outdoor use. Gray polycarb carries a UL94-
5VA rating, while clear and smoked lids carry a UL94V-0 rating.
Polycarbonate versions are cUL and UL 508A listed (File # E65324). ABS plastic
versions are not UL listed.
Enclosure color is a light gray (RAL 7035).
Gasketed lid with two piece “tongue & groove” construction provides protection against
access of oil, dust and water.
Replaceable gasket is one piece made from high temperature, U.L. listed silicone.
Supplied loose inside the enclosure (not pre-installed).
Polycarb versions are designed to meet NEMA Type 4, 4X, 6, 6P, 12 & 13 ratings which
meet and exceed IP ratings up to and including IP68. (Except 1554/55 V size which is
4,4X only)
ABS Plastic versions are designed to meet IP66.
Lid is secured with included M4 stainless steel machine screws which are threaded into
corrosion resistant bushings for repetitive assembly & disassembly. All hardware is
designed to avoid corrosion caused by harsh environments over time.
Lid screws are self captivating (lid holes are threaded with the first installation of lid
screws).
Internal features are maximized for mounting options and vary with size:
Internal DIN rail mounting tabs molded into most models, except sizes “C” and
“D”.
Threaded (M3) integral brass inserts and/or standoffs (#6 self tapping screws) for
P.C. board or inner panel mounting in all but the smallest size (“B”).
Vertical P.C. card guides (for 1.5 mm thick P.C. boards) are molded in all but the
smallest size (“B”).

Photo Features:
Polycarbonate versions available with gray, clear, or smoked lid. ABS version available only in
gray.
Smoked




Numéro de pièce similaire - 1554C2GY

FabricantNo de pièceFiches techniqueDescription
logo
Hammond Manufacturing L...
1554C2GY HAMMOND-1554C2GY Datasheet
303Kb / 2P
Type 4X, 6P Polycarbonate & General Purpose ABS Enclosures 1554 Series Watertight, Flat Lid, UL Listed Options
12/15/2018
1554C2GY HAMMOND-1554C2GY Datasheet
276Kb / 1P
Purchased assembly includes box, lid, 4 cover screws, and preformed silicone gasket. General Purpose ABS version is not UL approved. (Matl UL94 - HB) Polycarbonate version is UL 508 approved. (Matl UL94 - V0)
1554C2GY HAMMOND-1554C2GY Datasheet
152Kb / 2P
Watertight Flat Lid - (1554 Series)
1554C2GY HAMMOND-1554C2GY Datasheet
285Kb / 2P
Type 4X, 6P Polycarbonate & General Purpose ABS Enclosures 1554 Series Watertight, Flat Lid, UL Listed Options
6/13/2018
1554C2GY HAMMOND-1554C2GY Datasheet
318Kb / 3P
Type 4X, 6P Polycarbonate & General Purpose ABS Enclosures 1554 Series Watertight, Flat Lid, UL Listed Options
3/18/2019
More results


Description similaire - 1554C2GY

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
G422 ETC2-G422 Datasheet
117Kb / 2P
Multipurpose Enclosures - ABS
logo
Hammond Manufacturing L...
1590WE HAMMOND-1590WE Datasheet
208Kb / 3P
WATERTIGHT WITH FLANGED LID
logo
List of Unclassifed Man...
G2128 ETC2-G2128 Datasheet
91Kb / 1P
Multipurpose Enclosures - ABS and Polycarbonate
logo
Hammond Manufacturing L...
PCJ-HSC HAMMOND-PCJ-HSC Datasheet
182Kb / 3P
Bo챤te de jonction en polycarbonate de type 4X
PCJ-NSL HAMMOND-PCJ-NSL Datasheet
159Kb / 3P
Bo챤te de jonction en polycarbonate de type 4X
PCJ-SC HAMMOND-PCJ-SC Datasheet
190Kb / 3P
Bo챤te de jonction en polycarbonate de type 4X
PCJ-SL HAMMOND-PCJ-SL Datasheet
159Kb / 3P
Bo챤te de jonction en polycarbonate de type 4X
PJHD HAMMOND-PJHD Datasheet
82Kb / 2P
Bo챤te de jonction en polycarbonate de type 4X
logo
Laird Tech Smart Techno...
S2403BP LSTD-S2403BP Datasheet
276Kb / 1P
Polycarbonate enclosures
logo
Hammond Manufacturing L...
1551W HAMMOND-1551W Datasheet
159Kb / 1P
Watertight Polycarbonate Miniature Enclosures
7/24/22
More results



Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com