Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ILH-F601-WHWH-SC221-WIR Fiches technique (PDF) - Intelligent LED Solutions

ILH-F601-WHWH-SC221-WIR Datasheet PDF - Intelligent LED Solutions
No de pièce ILH-F601-WHWH-SC221-WIR
Télécharger  ILH-F601-WHWH-SC221-WIR Télécharger
Taille du fichier   1534.88 Kbytes
Page   11 Pages
Fabricant  ILS [Intelligent LED Solutions]
Site Internet  https://i-led.co.uk/
Logo ILS - Intelligent LED Solutions
Description OSCONIQ® S5050 1 PowerStar Whites

ILH-F601-WHWH-SC221-WIR Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
ILH-F601-WHWH-SC221-WIR Datasheet PDF - Intelligent LED Solutions

No de pièce ILH-F601-WHWH-SC221-WIR
Télécharger  ILH-F601-WHWH-SC221-WIR Click to download

Taille du fichier   1534.88 Kbytes
Page   11 Pages
Fabricant  ILS [Intelligent LED Solutions]
Site Internet  https://i-led.co.uk/
Logo ILS - Intelligent LED Solutions
Description OSCONIQ® S5050 1 PowerStar Whites

ILH-F601-WHWH-SC221-WIR Fiches technique (HTML) - Intelligent LED Solutions


ILH-F601-WHWH-SC221-WIR Détails du produit

APPLICATIONS INCLUDE
General lighting
Decorative lighting
Task lighting
Spot lighting
Downlighters
Retail lighting
Highbay Industrial
Street, tunnel and outdoor
TECHNICAL FEATURES
LED/s PowerStars contain OSCONIQ® S5050 LEDs
Lifetime Up to 100,000 Hour lifetime to 70% of original brightness
Mounting Mounting holes using M3 screws allows easy installation
Dimensions (L x W x H) 20.0 x 20.0 x 2.3 mm
Wiring Available with 200mm connecting wires
Lenses and Reflectors Secondary Lens can be fitted. Suitable options. Suitable options on page 6 or visit our website for a full range.
Heatsinks Required over 100mA. Suitable options on page 8 or visit our website for a full range
Power Supply 4 - 100W Dimming and non dimming. Suitable options on page 9 or visit our website for a full range.
Chain Yes. PowerStars can be linked together to produce longer chains.
Current Range 10 to 265mA
Thermal Resistance 1.5K/W




Numéro de pièce similaire - ILH-F601-WHWH-SC221-WIR

FabricantNo de pièceFiches techniqueDescription
logo
Intelligent LED Solutio...
ILH-5MA1-85NA-SC201-WIR ILS-ILH-5MA1-85NA-SC201-WIR Datasheet
1Mb / 7P
Stanley xM 1 IR PowerStar
Version V1
ILH-5MA1-95NA-SC201-WIR ILS-ILH-5MA1-95NA-SC201-WIR Datasheet
1Mb / 7P
Stanley xM 1 IR PowerStar
Version V1
ILH-6MA1-85NA-SC201-WIR ILS-ILH-6MA1-85NA-SC201-WIR Datasheet
1Mb / 7P
Stanley xM 1 IR PowerStar
Version V1
ILH-6MA1-95NA-SC201-WIR ILS-ILH-6MA1-95NA-SC201-WIR Datasheet
1Mb / 7P
Stanley xM 1 IR PowerStar
Version V1
ILH-7M01-85SL-SC201-WIR ILS-ILH-7M01-85SL-SC201-WIR Datasheet
1Mb / 11P
Stanley 1 IR PowerStar Double Stack
Version V1
More results


Description similaire - ILH-F601-WHWH-SC221-WIR

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
FCSP1H40ETR VISHAY-FCSP1H40ETR Datasheet
87Kb / 5P
FlipKY®, 1 A
26-Aug-08
logo
OSRAM GmbH
GWPUSRA1.PM OSRAM-GWPUSRA1.PM Datasheet
2Mb / 24P
OSCONIQ P 3737
GTDASPA2.13 OSRAM-GTDASPA2.13 Datasheet
1Mb / 21P
OSCONIQ P 2226
GHDASPA2.24 OSRAM-GHDASPA2.24 Datasheet
1Mb / 20P
OSCONIQ P 2226
GFDASPA2.24 OSRAM-GFDASPA2.24 Datasheet
1Mb / 21P
OSCONIQ P 2226
GDDASPA2.14 OSRAM-GDDASPA2.14 Datasheet
1Mb / 21P
OSCONIQ P 2226
GYDASPA2.23 OSRAM-GYDASPA2.23 Datasheet
1Mb / 21P
OSCONIQ P 2226
GWPLLRA1.EM OSRAM-GWPLLRA1.EM Datasheet
1Mb / 24P
OSCONIQ® C 2424
Version 1.6 / 2021-11-24
logo
ams AG
GWQSLMS2.HM AMSCO-GWQSLMS2.HM Datasheet
2Mb / 27P
The OSCONIQ® 3030 is a high efficacy package for indoor, industrial and horticultural applications.
Version 1.0 2023-05-29
logo
Lapp.
61825170 LAPP-61825170 Datasheet
162Kb / 2P
SILVYN® RKS 1
03.07.2018
More results



Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com