Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FMSM1004 Fiches technique (PDF) - Infinite Electronics International, Inc.

FMSM1004 Datasheet PDF - Infinite Electronics International, Inc.
No de pièce FMSM1004
Télécharger  FMSM1004 Télécharger
Taille du fichier   320.68 Kbytes
Page   3 Pages
Fabricant  FAIRVIEW [Infinite Electronics International, Inc.]
Site Internet  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description Manual SPDT Toggle Switch from DC to 40 GHz, 2.92mm Female, and Rated to 20 Watts

FMSM1004 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
FMSM1004 Datasheet PDF - Infinite Electronics International, Inc.

No de pièce FMSM1004
Télécharger  FMSM1004 Click to download

Taille du fichier   320.68 Kbytes
Page   3 Pages
Fabricant  FAIRVIEW [Infinite Electronics International, Inc.]
Site Internet  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description Manual SPDT Toggle Switch from DC to 40 GHz, 2.92mm Female, and Rated to 20 Watts

FMSM1004 Fiches technique (HTML) - Infinite Electronics International, Inc.


FMSM1004 Détails du produit

Features
• SP2T
• Manual Toggle Switch
• 40 dB min Isolation
• DC to 40 GHz
• Low VSWR 1.9:1 Max
• 2.92mm Female Connectors
• Applications
• Test and Measurements
• Redundancy Systems
• Manual Switching between antenna bands (special ops vehicles)
• OEM Front Panel Control
• Description
• FMSM1004 is a manual single pole double throw (SP2T) RF coaxial Switch, with a manual toggle actuator configuration. This unit operates
Features
• SMA female connectors and a minimum Isolation of 40 dB.




Numéro de pièce similaire - FMSM1004

FabricantNo de pièceFiches techniqueDescription
logo
Infinite Electronics In...
FMSM1000 FAIRVIEW-FMSM1000 Datasheet
680Kb / 6P
Manual SPDT Toggle Switch from DC to 22 GHz, SMA Female, and Rated to 50 Watts
REV 1.0
FMSM1001 FAIRVIEW-FMSM1001 Datasheet
538Kb / 3P
Manual SPDT Toggle Switch from DC to 18 GHz, SMA Female, and Rated to 40 Watts
REV 1A
FMSM1002 FAIRVIEW-FMSM1002 Datasheet
304Kb / 3P
The Right Parts, Right Away Manual SPDT Toggle Switch from DC to 12.4 GHz, N-Type Female, and Rated to 100 Watts
REV A
FMSM1003 FAIRVIEW-FMSM1003 Datasheet
319Kb / 3P
Manual SP4T Switch from DC to 18 GHz, SMA Female, and Rated to 30 Watts
REV A
More results


Description similaire - FMSM1004

FabricantNo de pièceFiches techniqueDescription
logo
Pasternack Enterprises,...
PE7046-20 PASTERNACK-PE7046-20 Datasheet
240Kb / 3P
20 dB Fixed Attenuator, 2.92mm Male To 2.92mm Female Passivated Stainless Steel Body Rated To 0.5 Watts Up To 40 GHz
PE7090-15 PASTERNACK-PE7090-15 Datasheet
353Kb / 3P
15 dB Fixed Attenuator, 2.92mm Male To 2.92mm Female Stainless Steel Body Rated To 2 Watts Up To 40 GHz
PE7090-10 PASTERNACK-PE7090-10 Datasheet
352Kb / 3P
10 dB Fixed Attenuator, 2.92mm Male To 2.92mm Female Stainless Steel Body Rated To 2 Watts Up To 40 GHz
PE7090-20 PASTERNACK-PE7090-20 Datasheet
353Kb / 3P
20 dB Fixed Attenuator, 2.92mm Male To 2.92mm Female Stainless Steel Body Rated To 2 Watts Up To 40 GHz
PE71S6104 PASTERNACK-PE71S6104 Datasheet
457Kb / 6P
SPDT Electromechanical Relay Switch DC to 40 GHz, 2.92mm
PE71S6105 PASTERNACK-PE71S6105 Datasheet
458Kb / 6P
SPDT Electromechanical Relay Switch DC to 40 GHz, 2.92mm
PE71S6108 PASTERNACK-PE71S6108 Datasheet
459Kb / 6P
SPDT Electromechanical Relay Switch DC to 40 GHz, 2.92mm
PE71S6109 PASTERNACK-PE71S6109 Datasheet
459Kb / 6P
SPDT Electromechanical Relay Switch DC to 40 GHz, 2.92mm
PE71S2021 PASTERNACK-PE71S2021 Datasheet
451Kb / 5P
2.92mm SPDT PIN Diode Switch Operating From 2 GHz to 40 GHz Up To plus 27 dBm
PE71S2022 PASTERNACK-PE71S2022 Datasheet
441Kb / 5P
2.92mm SPDT PIN Diode Switch Operating From 2 GHz to 40 GHz Up To plus 27 dBm
More results



Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com