| Fabricant | No de pièce | Fiches technique | Description |
 Coilcraft lnc. |
CS60-010L
|
86Kb / 1P |
50/60Hz Current Sensor
|
 Tyco Electronics |
3100-30K16999CJ
|
100Kb / 2P |
Definite Purpose Contactor 3-pole, 50-60 FLA AC Coil
|
 List of Unclassifed Man... |
LXD1M7
|
60Kb / 1P |
CONTACTOR COIL 220/230V AC IEC
|
|
LC1D32B7
|
64Kb / 1P |
Contactor (TeSys D) Non-Reversing, 32A(AC3) 50A(AC1), 3-Pole (3 NO)
|
|
LC1D18U7
|
63Kb / 1P |
Contactor (TeSys D) Non-Reversing, 18A(AC3) 32A(AC1), 3-Pole (3 NO)
|
|
YC1U-9A120
|
103Kb / 1P |
Contactor IEC 9A 120VAC coil
|
 TALEMA Group. LLC |
AX-0500
|
325Kb / 3P |
50/60Hz Current Transformers
|
 Schneider Electric |
LC1D32BNE
|
124Kb / 4P |
TeSys D contactor 3P 32A AC-3 up to 440V coil 24-60V AC/DC
Jan 4, 2021 |
|
LU2MB0B
|
162Kb / 3P |
Reverser block for vertical mounting, TeSys Ultra, 32A/690V, coil 24VAC
May 11, 2022 |
|
LU6MB0B
|
137Kb / 3P |
Reverser block for side mounting, TeSys Ultra, 32A/690V, coil 24VAC
May 11, 2022 |