Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPR40M-2 Fiches technique (PDF) - Infinite Electronics International, Inc.

MPR40M-2 Datasheet PDF - Infinite Electronics International, Inc.
No de pièce MPR40M-2
Télécharger  MPR40M-2 Télécharger
Taille du fichier   472.01 Kbytes
Page   3 Pages
Fabricant  FAIRVIEW [Infinite Electronics International, Inc.]
Site Internet  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description 2 Way Power Divider 2.92mm Connectors Resistive From DC to 40 GHz Rated at 1 Watts

MPR40M-2 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
MPR40M-2 Datasheet PDF - Infinite Electronics International, Inc.

No de pièce MPR40M-2
Télécharger  MPR40M-2 Click to download

Taille du fichier   472.01 Kbytes
Page   3 Pages
Fabricant  FAIRVIEW [Infinite Electronics International, Inc.]
Site Internet  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description 2 Way Power Divider 2.92mm Connectors Resistive From DC to 40 GHz Rated at 1 Watts

MPR40M-2 Fiches technique (HTML) - Infinite Electronics International, Inc.


MPR40M-2 Détails du produit

Features
• 2-Way Power Divider
• Resistive Design
• DC to 40 GHz Frequency Range
• Max Power 1 Watt (CW)
• Insertion Loss < 9 dB
• Applications:
• Test and Measurement
• Military Communications
• Commercial Communications
• Wireless Communications
• SATCOM
• MPR40M-2
• DATA SHEET




Numéro de pièce similaire - MPR40M-2

FabricantNo de pièceFiches techniqueDescription
logo
Infinite Electronics In...
MPR40-2 FAIRVIEW-MPR40-2 Datasheet
522Kb / 3P
2 Way Power Divider 2.92mm Connectors To 40 GHz Rated at 1 Watts
REV 4.1
More results


Description similaire - MPR40M-2

FabricantNo de pièceFiches techniqueDescription
logo
Pasternack Enterprises,...
PE2026 PASTERNACK-PE2026 Datasheet
245Kb / 2P
50 Ohm 2 Way SMA Power Divider From 2 GHz to 8 GHz Rated at 10 Watts
PE2028 PASTERNACK-PE2028 Datasheet
462Kb / 2P
50 Ohm 2 Way SMA Power Divider From 2 GHz to 18 GHz Rated at 10 Watts
PE2077 PASTERNACK-PE2077 Datasheet
251Kb / 3P
50 Ohm 2 Way 2.92mm Power Divider From 10 GHz to 40 GHz Rated at 12 Watts
PE2078 PASTERNACK-PE2078 Datasheet
241Kb / 3P
50 Ohm 2 Way 2.92mm Power Divider From 10 GHz to 40 GHz Rated at 12 Watts
PE2081 PASTERNACK-PE2081 Datasheet
236Kb / 2P
50 Ohm 2 Way SMA Power Divider From 7 GHz to 12.4 GHz Rated at 10 Watts
PE2082 PASTERNACK-PE2082 Datasheet
203Kb / 3P
50 Ohm 2 Way SMA Resistive Power Divider From DC to 6 GHz Rated at 2 Watts
PE2083 PASTERNACK-PE2083 Datasheet
243Kb / 3P
50 Ohm 2 Way 2.92mm Resistive Power Divider From DC to 26.5 GHz Rated at 1 Watts
PE2084 PASTERNACK-PE2084 Datasheet
244Kb / 3P
50 Ohm 2 Way SMA Resistive Power Divider From DC to 18 GHz Rated at 1 Watts
PE2096 PASTERNACK-PE2096 Datasheet
334Kb / 2P
50 Ohm 2 Way SMA Wilkinson Power Divider From 2 GHz to 18 GHz Rated at 10 Watts
PE2065 PASTERNACK-PE2065_16 Datasheet
565Kb / 3P
2 Way 2.92mm Resistive Power Divider
More results



Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com