Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FMVC31019 Fiches technique (PDF) - Infinite Electronics International, Inc.

FMVC31019 Datasheet PDF - Infinite Electronics International, Inc.
No de pièce FMVC31019
Télécharger  FMVC31019 Télécharger
Taille du fichier   643.31 Kbytes
Page   4 Pages
Fabricant  FAIRVIEW [Infinite Electronics International, Inc.]
Site Internet  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description Voltage Controlled Oscillator, 900 MHz to 960 MHz, Pout 5.5 dBm, Phase Noise of -110 dBc/Hz, 0.5V to 4.0V Tuning Range, SMA

FMVC31019 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
FMVC31019 Datasheet PDF - Infinite Electronics International, Inc.

No de pièce FMVC31019
Télécharger  FMVC31019 Click to download

Taille du fichier   643.31 Kbytes
Page   4 Pages
Fabricant  FAIRVIEW [Infinite Electronics International, Inc.]
Site Internet  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description Voltage Controlled Oscillator, 900 MHz to 960 MHz, Pout 5.5 dBm, Phase Noise of -110 dBc/Hz, 0.5V to 4.0V Tuning Range, SMA

FMVC31019 Fiches technique (HTML) - Infinite Electronics International, Inc.


FMVC31019 Détails du produit

Features
• Voltage Controlled Oscillator
• 900 MHz to 960 MHz
• 0.5V to 4.0V Tuning Voltage
• Pout: +5.5 dBm
• Phase Noise: -110 dBc/Hz
• 2nd Harmonic Suppression:
• -15 dBc typ
• Tuning Sensitivity: 37 MHz/V
• +12 Volt DC Bias
• SMA Female Connectors
• -40°C to +85°C Operating
• Temperature
• 50 Ohm Design
• Internal Voltage Regulation
• Reverse DC Protection
• Rugged Package Design meets
• Mil-STD-202 Test Conditions
• Applications:
• Phase Locked Loop
• Function Generators
• Frequency Synthesizers
• Receivers
• Electronic Jamming Equipment
• Local Oscillators
• Wireless Communications
• SATCOM
• Optical Communications
• Military Electronic Systems
• FMVC31019
• DATA SHEET




Numéro de pièce similaire - FMVC31019

FabricantNo de pièceFiches techniqueDescription
logo
Infinite Electronics In...
FMVC31015 FAIRVIEW-FMVC31015 Datasheet
639Kb / 4P
Voltage Controlled Oscillator, 230 MHz to 290 MHz, Pout 2 dBm, Phase Noise of -107 dBc/Hz, 0.5V to 4.5V Tuning Range, SMA
REV 1.0A
FMVC31016 FAIRVIEW-FMVC31016 Datasheet
639Kb / 4P
Voltage Controlled Oscillator, 500 MHz to 600 MHz, Pout -2 dBm, Phase Noise of -105 dBc/Hz, 0.5V to 4.5V Tuning Range, SMA
REV 1.0A
FMVC31017 FAIRVIEW-FMVC31017 Datasheet
642Kb / 4P
Voltage Controlled Oscillator, 620 MHz to 660 MHz, Pout 0 dBm, Phase Noise of -110 dBc/Hz, 0.5V to 4.5V Tuning Range, SMA
REV 1.0A
FMVC31018 FAIRVIEW-FMVC31018 Datasheet
641Kb / 4P
Voltage Controlled Oscillator, 850 MHz to 890 MHz, Pout 8 dBm, Phase Noise of -99 dBc/Hz, 0V to 5V Tuning Range, SMA
REV 1.0A
More results


Description similaire - FMVC31019

FabricantNo de pièceFiches techniqueDescription
logo
Pasternack Enterprises,...
PE1V11008 PASTERNACK-PE1V11008_16 Datasheet
997Kb / 8P
Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 75 MHz to 150 MHz, Phase Noise of -110 dBc/Hz and 0.5 inch Package
PE1V15001 PASTERNACK-PE1V15001_16 Datasheet
977Kb / 8P
Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 850 MHz to 900 MHz, Phase Noise of -113 dBc/Hz and 0.5 inch Package
PE1V31007 PASTERNACK-PE1V31007 Datasheet
500Kb / 6P
0.95 inch Commercial Connectorized Module Voltage Controlled Oscillator (VCO) From 75 MHz to 150 MHz With Phase Noise of -110 dBc/Hz
PE1V15001 PASTERNACK-PE1V15001 Datasheet
992Kb / 8P
Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 850 MHz to 900 MHz, Phase Noise of -113 dBc/Hz and 0.5 inch Package
PE1V31002 PASTERNACK-PE1V31002 Datasheet
504Kb / 6P
Voltage Controlled Oscillator (VCO) From 30 MHz to 60 MHz, Phase Noise of -119 dBc/Hz and SMA
PE1V31003 PASTERNACK-PE1V31003 Datasheet
514Kb / 6P
Voltage Controlled Oscillator (VCO) From 40 MHz to 80 MHz, Phase Noise of -117 dBc/Hz and SMA
PE1V31004 PASTERNACK-PE1V31004 Datasheet
515Kb / 6P
Voltage Controlled Oscillator (VCO) From 40 MHz to 100 MHz, Phase Noise of -118 dBc/Hz and SMA
PE1V31005 PASTERNACK-PE1V31005 Datasheet
513Kb / 6P
Voltage Controlled Oscillator (VCO) From 50 MHz to 100 MHz, Phase Noise of -115 dBc/Hz and SMA
PE1V31009 PASTERNACK-PE1V31009 Datasheet
438Kb / 5P
Voltage Controlled Oscillator (VCO) From 200 MHz to 400 MHz, Phase Noise of -106 dBc/Hz and SMA
PE1V31010 PASTERNACK-PE1V31010 Datasheet
518Kb / 6P
Voltage Controlled Oscillator (VCO) From 400 MHz to 800 MHz, Phase Noise of -94 dBc/Hz and SMA
More results



Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com