Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FMVC13013 Fiches technique (PDF) - Infinite Electronics International, Inc.

FMVC13013 Datasheet PDF - Infinite Electronics International, Inc.
No de pièce FMVC13013
Télécharger  FMVC13013 Télécharger
Taille du fichier   738.46 Kbytes
Page   5 Pages
Fabricant  FAIRVIEW [Infinite Electronics International, Inc.]
Site Internet  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description VCO (Voltage Controlled Oscillator) 0.5 inch Hermetic SMT (Surface Mount), Frequency of 1.2 GHz to 1.8 GHz, Phase Noise -89 dBc/Hz

FMVC13013 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
FMVC13013 Datasheet PDF - Infinite Electronics International, Inc.

No de pièce FMVC13013
Télécharger  FMVC13013 Click to download

Taille du fichier   738.46 Kbytes
Page   5 Pages
Fabricant  FAIRVIEW [Infinite Electronics International, Inc.]
Site Internet  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description VCO (Voltage Controlled Oscillator) 0.5 inch Hermetic SMT (Surface Mount), Frequency of 1.2 GHz to 1.8 GHz, Phase Noise -89 dBc/Hz

FMVC13013 Fiches technique (HTML) - Infinite Electronics International, Inc.


FMVC13013 Détails du produit

Features
• of -89 dBc/Hz @ 10 kHz offset.  Supply Voltage is +15V DC with a generated
• output power level of +11 dBm and 2nd harmonic output of -12 dBc typical.  The
• assembly is RoHs compliant and available in a hermetically sealed 0.5” surface
• mount package with exposed leads that meets MIL-STD-883, Method 1014 fine &
• Gross leak conditions.  This rugged package operates over a temperature range
• of -40°C to +85°C and is designed to also meet a variety of MIL-STD-202 test
• conditions including Humidity, Shock, and Vibration.
Features
• 1.2 GHz to 1.8 GHz Bandwidth
• -89 dBc/Hz @ 10kHz offset
• Tuning Voltage 0V to 20V
• Pout = +11 dBm
• Harmonics = -12 dBc
• RoHs Compliant Assembly
• Hermetically Sealed
• Rugged SMT Package
• Designed to meet Fine
• & Gross leak per MIL-
• STD-883 Method 1014
• Designed to meet MIL-STD-202
• Environmental Conditions
• Applications:
• Phase Locked Loop
• Function Generators
• Frequency Synthesizers
• Receivers
• Electronic Jamming Equipment
• Local Oscillator
• Wireless Communications
• SATCOM
• Optical Communications
• Military Electronic Systems
• FMVC13013
• DATA SHEET




Numéro de pièce similaire - FMVC13013

FabricantNo de pièceFiches techniqueDescription
logo
Infinite Electronics In...
FMVC13001 FAIRVIEW-FMVC13001 Datasheet
789Kb / 6P
VCO (Voltage Controlled Oscillator) 0.5 inch Hermetic SMT (Surface Mount), Frequency of 18 MHz to 30 MHz, Phase Noise -120 dBc/Hz
REV 1.0
More results


Description similaire - FMVC13013

FabricantNo de pièceFiches techniqueDescription
logo
Pasternack Enterprises,...
PE1V11017 PASTERNACK-PE1V11017_16 Datasheet
670Kb / 8P
0.5 inch Commercial Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 800 MHz to 1.2 GHz With Phase Noise of -95 dBc/Hz
PE1V11018 PASTERNACK-PE1V11018_16 Datasheet
669Kb / 8P
0.5 inch Commercial Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 1.2 GHz to 1.8 GHz With Phase Noise of -89 dBc/Hz
PE1V14005 PASTERNACK-PE1V14005_16 Datasheet
988Kb / 8P
Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 1.8 GHz to 2 GHz, Phase Noise of -100 dBc/Hz and 0.5 inch Package
PE1V11017 PASTERNACK-PE1V11017 Datasheet
670Kb / 8P
0.5 inch Commercial Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 800 MHz to 1.2 GHz With Phase Noise of -95 dBc/Hz
PE1V11025 PASTERNACK-PE1V11025 Datasheet
593Kb / 6P
0.5 inch Commercial Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 3.12 GHz to 3.87 GHz With Phase Noise of -81 dBc/Hz
PE1V13013 PASTERNACK-PE1V13013 Datasheet
557Kb / 7P
Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 1.2 GHz to 1.8 GHz, Phase Noise of -89 dBc/Hz and 0.5 inch Hermetic Package
PE1V13014 PASTERNACK-PE1V13014 Datasheet
549Kb / 7P
Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 3 GHz to 3.5 GHz, Phase Noise of -81 dBc/Hz and 0.5 inch Hermetic Package
PE1V13015 PASTERNACK-PE1V13015 Datasheet
490Kb / 6P
Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 3.7 GHz to 4.35 GHz, Phase Noise of -83 dBc/Hz and 0.5 inch Hermetic Package
PE1V14003 PASTERNACK-PE1V14003 Datasheet
898Kb / 7P
Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 1.6 GHz to 3.2 GHz, Phase Noise of -89 dBc/Hz and 0.5 inch Package
PE1V31011 PASTERNACK-PE1V31011 Datasheet
490Kb / 6P
Voltage Controlled Oscillator (VCO) From 1.2 GHz to 1.8 GHz, Phase Noise of -89 dBc/Hz and SMA
More results



Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com