Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

R5F51406BDFK#30 Fiches technique (PDF) - Renesas Technology Corp

R5F51406BDFK#30 Datasheet PDF - Renesas Technology Corp
No de pièce R5F51406BDFK#30
Télécharger  R5F51406BDFK#30 Télécharger
Taille du fichier   1647.61 Kbytes
Page   121 Pages
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Renesas MCUs

R5F51406BDFK#30 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
R5F51406BDFK#30 Datasheet PDF - Renesas Technology Corp

No de pièce R5F51406BDFK#30
Télécharger  R5F51406BDFK#30 Click to download

Taille du fichier   1647.61 Kbytes
Page   121 Pages
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Renesas MCUs

R5F51406BDFK#30 Fiches technique (HTML) - Renesas Technology Corp


R5F51406BDFK#30 Détails du produit

48-MHz, 32-bit RX MCUs, on-chip FPU, 204 Coremark, up to 256-KB flash memory,
up to 36 pins capacitive touch sensing unit, up to 9 comms channels, 12-bit A/D, D/A, RTC,
IEC60730 compliance, 1.8-V to 5.5-V single supply, Encryption functions (optional)

■ 32-bit RXv2 CPU core
 Maximum operating frequency: 48 MHz
Capable of 204 Coremark in operation at 48 MHz
 Enhanced DSP instructions: 32-bit multiply-accumulate instructions,
and 16-bit multiply-subtract instructions are supported.
 On-chip FPU: 32-bit single-precision floating point compliant with
IEEE-754
 On-chip divider that operated at the fastest of two clock cycles
 Fast interrupt
 CISC Harvard architecture with 5-stage pipeline
 Variable-length instructions, ultra-compact code
 On-chip debugging circuit
■ Low power design and architecture
 Operation from a single 1.8-V to 5.5-V supply
 Four low power consumption modes
 Low power timer (LPT) that operates during the software standby state
 Supply current
High-speed operating mode: 58 μA/MHz
Supply current in software standby mode: 0.25 μA (typ.) (Ta = 25°C)
 Recovery time from software standby mode: 6.2 μs (typ.) (Clock
Source: HOCO 32 MHz, Ta = 25°C)




Numéro de pièce similaire - R5F51406BDFK#30

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
R5F51406BDFK RENESAS-R5F51406BDFK Datasheet
2Mb / 118P
48-MHz, 32-bit RX MCUs, on-chip FPU, 204 Coremark, up to 256-KB flash memory, up to 36 pins capacitive touch sensing unit, up to 9 comms channels, 12-bit A/D, D/A, RTC, IEC60730 compliance, 1.8-V to 5.5-V single supply, Encryption functions (optional)
Apr 20, 2022
R5F51406BDFK30 RENESAS-R5F51406BDFK30 Datasheet
2Mb / 118P
48-MHz, 32-bit RX MCUs, on-chip FPU, 204 Coremark, up to 256-KB flash memory, up to 36 pins capacitive touch sensing unit, up to 9 comms channels, 12-bit A/D, D/A, RTC, IEC60730 compliance, 1.8-V to 5.5-V single supply, Encryption functions (optional)
Apr 20, 2022
More results


Description similaire - R5F51406BDFK#30

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
R5F563NACDFP RENESAS-R5F563NACDFP Datasheet
840Kb / 108P
Renesas MCUs
R5F52108ADFP RENESAS-R5F52108ADFP_11 Datasheet
1Mb / 146P
Renesas MCUs
R5F56307CDFN RENESAS-R5F56307CDFN Datasheet
1Mb / 165P
Renesas MCUs
RX21A RENESAS-RX21A_15 Datasheet
1Mb / 132P
Renesas MCUs
RX62N RENESAS-RX62N_15 Datasheet
1Mb / 150P
Renesas MCUs
RX63N RENESAS-RX63N_15 Datasheet
1Mb / 210P
Renesas MCUs
RX71M RENESAS-RX71M_15 Datasheet
1Mb / 228P
Renesas MCUs
RX113 RENESAS-RX113_15 Datasheet
1Mb / 121P
Renesas MCUs
RX630 RENESAS-RX630_15 Datasheet
1Mb / 156P
Renesas MCUs
RX13T RENESAS-RX13T Datasheet
1Mb / 65P
Renesas MCUs
More results




À propos de Renesas Technology Corp


Renesas Technology Corp est une société de semi-conducteurs japonaise qui fournit une large gamme de microcontrôleurs, de systèmes sur puce et de dispositifs analogiques et d'alimentation pour diverses applications sur les marchés automobiles, industriels et consommateurs.
La société a été formée en 2010 grâce à la fusion de NEC Electronics Corporation et de la Renesas Technology Corporation.
Renesas est l'un des plus grands fournisseurs de microcontrôleurs au monde et est connu pour son expertise dans le développement de technologies avancées dans des domaines tels que l'Internet des objets (IoT), l'intelligence artificielle (IA) et l'électronique automobile.
La société a des opérations dans plus de 20 pays et ses produits sont utilisés dans un large éventail d'applications.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.




Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com