Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

R5F526TFBGFP Fiches technique (PDF) - Renesas Technology Corp

R5F526TFBGFP Datasheet PDF - Renesas Technology Corp
No de pièce R5F526TFBGFP
Télécharger  R5F526TFBGFP Télécharger
Taille du fichier   1632.66 Kbytes
Page   142 Pages
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Renesas MCUs

R5F526TFBGFP Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
R5F526TFBGFP Datasheet PDF - Renesas Technology Corp

No de pièce R5F526TFBGFP
Télécharger  R5F526TFBGFP Click to download

Taille du fichier   1632.66 Kbytes
Page   142 Pages
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Renesas MCUs

R5F526TFBGFP Fiches technique (HTML) - Renesas Technology Corp


R5F526TFBGFP Détails du produit

120-MHz, 32-bit RX MCU, on-chip FPU, 709 CoreMark, Supportive of 5V power supply,
up to 512-KB flash memory, up to 64-KB SRAM, 16-KB data flash memory, various communications interfaces including
CAN FD, Simultaneous sampling with 3 units of 12-bit A/D converter (up to 7 channels), Analog comparator (6 channels), 120 MHz PWM (4 channels for 3-phase complementary, 2 channels for 5-phase complementary, 10 channels for single-phase complementary), 4-channel high-resolution PWM with resolution of 260 ps at the minimum, Encryption functions

■ 32-bit RXv3 CPU core
 Maximum operating frequency: 120 MHz
Capable of 709 CoreMark in operation at 120 MHz
 A collective register bank save function is available.
 Supports the memory protection unit (MPU)
 JTAG and FINE (one-line) debugging interfaces
■ Low-power design and architecture
 Operation from a single 2.7- to 5.5-V supply
 Three low-power modes
■ On-chip code flash memory
 Supports versions with up to 512 Kbytes of ROM
 Operation at 120 MHz (with no waiting)
 User code is programmable by on-board or off-board programming.
 Programming/erasing as background operations (BGOs)
 A dual-bank structure allows exchanging the start-up bank.
■ On-chip data flash memory
 16 Kbytes, reprogrammable up to 100,000 times
 Programming/erasing as background operations (BGOs)
■ On-chip SRAM
 64 K/48Kbytes of SRAM (with no waiting)
■ Data transfer
 DMACAa: 8 channels
 DTCb: 1 channel




Numéro de pièce similaire - R5F526TFBGFP

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
R5F52606ADFL RENESAS-R5F52606ADFL Datasheet
1Mb / 142P
Renesas MCUs
Rev.1.00 Jul 31, 2024
R5F52606ADFM RENESAS-R5F52606ADFM Datasheet
1Mb / 142P
Renesas MCUs
Rev.1.00 Jul 31, 2024
R5F52606ADFN RENESAS-R5F52606ADFN Datasheet
1Mb / 142P
Renesas MCUs
Rev.1.00 Jul 31, 2024
R5F52606ADFP RENESAS-R5F52606ADFP Datasheet
1Mb / 142P
Renesas MCUs
Rev.1.00 Jul 31, 2024
R5F52606ADNE RENESAS-R5F52606ADNE Datasheet
1Mb / 142P
Renesas MCUs
Rev.1.00 Jul 31, 2024
More results


Description similaire - R5F526TFBGFP

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
R5F563NACDFP RENESAS-R5F563NACDFP Datasheet
840Kb / 108P
Renesas MCUs
R5F52108ADFP RENESAS-R5F52108ADFP_11 Datasheet
1Mb / 146P
Renesas MCUs
R5F56307CDFN RENESAS-R5F56307CDFN Datasheet
1Mb / 165P
Renesas MCUs
RX21A RENESAS-RX21A_15 Datasheet
1Mb / 132P
Renesas MCUs
RX62N RENESAS-RX62N_15 Datasheet
1Mb / 150P
Renesas MCUs
RX63N RENESAS-RX63N_15 Datasheet
1Mb / 210P
Renesas MCUs
RX71M RENESAS-RX71M_15 Datasheet
1Mb / 228P
Renesas MCUs
RX113 RENESAS-RX113_15 Datasheet
1Mb / 121P
Renesas MCUs
RX630 RENESAS-RX630_15 Datasheet
1Mb / 156P
Renesas MCUs
RX13T RENESAS-RX13T Datasheet
1Mb / 65P
Renesas MCUs
More results




À propos de Renesas Technology Corp


Renesas Technology Corp est une société de semi-conducteurs japonaise qui fournit une large gamme de microcontrôleurs, de systèmes sur puce et de dispositifs analogiques et d'alimentation pour diverses applications sur les marchés automobiles, industriels et consommateurs.
La société a été formée en 2010 grâce à la fusion de NEC Electronics Corporation et de la Renesas Technology Corporation.
Renesas est l'un des plus grands fournisseurs de microcontrôleurs au monde et est connu pour son expertise dans le développement de technologies avancées dans des domaines tels que l'Internet des objets (IoT), l'intelligence artificielle (IA) et l'électronique automobile.
La société a des opérations dans plus de 20 pays et ses produits sont utilisés dans un large éventail d'applications.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.




Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com