Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

X10213 Fiches technique (PDF) - United Automation Ltd. All rights reserved

X10213 Datasheet PDF - United Automation Ltd. All rights reserved
No de pièce X10213
Télécharger  X10213 Télécharger
Taille du fichier   496.92 Kbytes
Page   4 Pages
Fabricant  UNITEDAUTOMATION [United Automation Ltd. All rights reserved]
Site Internet  https://united-automation.com/
Logo UNITEDAUTOMATION - United Automation Ltd. All rights reserved
Description 150kW (210A), 180kW (250A), 415V Three Phase Burst Fire Power Controller

X10213 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
X10213 Datasheet PDF - United Automation Ltd. All rights reserved

No de pièce X10213
Télécharger  X10213 Click to download

Taille du fichier   496.92 Kbytes
Page   4 Pages
Fabricant  UNITEDAUTOMATION [United Automation Ltd. All rights reserved]
Site Internet  https://united-automation.com/
Logo UNITEDAUTOMATION - United Automation Ltd. All rights reserved
Description 150kW (210A), 180kW (250A), 415V Three Phase Burst Fire Power Controller

X10213 Fiches technique (HTML) - United Automation Ltd. All rights reserved


X10213 Détails du produit

KEY FEATURES:
 High Power Ratings: Available in 150KW (210A) and 180KW (250A) at a typical supply of 415V RMS.
 Versatile Control Options: Accepts DC signal control, ensuring smooth operation.
 Burst Firing Technology: Offers efficient load management and reduces power fluctuations.
 Thermal Protection: Features an automatic reset thermal trip for enhanced safety.
 Compact Design: Same physical size for both models, simplifying installation
APPLICATIONS:
Ideal for heating, ventilation, air conditioning (HVAC), furnaces, ovens, dryers, and other resistive load applications.




Numéro de pièce similaire - X10213

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
X10213 ETC2-X10213 Datasheet
116Kb / 3P
MULTI-MODE MAINS MODULE BURST FIRED OR PHASE ANGLE
logo
United Automation Ltd. ...
X10213 UNITEDAUTOMATION-X10213 Datasheet
56Kb / 1P
MANUAL PHASE ANGLE TRIAC TRIGGER MODULE
31/07/12
X10213 UNITEDAUTOMATION-X10213 Datasheet
192Kb / 2P
PHASE ANGLE POWER 25A ac CONTROL MODULE
17/07/98
X10213 UNITEDAUTOMATION-X10213 Datasheet
517Kb / 2P
Phase Angle Power Control Module
19 January 2026
X10213 UNITEDAUTOMATION-X10213 Datasheet
727Kb / 4P
Standard with 15A / 17A, 110V / 230V Variable AC Regulator
1 July 2025
More results


Description similaire - X10213

FabricantNo de pièceFiches techniqueDescription
logo
Allegro MicroSystems
3932 ALLEGRO-3932 Datasheet
67Kb / 8P
THREE PHASE POWER MOSFET CONTROLLER
03/02/99
A3938SEQ ALLEGRO-A3938SEQ Datasheet
399Kb / 11P
Three-Phase Power MOSFET Controller
logo
Crydom Inc.,
MCBC1225 CRYDOM-MCBC1225 Datasheet
941Kb / 6P
Microprocessor based burst-fire controller / SSR
logo
Allegro MicroSystems
A3932 ALLEGRO-A3932_13 Datasheet
364Kb / 12P
Three-Phase Power MOSFET Controller
A3932SLD-T ALLEGRO-A3932SLD-T Datasheet
364Kb / 12P
Three-Phase Power MOSFET Controller
A3938SLDTR ALLEGRO-A3938SLDTR Datasheet
369Kb / 11P
Three-Phase Power MOSFET Controller
logo
MacMic
MMD250F160X MACMIC-MMD250F160X Datasheet
183Kb / 3P
250A Three-Phase Rectifier Bridge Module
MMD250F180X MACMIC-MMD250F180X Datasheet
183Kb / 3P
250A Three-Phase Rectifier Bridge Module
MMD250FB MACMIC-MMD250FB Datasheet
311Kb / 3P
250A Three-Phase Rectifier Bridge Module
MMD250FB180X MACMIC-MMD250FB180X Datasheet
202Kb / 3P
250A Three-Phase Rectifier Bridge Module
More results



Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com