Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

35045 Fiches technique (PDF) - MENDA

35045 Datasheet PDF - MENDA
No de pièce 35045
Télécharger  35045 Télécharger
Taille du fichier   223.1 Kbytes
Page   1 Pages
Fabricant  MENDA [MENDA]
Site Internet  https://menda.descoindustries.com/
Logo MENDA - MENDA
Description HORIZONTAL BADGE HOLDER WITH FLAP CLOSURE,3 7/8" (98MM) x 2 5/8" (67MM) INSERT SIZE

35045 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
35045 Datasheet PDF - MENDA

No de pièce 35045
Télécharger  35045 Click to download

Taille du fichier   223.1 Kbytes
Page   1 Pages
Fabricant  MENDA [MENDA]
Site Internet  https://menda.descoindustries.com/
Logo MENDA - MENDA
Description HORIZONTAL BADGE HOLDER WITH FLAP CLOSURE,3 7/8" (98MM) x 2 5/8" (67MM) INSERT SIZE

35045 Fiches technique (HTML) - MENDA


35045 Détails du produit

SPECIFICATIONS
Vinyl Badge Holder
◦ Material Thickness: 0.020" (0.51mm) (3S) front, & 0.020" (0.51mm)
(6S) back
◦ Material Tolerance (thickness): ±10%
◦ Material Color: clear front & matte back
Includes a 1/8" (3mm) x 9/16" (14mm) punch through slot, and two 3/16"
(5mm) diameter hang holes located 3/8" (10mm) from the top
4 1/4" (108mm) x 3 7/16" (87mm) (Outer Dimension)
Opening located 1 1/8" (29mm) from top, with flap closure
Embossed with Menda & Made In America along the top header




Numéro de pièce similaire - 35045

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
35045 ETC2-35045 Datasheet
1Mb / 23P
The Standard for Tools and Workbench Accessories
35045 ETC2-35045 Datasheet
1Mb / 23P
The Standard for Tools and Workbench Accessories
More results


Description similaire - 35045

FabricantNo de pièceFiches techniqueDescription
logo
Varitronix internationa...
MDL-16263 VARITRONIX-MDL-16263 Datasheet
60Kb / 1P
16 CHARACTERS X 2 LINES CHARACTER SIZE : 1.85W X 2.75H mm (5 X 7 DOTS), 1.85W X 2.75H mm (5 X 8 DOTS)
MDL-16268D VARITRONIX-MDL-16268D Datasheet
66Kb / 1P
16 CHARACTERS X 2 LINES CHARACTER SIZE : 4.84W X 8.06H mm (5 X 7 DOTS), 4.84W X 9.66H mm (5 X 8 DOTS)
MDL-20189 VARITRONIX-MDL-20189 Datasheet
69Kb / 1P
CHARACTER SIZE : 6.70W X 9.40H mm ( 5 X 7 DOTS) 6.70W X 11.50H mm ( 5 X 8 DOTS)
MDL-20265 VARITRONIX-MDL-20265 Datasheet
73Kb / 1P
CHARACTER SIZE : 3.20W X 4.85H mm (5 X 7 DOTS), 3.20W X 5.55H mm (5 X 8 DOTS)
MDL-20433 VARITRONIX-MDL-20433 Datasheet
66Kb / 1P
CHARACTER SIZE: 1.85W X 2.75H mm (5 X 7 DOTS), 1.88W X 3.13H mm (5 X 8 DOTS)
MDL-20464 VARITRONIX-MDL-20464 Datasheet
78Kb / 1P
CHARACTER SIZE: 2.90W X 4.10H mm (5 X 7 DOTS), 2.90W X 4.70H mm (5 X 8 DOTS)
MDL-24265 VARITRONIX-MDL-24265 Datasheet
71Kb / 1P
24 CHARACTERS X 2 LINE, CHARACTER SIZE: 3.15W X 4.50H mm (5 X 7 DOTS), 3.15W X 5.15H mm (5 X 8 DOTS)
MDL-24265-LED04 VARITRONIX-MDL-24265-LED04 Datasheet
81Kb / 1P
24 CHARACTERS X 2 LINE, CHARACTER SIZE: 3.15W X 4.50H mm (5 X 7 DOTS), 3.15W X 5.15H mm (5 X 8 DOTS)
MDL-40466 VARITRONIX-MDL-40466 Datasheet
79Kb / 1P
40 CHARACTERS X 2 LINE, CHARACTER SIZE: 3.15W X 4.80H mm (5 X 7 DOTS), 3.15W X 5.50H mm (5 X 8 DOTS)
logo
List of Unclassifed Man...
36017 ETC2-36017 Datasheet
81Kb / 1P
35017 - BADGE HOLDER, ESD, ZIPPER, HORIZONTAL, 4 x 3-3/8
More results



Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com