Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

35042 Fiches technique (PDF) - MENDA

35042 Datasheet PDF - MENDA
No de pièce 35042
Télécharger  35042 Télécharger
Taille du fichier   282.45 Kbytes
Page   1 Pages
Fabricant  MENDA [MENDA]
Site Internet  https://menda.descoindustries.com/
Logo MENDA - MENDA
Description BADGE HOLDER, HORIZONTAL FORMAT, RED/BLUE COLOREDHEADER, 4 1/4" (108MM) x 3 3/8" (86MM) INSERT SIZE

35042 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
35042 Datasheet PDF - MENDA

No de pièce 35042
Télécharger  35042 Click to download

Taille du fichier   282.45 Kbytes
Page   1 Pages
Fabricant  MENDA [MENDA]
Site Internet  https://menda.descoindustries.com/
Logo MENDA - MENDA
Description BADGE HOLDER, HORIZONTAL FORMAT, RED/BLUE COLOREDHEADER, 4 1/4" (108MM) x 3 3/8" (86MM) INSERT SIZE

35042 Fiches technique (HTML) - MENDA


35042 Détails du produit

SPECIFICATIONS
Vinyl Badge Holder
◦ Material Thickness: 0.014" (0.36mm) header, & 0.009" (0.23mm) holder
◦ Material Tolerance (thickness): ±10%
◦ Material Color: Red or Blue header & clear holder
Includes a 1/8" (3mm) x 9/16" (14mm) punch through slot and two 3/16" (5mm)
holes located along top header
4 1/2" (114mm) x 4 1/4" (108mm) (Outer Dimension)
Custom colors available upon request
Embossed with Menda & Made In America along the top header
Made in America




Numéro de pièce similaire - 35042

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
35042 ETC2-35042 Datasheet
1Mb / 23P
The Standard for Tools and Workbench Accessories
35042 ETC2-35042 Datasheet
1Mb / 23P
The Standard for Tools and Workbench Accessories
logo
Tyco Electronics
350428 MACOM-350428 Datasheet
95Kb / 1P
PIN HEADER ASSEMBLY, 2 CIRCUIT
350428-1 MACOM-350428-1 Datasheet
95Kb / 1P
PIN HEADER ASSEMBLY, 2 CIRCUIT
350428-2 MACOM-350428-2 Datasheet
95Kb / 1P
PIN HEADER ASSEMBLY, 2 CIRCUIT
More results


Description similaire - 35042

FabricantNo de pièceFiches techniqueDescription
logo
Kingbright Corporation
L-53F3BT KINGBRIGHT-L-53F3BT Datasheet
145Kb / 5P
T-1 3/4 INFRA RED EMITTING DIODE
L2523SURC KINGBRIGHT-L2523SURC Datasheet
102Kb / 4P
T-1 3/4 (5MM) HYPER RED LED LAMPS
logo
Chicago Miniature Lamp,...
CMD5052 CML-CMD5052 Datasheet
65Kb / 1P
T-1 3/4 Standard Red LED Lamps
logo
Kingbright Corporation
WP7113F3BT KINGBRIGHT-WP7113F3BT Datasheet
107Kb / 4P
T-1 3/4 (5mm) INFRA-RED EMITTING DIODE
W53SF6C KINGBRIGHT-W53SF6C Datasheet
94Kb / 3P
T-1 3/4 (5mm) INFRA-RED EMITTING DIODE
logo
List of Unclassifed Man...
36017 ETC2-36017 Datasheet
81Kb / 1P
35017 - BADGE HOLDER, ESD, ZIPPER, HORIZONTAL, 4 x 3-3/8
HKL ETC1-HKL Datasheet
563Kb / 1P
1/4" x 1 1/4" Panel-mount indicating fuse holder
logo
Eaton All Rights Reserv...
HFB EATON-HFB Datasheet
377Kb / 1P
1/4??x 1 1/4??in-line waterproof fuse holder
HRK EATON-HRK Datasheet
170Kb / 1P
1/4??x 7/8??to 1/4" x 1 1/4" Universal in-line fuse holder
logo
SparkFun Electronics
ROB-12477 SPARKFUN-ROB-12477 Datasheet
93Kb / 1P
Shaft Coupler - 1/4 to 3/8
1/15/2016
More results



Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com