Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

D03156 Fiches technique (PDF) - Premier Farnell Limited.

D03156 Datasheet PDF - Premier Farnell Limited.
No de pièce D03156
Télécharger  D03156 Télécharger
Taille du fichier   144.78 Kbytes
Page   1 Pages
Fabricant  DURATOOL [Premier Farnell Limited.]
Site Internet  https://cpc.farnell.com/
Logo DURATOOL - Premier Farnell Limited.
Description Telescopic Inspection Mirror with LED Light

D03156 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
D03156 Datasheet PDF - Premier Farnell Limited.

No de pièce D03156
Télécharger  D03156 Click to download

Taille du fichier   144.78 Kbytes
Page   1 Pages
Fabricant  DURATOOL [Premier Farnell Limited.]
Site Internet  https://cpc.farnell.com/
Logo DURATOOL - Premier Farnell Limited.
Description Telescopic Inspection Mirror with LED Light

D03156 Fiches technique (HTML) - Premier Farnell Limited.


D03156 Détails du produit

Description
A LED telescopic inspection mirror which is an ideal tool for those difficult to see jobs. It can be positioned to nearly any angle and has a cushion grip extendable shaft.

Features
Inspection mirror can be positioned to any angle
Telescopic stainless steel shaft with cushion grip extends from 285 to 875mm
3 LEDs are operated by a simple on/off switch
Powered by 2 × CR2032 batteries (included)




Numéro de pièce similaire - D03156

FabricantNo de pièceFiches techniqueDescription
logo
Premier Farnell Limited...
D03110 DURATOOL-D03110 Datasheet
115Kb / 1P
Adjustable Wrench Set 6” & 8” Black Finish
21/07/17 V1.0
logo
Tyco Electronics
D03110-000 MACOM-D03110-000 Datasheet
107Kb / 1P
PolySwitch짰 PTC Devices
logo
Premier Farnell Limited...
D03112 DURATOOL-D03112 Datasheet
104Kb / 1P
Solid Steel Engineer Square
21/07/17 V1.0
D03113 DURATOOL-D03113 Datasheet
98Kb / 1P
1-15mm Metric Bore Gauge 0.1mm Graduations
21/07/17 V1.0
D03114 DURATOOL-D03114 Datasheet
91Kb / 1P
Adjustable Torque Screwdriver
More results


Description similaire - D03156

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
NILMS4501N ONSEMI-NILMS4501N Datasheet
90Kb / 9P
Power MOSFET with Current Mirror FET
May, 2006 ??Rev. 4
logo
List of Unclassifed Man...
S5002 ETC2-S5002 Datasheet
103Kb / 1P
Telescopic Inspection Mirror
logo
OSRAM GmbH
LEDFOG101BK12 OSRAM-LEDFOG101BK12 Datasheet
124Kb / 3P
LED fog light with daytime running light functionality
LEDFOG103BL12 OSRAM-LEDFOG103BL12 Datasheet
119Kb / 3P
LED fog light with daytime running light functionality
logo
Schneider Electric
XUSZMF125 SCHNEIDER-XUSZMF125 Datasheet
70Kb / 2P
Column with mirror 1200 mm for safety light curtains - Hp = 910 mm
Jan 19, 2021
XUSZMF138 SCHNEIDER-XUSZMF138 Datasheet
70Kb / 2P
Column with mirror 1330 mm for safety light curtains - Hp = 1060 mm
Jan 19, 2021
XUSZMF172 SCHNEIDER-XUSZMF172 Datasheet
70Kb / 2P
Column with mirror 1700 mm for safety light curtains - Hp = 1360 mm
Jan 19, 2021
XUSZMF202 SCHNEIDER-XUSZMF202 Datasheet
70Kb / 2P
Column with mirror 1970 mm for safety light curtains - Hp = 1810 mm
Jan 19, 2021
VRKP2YYYYY00007 SCHNEIDER-VRKP2YYYYY00007 Datasheet
69Kb / 1P
double telescopic axis mounted with universal joints
Apr 20, 2022
VRKP4YYYYY00007 SCHNEIDER-VRKP4YYYYY00007 Datasheet
69Kb / 1P
double telescopic axis mounted with universal joints
Apr 20, 2022
More results



Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com