Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DSC1104AI1-156.2500 Fiches technique (PDF) - Microchip Technology

DSC1104AI1-156.2500 Datasheet PDF - Microchip Technology
No de pièce DSC1104AI1-156.2500
Télécharger  DSC1104AI1-156.2500 Télécharger
Taille du fichier   1942.37 Kbytes
Page   28 Pages
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Low Jitter Precision HCSL Oscillator

DSC1104AI1-156.2500 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
DSC1104AI1-156.2500 Datasheet PDF - Microchip Technology

No de pièce DSC1104AI1-156.2500
Télécharger  DSC1104AI1-156.2500 Click to download

Taille du fichier   1942.37 Kbytes
Page   28 Pages
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Low Jitter Precision HCSL Oscillator

DSC1104AI1-156.2500 Fiches technique (HTML) - Microchip Technology


DSC1104AI1-156.2500 Détails du produit

Features
•Low RMS Phase Jitter: <1 ps (typ.)
•High Stability: ±10 ppm, ±20 ppm, ±25 ppm, ±50 ppm
•Wide Temperature Range
-Industrial: –40°C to +85°C
-Ext. Commercial: –20°C to +70°C
-Ext. Industrial: –40°C to +105°C
•High Supply Noise Rejection: –50 dBc
•Wide Frequency Range: 2.3 MHz to 460 MHz
•Small Industry Standard Footprints:
-2.5 mm x 2.0 mm, 3.2 mm x 2.5 mm, 5.0 mm x 3.2 mm, and 7.0 mm x 5.0 mm
•Excellent Shock and Vibration Immunity
-Qualified to MIL-STD-883
•High Reliability
-20x Better MTF than Quartz Oscillators
•Low Current Consumption
•Supply Range of 2.25V to 3.6V
•Standby and Output Enable Function
•Lead Free and RoHS Compliant

Applications
•Storage Area Networks
-SATA, SAS, Fibre Channel
•Passive Optical Networks
-EPON, 10G-EPON, GPON, 10G-PON
•Ethernet
-1G, 10GBASE-T/KR/LR/SR, and FCoE
•HD/SD/SDI Video and Surveillance
•PCI Express: Gen 1 to Gen 4
•Display Port

General Description
The DSC1104 and DSC1124 series of high performance oscillators utilizes a proven silicon MEMS technology to provide excellent jitter and stability over a wide range of supply voltages and temperatures. By eliminating the need for quartz or SAW technology, MEMS oscillators significantly enhance reliability and accelerate product development, while meeting stringent clock performance criteria for a variety of communications, storage, and networking applications.
DSC1104 has a standby feature allowing it to completely power down when EN pin is pulled low; whereas for DSC1124, only the outputs are disabled when EN is low. Both oscillators are available in industry standard packages, including the small 2.5 mm x 2.0 mm, and are drop-in replacements for standard 6-pin HCSL quartz crystal oscillators.




Numéro de pièce similaire - DSC1104AI1-156.2500

FabricantNo de pièceFiches techniqueDescription
logo
Micrel Semiconductor
DSC1104AI1 MICREL-DSC1104AI1 Datasheet
563Kb / 7P
Low-Jitter Precision HCSL Oscillator
logo
Microchip Technology
DSC1104AI1T MICROCHIP-DSC1104AI1T Datasheet
496Kb / 28P
Low Jitter Precision HCSL Oscillator
10/25/17
More results


Description similaire - DSC1104AI1-156.2500

FabricantNo de pièceFiches techniqueDescription
logo
Micrel Semiconductor
DSC2044 MICREL-DSC2044 Datasheet
529Kb / 6P
Low-Jitter Configurable Dual HCSL Oscillator
DSC1104 MICREL-DSC1104 Datasheet
563Kb / 7P
Low-Jitter Precision HCSL Oscillator
DSC2042 MICREL-DSC2042 Datasheet
527Kb / 6P
Low-Jitter Configurable HCSL-LVPECL Oscillator
DSC2041 MICREL-DSC2041 Datasheet
537Kb / 6P
Low-Jitter Configurable Dual HCSL-CMOS Oscillator
DSC2040 MICREL-DSC2040 Datasheet
521Kb / 5P
Low-Jitter Configurable HCSL Oscillator
logo
Microchip Technology
DSC1104 MICROCHIP-DSC1104 Datasheet
496Kb / 28P
Low Jitter Precision HCSL Oscillator
10/25/17
logo
Micrel Semiconductor
DSC8004 MICREL-DSC8004 Datasheet
687Kb / 6P
Programmable Low-Jitter Precision HCSL Oscillator
DSC2043 MICREL-DSC2043 Datasheet
534Kb / 6P
Low-Jitter Configurable HCSL-LVDS Oscillator
DSC2140 MICREL-DSC2140 Datasheet
558Kb / 5P
Low-Jitter I2C/SPI Programmable HCSL Oscillator
DSC2142 MICREL-DSC2142 Datasheet
674Kb / 6P
Low-Jitter I2C/SPI Programmable HCSL-LVPECL Oscillator
More results




À propos de Microchip Technology


Microchip Technology est une entreprise américaine de semi-conducteurs fondée en 1989.
La société fournit une large gamme de microcontrôleurs, de produits analogiques, de mémoire et de sécurité pour diverses applications sur les marchés automobiles, industriels et consommateurs.
Microchip est l'un des plus grands fournisseurs de microcontrôleurs au monde et est connu pour son expertise dans la conception de faible puissance et son accent sur les technologies d'économie d'énergie.
L'entreprise fournit également des outils de développement et des logiciels pour aider les clients à concevoir et à prototyper leurs produits.
Microchip a des opérations dans plus de 70 pays et ses produits sont utilisés dans un large éventail d'applications.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.




Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com