Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISOW3080P Fiches technique (PDF) - Texas Instruments

ISOW3080P Datasheet PDF - Texas Instruments
No de pièce ISOW3080P
Télécharger  ISOW3080P Télécharger
Taille du fichier   1626.36 Kbytes
Page   40 Pages
Fabricant  TI2 [Texas Instruments]
Site Internet  https://www.ti.com
Logo TI2 - Texas Instruments
Description ISOW308x Robust-EMC, Isolated RS-485/RS-422 Transceiver With Integrated DC-DC Converter

ISOW3080P Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
ISOW3080P Datasheet PDF - Texas Instruments

No de pièce ISOW3080P
Télécharger  ISOW3080P Click to download

Taille du fichier   1626.36 Kbytes
Page   40 Pages
Fabricant  TI2 [Texas Instruments]
Site Internet  https://www.ti.com
Logo TI2 - Texas Instruments
Description ISOW308x Robust-EMC, Isolated RS-485/RS-422 Transceiver With Integrated DC-DC Converter

ISOW3080P Fiches technique (HTML) - Texas Instruments


ISOW3080P Détails du produit

1 Features
• Data rates
– ISOW3080 and ISOW3080P : 500kbps
– ISOW3086 and ISOW3086P : 12Mbps
• Integrated best in class emissions DC-DC
converter
– Meets CISPR 32 Class B with margin on a twolayer
PCB
• High efficiency output power
– Typical efficiency: 41.5%
– VISOOUT accuracy: ±10%
• Independent power supply for RS-485 and DC-DC
– Logic supply (VDDL): 2.25V to 5.5V
– Power converter supply ( VDD): 3V to 5.5V
• RS485 compatibility on ISOW3080 and ISOW3086
with 3.3V VISOOUT.
• PROFIBUS compatibility on ISOW3080P and
ISOW3086P with 5V VISOOUT.
• High-performance with integrated protection
– Open, short, and idle bus failsafe
– 1/8 unit load: up to 256 nodes on bus
– Glitch-free power up and power down
• Reinforced and Basic isolation options
• High ESD bus protection
– HBM: ±16kV
– IEC 61000-4-2 contact discharge: ±8kV
• Operating temperature range: -55°C to 125°C
• Current limit and thermal shutdown
• 16-pin wide SOIC package
• Safety Related Certifications:
– DIN EN IEC 60747-17 (VDE 0884-17)
– UL 1577 component recognition program
– IEC 62368-1, IEC 61010-1, IEC 60601-1 and
GB 4943.1-2011 certifications

2 Applications
• Factory automation
• Building automation
• Industrial transport
• Solar inverters, protection relay
• Motor drives

3 Description
The ISOW308x devices are isolated RS-485/RS-422
transceivers with a built-in isolated DC-DC converter,
that eliminates the need for a separate isolated
power supply in space constrained isolated designs.
The low-emissions, isolated DC-DC converter meets
CISPR 32 radiated emissions Class B standard on a
simple two-layer PCB.
Two options of data rates are provided: ISOW3080
is optimized for maximum 500kbps and ISOW3086
is designed for maximum 12Mbps data rate. These
devices do not require any external components
other than supply decoupling capacitors to realize
an isolated RS-485 port, best for long distance
communications. Isolation breaks the ground loop
between the communicating nodes, allowing for a
much larger common mode voltage range. Both signal
and power paths are 5kVRMS isolated per UL1577
and are qualified for reinforced and basic isolation per
VDE, TUV and CQC. The bus pins of these devices
can endure up to 16kV of HBM stress.
The ISOW308x can operate from a single supply
voltage of 3V to 5.5V by connecting VDDL and VDD
together on PCB. If lower logic levels are required,
2.25V to 5.5V logic supply (VDDL) can be separated
and independent from the power converter supply
(VDD) of 3V to 5.5V. These devices support a wide
operating ambient temperature range from –55°C to
+125°C and are available in 16-pin DWE (SOIC-16
footprint compatible package) offering a minimum of
8mm creepage and clearance.




Numéro de pièce similaire - ISOW3080P

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
ISOW1044 TI-ISOW1044 Datasheet
2Mb / 34P
ISOW1044 5-kVRMS Reinforced Isolated CAN FD Transceiver with Integrated Low-Emissions, Low-Noise, High-Efficiency DC-DC Converter
ISOW1044 TI-ISOW1044 Datasheet
3Mb / 45P
ISOW1044 Isolated CAN FD Transceiver with Integrated Low-Emissions, Low-Noise, High-Efficiency DC-DC Converter
DECEMBER 2021
ISOW1044 TI-ISOW1044 Datasheet
3Mb / 45P
ISOW1044 Isolated CAN FD Transceiver with Integrated Low-Emissions, Low-Noise, High-Efficiency DC-DC Converter
DECEMBER 2021
ISOW1044 TI2-ISOW1044 Datasheet
3Mb / 48P
ISOW1044 Isolated CAN FD Transceiver with Integrated Low-Emissions, Low-Noise, High-Efficiency DC-DC Converter
REVISED DECEMBER 2021
ISOW1044B TI-ISOW1044B Datasheet
3Mb / 45P
ISOW1044 Isolated CAN FD Transceiver with Integrated Low-Emissions, Low-Noise, High-Efficiency DC-DC Converter
DECEMBER 2021
More results


Description similaire - ISOW3080P

FabricantNo de pièceFiches techniqueDescription
logo
Exar Corporation
SP335E EXAR-SP335E Datasheet
356Kb / 22P
RS-232/RS-485/RS-422 TRANSCEIVER
SP338E EXAR-SP338E Datasheet
1Mb / 25P
RS-232/RS-485/RS-422 TRANSCEIVER
XR3160E EXAR-XR3160E Datasheet
365Kb / 23P
RS-232/RS-485/RS-422 TRANSCEIVER
logo
Texas Instruments
ISO1410 TI1-ISO1410 Datasheet
1Mb / 31P
5-kVRMS Isolated RS-485/RS-422 Transceiver With Robust EMC
ISO1430 TI1-ISO1430 Datasheet
3Mb / 47P
5-kVRMS Isolated RS-485/RS-422 Transceiver with Robust EMC
ISOW1412 TI-ISOW1412 Datasheet
1Mb / 9P
ISOW1412 Reinforced 5-kVRMS Isolated RS-485/RS-422 Transceiver with Integrated low-emissions DC-DC Converter
ISOW1412 TI-ISOW1412_V01 Datasheet
2Mb / 41P
ISOW14x2 5-kVRMS Reinforced Isolated RS-485/RS-422 Transceiver with Integrated Low-Emissions, Low-Noise, High-Efficiency DC-DC Converter
ISOW1412 TI-ISOW1412_V02 Datasheet
3Mb / 49P
ISOW14x2 Isolated RS-485/RS-422 Transceiver with Integrated Low-Emissions, Low-Noise, High-Efficiency DC-DC Converter
OCTOBER 2021
ISOW1412 TI-ISOW1412_V03 Datasheet
3Mb / 50P
ISOW14x2 Isolated RS-485/RS-422 Transceiver with Integrated Low-Emissions, Low-Noise, High-Efficiency DC-DC Converter
MARCH 2022
logo
Advantech Co., Ltd.
ADAM-4510I ADVANTECH-ADAM-4510I_V01 Datasheet
607Kb / 1P
Robust RS-422/485 Repeater
25-Feb-2020
More results



Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com