Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SC20ML11S6 Fiches technique (PDF) - SOURIAU-SUNBANK Connection Technologies

SC20ML11S6 Datasheet PDF - SOURIAU-SUNBANK Connection Technologies
No de pièce SC20ML11S6
Télécharger  SC20ML11S6 Télécharger
Taille du fichier   424.98 Kbytes
Page   2 Pages
Fabricant  SOURIAU [SOURIAU-SUNBANK Connection Technologies]
Site Internet  https://www.souriau.com/en-en
Logo SOURIAU - SOURIAU-SUNBANK Connection Technologies
Description SM/SC-M Stamped contacts

SC20ML11S6 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
SC20ML11S6 Datasheet PDF - SOURIAU-SUNBANK Connection Technologies

No de pièce SC20ML11S6
Télécharger  SC20ML11S6 Click to download

Taille du fichier   424.98 Kbytes
Page   2 Pages
Fabricant  SOURIAU [SOURIAU-SUNBANK Connection Technologies]
Site Internet  https://www.souriau.com/en-en
Logo SOURIAU - SOURIAU-SUNBANK Connection Technologies
Description SM/SC-M Stamped contacts

SC20ML11S6 Fiches technique (HTML) - SOURIAU-SUNBANK Connection Technologies


SC20ML11S6 Détails du produit

Description
Size 16 SM/SC .063” (1.6mm) diameter contacts are two piece strip formed crimp snap-in pin and sockets.
These contacts consist of a crimp body made of high conductive copper alloy, and a stainless steel retaining spring featuring retention in the housing cavity and a closed entry socket to prevent probe damage.
The contact with its open barrel is standard available on srtip and packaged with 3000 pcs on reel. This reel packaging combined with semi or even full automatic crimp tooling provides the added advantage of a lower installed cost.

Features and benefits
• Made from high conductive copper alloy with gold or tin over nickel plate finish.
• Two piece construcion with dual purpose spring which serves for contact retention and protects the body against damage.
• Contacts available on reel (standard) and in bulk packing (100 pcs).
• Suitable for high volumes and lower installation cost.




Numéro de pièce similaire - SC20ML11S6

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
SC20ML1S6 ETC2-SC20ML1S6 Datasheet
955Kb / 2P
Size 16 stamped and formed contacts for TRIM TRIO connectors
More results


Description similaire - SC20ML11S6

FabricantNo de pièceFiches techniqueDescription
logo
Dubilier
DBCIC32SC6 DUBILIER-DBCIC32SC6 Datasheet
106Kb / 1P
IC SOCKETS STAMPED & FORMED CONTACTS
logo
CAMBION Electronic Comp...
703-3300 CAMBION-703-3300 Datasheet
32Kb / 2P
IC Socket, stamped contacts
logo
List of Unclassifed Man...
ZDB25P1AKN-146 ETC2-ZDB25P1AKN-146 Datasheet
233Kb / 5P
Stamped contacts ZD* series connectors
logo
Dubilier
DBCIC32SC6 DUBILIER-DBCIC32SC6_11 Datasheet
208Kb / 1P
IC SOCKETS STAMPED & FORMED CONTACTS
logo
Amphenol Corporation
L77HDE15SD1CH4R AMPHENOL-L77HDE15SD1CH4R Datasheet
2Mb / 4P
D-Sub connectors - Stamped and Formed Contacts
AT62-16-0622 AMPHENOL-AT62-16-0622 Datasheet
2Mb / 11P
STAMPED AND FORMED CONTACTS
logo
Lapp.
11158400 LAPP-11158400 Datasheet
104Kb / 1P
EPIC® TOOLS FOR M-D 1.0 D-SUB STAMPED CONTACTS
17.09.2018
11201000 LAPP-11201000 Datasheet
86Kb / 1P
EPIC® MC 2.5 STAMPED CONTACTS
17.09.2018
11241100 LAPP-11241100 Datasheet
148Kb / 2P
EPIC® H-D 1.6 STAMPED CONTACTS
08.04.2021
logo
Electronic Components L...
CP30215 CLIFF-CP30215 Datasheet
243Kb / 1P
SC SIMPLEX SM FEEDTHROUGH CONNECTOR
05/2020
More results



Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com