Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HDL6M05585 Fiches technique (PDF) - ABLIC Inc.

HDL6M05585 Datasheet PDF - ABLIC Inc.
No de pièce HDL6M05585
Télécharger  HDL6M05585 Télécharger
Taille du fichier   986.1 Kbytes
Page   26 Pages
Fabricant  ABLIC [ABLIC Inc.]
Site Internet  https://www.ablic.com
Logo ABLIC - ABLIC Inc.
Description OCTAL ±100V 1.6A 5-LEVEL ULTRASOUND PULSER

HDL6M05585 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
HDL6M05585 Datasheet PDF - ABLIC Inc.

No de pièce HDL6M05585
Télécharger  HDL6M05585 Click to download

Taille du fichier   986.1 Kbytes
Page   26 Pages
Fabricant  ABLIC [ABLIC Inc.]
Site Internet  https://www.ablic.com
Logo ABLIC - ABLIC Inc.
Description OCTAL ±100V 1.6A 5-LEVEL ULTRASOUND PULSER

HDL6M05585 Fiches technique (HTML) - ABLIC Inc.


HDL6M05585 Détails du produit

Features
• 0 to ±100V output voltage
• ±1.6A source and sink peak current for the 1st and 2nd high-voltage pulses (VPP1/VNN1,VPP2/VNN2)
• TXSEL to select either VPP1/VNN1 or VPP2/VNN2 drive commonly for all channels
• ±1.6A source and sink peak current for active ground clamp
• 250Ω (±0.1A) active ground clamp without blocking diode for anti-leakage (Analog SW type)
• Embedded floating voltage regulators
• Symmetrical positive and negative pulse waveforms for low 2nd order harmonic distortion
• Up to 200MHz LVDS/LVCMOS clock (transparent mode available)
• 12Ω active T/R switch
• 20MHz output frequency @±60V output, 220pF load
• 1.8V to 5V CMOS logic interface
• Noise-cut diodes at each high-voltage output
• Embedded high-voltage clamp diodes
• 2-mode output current control for the 2nd high-voltage rail
• Automatic thermal protection with indicator
• Power-up/down reset function for free power sequencing and for fail-safe in abrupt power drop
• Latch-up free, low crosstalk between channels by SOI CMOS technology
• 68-lead 10x10mm QFN package (RoHS compliant)




Numéro de pièce similaire - HDL6M05585

FabricantNo de pièceFiches techniqueDescription
logo
ABLIC Inc.
HDL6M05584 ABLIC-HDL6M05584 Datasheet
955Kb / 25P
OCTAL ±100V 2A 3-LEVEL ULTRASOUND PULSER
Rev.2.1_00
HDL6M05586 ABLIC-HDL6M05586 Datasheet
1,003Kb / 25P
OCTAL ±100V 1.6A 5-LEVEL ULTRASOUND PULSER
Rev.1.1_00
More results


Description similaire - HDL6M05585

FabricantNo de pièceFiches techniqueDescription
logo
Supertex, Inc
HV739 SUTEX-HV739 Datasheet
640Kb / 7P
High Speed 짹100V 3.0A Ultrasound Pulser
logo
Texas Instruments
LM96551 TI1-LM96551 Datasheet
1Mb / 14P
Ultrasound Transmit Pulser
LM96550 TI1-LM96550 Datasheet
1Mb / 14P
LM96550 Ultrasound Transmit Pulser
logo
Supertex, Inc
HV7360 SUTEX-HV7360 Datasheet
932Kb / 8P
High Speed, 100V 2.5A, Two or Three Level Ultrasound Pulser
logo
STMicroelectronics
AN3240 STMICROELECTRONICS-AN3240 Datasheet
1Mb / 32P
Ultrasound HV pulser demonstration board
21-Dec-2010
logo
Texas Instruments
LM96550 TI1-LM96550_14 Datasheet
416Kb / 15P
Ultrasound Transmit Pulser
LM96551 TI1-LM96551_16 Datasheet
1Mb / 17P
Ultrasound Transmit Pulser
logo
Microchip Technology
HV7321 MICROCHIP-HV7321 Datasheet
501Kb / 30P
4-Ch. 5-Level 짹80V High-Voltage Ultrasound Pulser with T/R Switches
06/23/16
logo
STMicroelectronics
STHV800 STMICROELECTRONICS-STHV800 Datasheet
314Kb / 5P
Octal ±90 V, ±2 A, 3-level RTZ, high-speed ultrasound pulser
07-Apr-2014
STHV748S STMICROELECTRONICS-STHV748S Datasheet
280Kb / 5P
Quad ± 90 V, ± 2 A, 3/5 level, ESD-enhanced high-speed ultrasound pulser
02-Dec-2016
More results



Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com