Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPSI3103 Fiches technique (PDF) - Texas Instruments

TPSI3103 Datasheet PDF - Texas Instruments
No de pièce TPSI3103
Télécharger  TPSI3103 Télécharger
Taille du fichier   2108.41 Kbytes
Page   52 Pages
Fabricant  TI2 [Texas Instruments]
Site Internet  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPSI3100 Isolated Switch Driver With 17V Gate Drive, Integrated Bias Supply, and Dual Isolated Comparators

TPSI3103 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
TPSI3103 Datasheet PDF - Texas Instruments

No de pièce TPSI3103
Télécharger  TPSI3103 Click to download

Taille du fichier   2108.41 Kbytes
Page   52 Pages
Fabricant  TI2 [Texas Instruments]
Site Internet  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPSI3100 Isolated Switch Driver With 17V Gate Drive, Integrated Bias Supply, and Dual Isolated Comparators

TPSI3103 Fiches technique (HTML) - Texas Instruments


TPSI3103 Détails du produit

1 Features
• Drives external power switches (MOSFETs, IGBTs,
SiC FETs, SCRs)
• Integrated bias supply, no isolated secondary
supply required
• 17V gate drive, 1.5A and 2.5A peak source and
sink current
• 3kVRMS basic isolation
• Up to 25mW, 5V supply for external auxiliary
circuitry
• Dual isolated high-speed comparators with
integrated voltage reference ±1.5%
• Open-drain outputs for fault and alarm indicators
• –40°C to +125°C, TA
• Functional Safety-Capable
– Documentation available to aid functional safety
system design
• Safety-related certifications
– Planned: 4243VPK basic isolation per DIN EN
IEC 60747-17 (VDE 0884-17)
– Planned: 3kVRMS isolation for 1 minute per UL
1577

2 Applications
• Solid state relays
• Building automation
• Factory automation and control

3 Description
The TPSI3100 is a fully integrated isolated switch
driver, which when combined with an external power
switch, forms a complete isolated solid state relay
solution. With a gate drive voltage of 17V with 1.5A
and 2.5A peak source and sink current, a large
availability of power switches can be used to meet
many application needs. The TPSI3100 generates
its own secondary bias supply from power received
on its primary side, so no isolated secondary supply
bias is required. The TPSI3100 provides additional
power via the nominal 5V rail (VDDM) for use by
auxiliary circuits to perform various function such as
current and voltage monitoring or remote temperature
detection. The TPSI3100 isolation is extremely robust
with much higher reliability, lower power consumption,
and increased temperature ranges than those found
using traditional mechanical relays and optocouplers.
The TPSI3100 integrates a communication backchannel
that transfers status information from the
secondary side to the primary side via open-drain
outputs, PGOOD (Power Good), FLT1 (Fault 1), and
ALM1 (Alarm 1). Dual high-speed comparators with
an integrated shared voltage reference are used
to assert FLT1 and ALM1. When the comparator
input, FLT1_CMP, exceeds the voltage reference, the
driver is immediately asserted low and FLT1 is also
driven low, indicating to the system that a fault has
occurred. This is useful for disabling the external
switch with low latency on critical events, such as
overcurrent detection. When the comparator input,
ALM1_CMP, exceeds the voltage reference, ALM1
signal is asserted low, but no action is taken by the
driver. This may be useful as an alarm or warning
indicator for overtemperature or overvoltage events.
The TPSI310xL series offers a latch based fault
indicator. When a fault is detected, the driver and the
fault indicator are asserted low and remain latched,
until EN is asserted low. The TPSI310x series has
a non-latched fault indicator. If the fault event is no
longer present, FLT1 deasserts and the driver, after
a specified recovery period, follows the state of the
EN pin. If the fault event still remains, both the fault
indicator and the driver remain asserted low.




Numéro de pièce similaire - TPSI3103

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPSI3103 TI1-TPSI3103 Datasheet
2Mb / 47P
TPSI3100 Isolated Switch Driver With 15-V Gate Supply and Dual Isolated Comparators
DECEMBER 2023
TPSI3103 TI1-TPSI3103 Datasheet
2Mb / 51P
TPSI3100 Isolated Switch Driver With 17V Gate Drive, Integrated Bias Supply, and Dual Isolated Comparators
NOVEMBER 2024
TPSI3103-Q1 TI1-TPSI3103-Q1 Datasheet
2Mb / 47P
TPSI3100-Q1 Automotive Reinforced Isolated Switch Driver With 15-V Gate Supply and Dual Isolated Comparators
DECEMBER 2023
TPSI3103-Q1 TI-TPSI3103-Q1 Datasheet
2Mb / 52P
TPSI3100-Q1 Automotive Reinforced Isolated Switch Driver With 17V Gate Drive, Integrated Bias Supply, and Dual Isolated Comparators
NOVEMBER 2024
TPSI3103-Q1 TI2-TPSI3103-Q1 Datasheet
2Mb / 52P
TPSI3100-Q1 Automotive Reinforced Isolated Switch Driver With 17V Gate Drive, Integrated Bias Supply, and Dual Isolated Comparators
REVISED JULY 2025
More results


Description similaire - TPSI3103

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADUM6132 AD-ADUM6132_08 Datasheet
371Kb / 16P
Isolated Half-Bridge Gate Driver with Integrated Isolated High-Side Supply
REV. 0
logo
Texas Instruments
TPSI3052 TI-TPSI3052 Datasheet
2Mb / 41P
TPSI3052 Isolated Switch Driver with Integrated 15-V Gate Supply
APRIL 2022
TPSI3050 TI-TPSI3050 Datasheet
2Mb / 41P
TPSI3050 Isolated Switch Driver with Integrated 10-V Gate Supply
APRIL 2022
logo
Analog Devices
ADUM6132 AD-ADUM6132_V01 Datasheet
317Kb / 16P
Isolated Half-Bridge Gate Driver with Integrated Isolated High-Side Supply
Rev. B
logo
Texas Instruments
TPSI3050 TI-TPSI3050_V01 Datasheet
4Mb / 41P
TPSI3050 Isolated Switch Driver with Integrated 10-V Gate Supply
REVISED NOVEMBER 2022
logo
Allegro MicroSystems
AHV85110 ALLEGRO-AHV85110 Datasheet
438Kb / 3P
Self-Powered Single-Channel Isolated GaNFET Driver with Power-Thru Integrated Isolated Bias Supply
August 30, 2022
logo
Texas Instruments
TPSI3050-Q1 TI-TPSI3050-Q1_V02 Datasheet
4Mb / 44P
TPSI3050-Q1 Automotive Reinforced Isolated Switch Driver with Integrated 10-V Gate Supply
REVISED APRIL 2023
TPSI3050 TI-TPSI3050_V02 Datasheet
4Mb / 42P
TPSI3050 Isolated Switch Driver with Integrated 10-V Gate Supply
REVISED APRIL 2023
TPSI3052-Q1 TI-TPSI3052-Q1_V02 Datasheet
3Mb / 45P
TPSI3052-Q1 Automotive Reinforced Isolated Switch Driver with Integrated 15-V Gate Supply
REVISED APRIL 2023
TPSI3052 TI-TPSI3052_V01 Datasheet
3Mb / 44P
TPSI3052 Isolated Switch Driver with Integrated 15-V Gate Supply
REVISED APRIL 2023
More results



Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com