Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IS61C25616AS Fiches technique (PDF) - Integrated Silicon Solution, Inc

IS61C25616AS Datasheet PDF - Integrated Silicon Solution, Inc
No de pièce IS61C25616AS
Télécharger  IS61C25616AS Télécharger
Taille du fichier   224.07 Kbytes
Page   16 Pages
Fabricant  ISSI [Integrated Silicon Solution, Inc]
Site Internet  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc
Description 256K x 16 HIGH-SPEED CMOS STATIC RAM

IS61C25616AS Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
IS61C25616AS Datasheet PDF - Integrated Silicon Solution, Inc

No de pièce IS61C25616AS
Télécharger  IS61C25616AS Click to download

Taille du fichier   224.07 Kbytes
Page   16 Pages
Fabricant  ISSI [Integrated Silicon Solution, Inc]
Site Internet  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc
Description 256K x 16 HIGH-SPEED CMOS STATIC RAM

IS61C25616AS Fiches technique (HTML) - Integrated Silicon Solution, Inc


IS61C25616AS Détails du produit

FEATURES
HIGH SPEED: (IS61/64C25616AL)
• High-speed access time: 10ns, 12 ns
• Low Active Power: 150 mW (typical)
• Low Standby Power: 10 mW (typical)
CMOS standby
LOW POWER: (IS61/64C25616AS)
• High-speed access time: 25 ns
• Low Active Power: 75 mW (typical)
• Low Standby Power: 1 mW (typical)
CMOS standby
• TTL compatible interface levels
• Single 5V ± 10% power supply
• Fully static operation: no clock or refresh
required
• Available in 44-pin SOJ package and
44-pin TSOP (Type II)
• Commercial, Industrial and Automotive temperature
ranges available
• Lead-free available




Numéro de pièce similaire - IS61C25616AS

FabricantNo de pièceFiches techniqueDescription
logo
Integrated Silicon Solu...
IS61C25616AS ISSI-IS61C25616AS Datasheet
258Kb / 17P
256K x 16 HIGH-SPEED CMOS STATIC RAM
IS61C25616AS-25KI ISSI-IS61C25616AS-25KI Datasheet
258Kb / 17P
256K x 16 HIGH-SPEED CMOS STATIC RAM
IS61C25616AS-25KLI ISSI-IS61C25616AS-25KLI Datasheet
258Kb / 17P
256K x 16 HIGH-SPEED CMOS STATIC RAM
IS61C25616AS-25TI ISSI-IS61C25616AS-25TI Datasheet
258Kb / 17P
256K x 16 HIGH-SPEED CMOS STATIC RAM
IS61C25616AS-25TLI ISSI-IS61C25616AS-25TLI Datasheet
258Kb / 17P
256K x 16 HIGH-SPEED CMOS STATIC RAM
More results


Description similaire - IS61C25616AS

FabricantNo de pièceFiches techniqueDescription
logo
Mosel Vitelic, Corp
V62C1164096 MOSEL-V62C1164096 Datasheet
178Kb / 10P
256K x 16, CMOS STATIC RAM
V62C18164096 MOSEL-V62C18164096 Datasheet
51Kb / 10P
256K x 16, CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS61LV2568L ISSI-IS61LV2568L Datasheet
75Kb / 14P
256K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P3C1041 PYRAMID-P3C1041 Datasheet
291Kb / 10P
HIGH SPEED 256K x 16 (4 MEG) STATIC CMOS RAM
P4C1041 PYRAMID-P4C1041 Datasheet
445Kb / 10P
HIGH SPEED 256K x 16 (4 MEG) STATIC CMOS RAM
logo
Integrated Silicon Solu...
IS61C25616AL ISSI-IS61C25616AL Datasheet
258Kb / 17P
256K x 16 HIGH-SPEED CMOS STATIC RAM
IS61WV25616ALL ISSI-IS61WV25616ALL Datasheet
212Kb / 21P
256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
IS61WV25616BLL-10BLI ISSI-IS61WV25616BLL-10BLI Datasheet
212Kb / 21P
256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
IS62C25616BL ISSI-IS62C25616BL Datasheet
435Kb / 13P
256K x 16 HIGH-SPEED CMOS STATIC RAM
logo
Force Technologies Ltd
FTC41041 FORCE-FTC41041 Datasheet
1Mb / 11P
HIGH SPEED 256K x 16 (4 MEG) STATIC CMOS RAM
More results




À propos de Integrated Silicon Solution, Inc


Integrated Silicon Solution, Inc. (ISSI) is a fabless semiconductor company that designs and markets high-performance integrated circuits (ICs) for the automotive, industrial, medical, and communications markets. The company was founded in 1988 and is headquartered in Milpitas, California, USA.

ISSI's product portfolio includes static random access memory (SRAM), dynamic random access memory (DRAM), and analog and mixed-signal ICs. The company specializes in low-power, high-speed SRAMs, and is a leading supplier of DRAMs to the automotive market.

In 2015, ISSI was acquired by China's Uphill Investment Co., Ltd. and became a wholly-owned subsidiary of Uphill Investment.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.




Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com