Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9349-LF Fiches technique (PDF) - STMicroelectronics

L9349-LF Datasheet PDF - STMicroelectronics
No de pièce L9349-LF_V01
Télécharger  L9349-LF Télécharger
Taille du fichier   251.52 Kbytes
Page   17 Pages
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Quad intelligent power low side switch

L9349-LF Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
L9349-LF Datasheet PDF - STMicroelectronics

No de pièce L9349-LF_V01
Télécharger  L9349-LF Click to download

Taille du fichier   251.52 Kbytes
Page   17 Pages
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Quad intelligent power low side switch

L9349-LF Fiches technique (HTML) - STMicroelectronics


L9349-LF Détails du produit

Description
The L9349 is a monolithic IC designed to drive inductive loads in low side configurations like hydraulic valves used in ABS systems. Particular care has been taken to protect the device against failures, to avoid electromagnetic interferences and to offer extensive real time diagnostics. The internal pull down current source at the ENable and INput pins assures, that the device is switched off, in case of open input conditions. An output voltage slope limitation is implemented to reduce the EMI. The device is equipped with an integrated Zener diodes clamp for fast inductive load current recirculation. This structure limits the output voltage during the recirculation phase to 50V. The device is self-protected against short circuit at the outputs and overtemperature. For the real time error diagnosis, the voltage and the current of the outputs are compared with internally fixed thresholds to recognize open load in OFF and ON conditions. The output voltages are also compared with each other in OFF condition with a fixed offset, in order to recognize load bypasses. If the over load current threshold is exceeded, the output current will be limited internally during the diagnostic overload delay switch-off time. All four channels are monitored with a status output. The diagnostic output level in connection with different enable and input conditions allows it to recognize the different fail states. PowerSO-20




Numéro de pièce similaire - L9349-LF_V01

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
L9349-LF STMICROELECTRONICS-L9349-LF Datasheet
267Kb / 17P
Quad intelligent power low side switch
09-Sep-2008
More results


Description similaire - L9349-LF_V01

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
L9346 STMICROELECTRONICS-L9346 Datasheet
96Kb / 13P
QUAD INTELLIGENT POWER LOW SIDE SWITCH
May-2000
L9347 STMICROELECTRONICS-L9347 Datasheet
329Kb / 21P
INTELLIGENT QUAD 2X5A/2X2.5A LOW-SIDE SWITCH
Jun-2002
L9349 STMICROELECTRONICS-L9349 Datasheet
285Kb / 12P
QUAD INTELLIGENT POWER LOW SIDE SWITCH
Sep-2002
L9352 STMICROELECTRONICS-L9352 Datasheet
328Kb / 21P
INTELLIGENT QUAD 2X5A/2X2.5A LOW-SIDE SWITCH
Jun-2002
logo
Texas Instruments
TPIC2404 TI-TPIC2404 Datasheet
88Kb / 7P
INTELLIGENT-POWER QUAD LOW-SIDE SWITCH
logo
STMicroelectronics
L9352B STMICROELECTRONICS-L9352B Datasheet
611Kb / 21P
INTELLIGENT QUAD (2X5A/2X2.5A) LOW-SIDE SWITCH
Feb-2004
L9332 STMICROELECTRONICS-L9332 Datasheet
255Kb / 17P
Quad intelligent power low side switch
28-Mar-2008
L9349-LF STMICROELECTRONICS-L9349-LF Datasheet
267Kb / 17P
Quad intelligent power low side switch
09-Sep-2008
logo
Texas Instruments
TPIC2404KN TI-TPIC2404KN Datasheet
90Kb / 7P
INTELLIGENT-POWER QUAD LOW-SIDE SWITCH
logo
STMicroelectronics
IPS4260L STMICROELECTRONICS-IPS4260L Datasheet
834Kb / 29P
Quad low-side intelligent power switch
30-Jul-2021
More results




À propos de STMicroelectronics


Stmicroelectronics est un fabricant multinational d'électronique et de semi-conducteurs basé à Genève, en Suisse.

La société propose une large gamme de produits, notamment des microcontrôleurs, des capteurs, des amplificateurs de puissance et des circuits intégrés pour diverses applications sur les marchés automobiles, industriels et consommateurs.

Fondée en 1987, Stmicroelectronics a des opérations dans plus de 100 pays et est l'une des plus grandes sociétés de semi-conducteurs au monde.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.