Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DRV5053 Fiches technique (PDF) - Texas Instruments

DRV5053 Datasheet PDF - Texas Instruments
No de pièce DRV5053
Télécharger  DRV5053 Télécharger
Taille du fichier   1177.99 Kbytes
Page   28 Pages
Fabricant  TI2 [Texas Instruments]
Site Internet  https://www.ti.com
Logo TI2 - Texas Instruments
Description DRV5053 Analog-Bipolar Hall Effect Sensor

DRV5053 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
DRV5053 Datasheet PDF - Texas Instruments

No de pièce DRV5053
Télécharger  DRV5053 Click to download

Taille du fichier   1177.99 Kbytes
Page   28 Pages
Fabricant  TI2 [Texas Instruments]
Site Internet  https://www.ti.com
Logo TI2 - Texas Instruments
Description DRV5053 Analog-Bipolar Hall Effect Sensor

DRV5053 Fiches technique (HTML) - Texas Instruments


DRV5053 Détails du produit

1 Features
• Linear output hall sensor
• Superior temperature stability
– Sensitivity ±10% over temperature
• High sensitivity options:
– –11 mV/mT (OA, see Figure 17)
– –23 mV/mT (PA)
– –45 mV/mT (RA)
– –90 mV/mT (VA)
– +23 mV/mT (CA)
– +45 mV/mT (EA)
• Supports a wide voltage range
– 2.5 V to 38 V
– No external regulator required
• Wide operating temperature range
– TA = –40 to 125°C (Q, see Figure 17)
• Amplified output stage
– 2.3-mA sink, 300-μA source
• Output voltage: 0.2 V to approximately 1.8 V
– B = 0 mT, OUT = 1 V
• Fast power-on: 35 μs
• Small package and footprint
– Surface mount 3-pin SOT-23 (DBZ)
• 2.92 mm × 2.37 mm
– Through-hole 3-pin TO-92 (LPG)
• 4.00 mm × 3.15 mm
• Protection features:
– Reverse supply protection (up to –22 V)
– Supports up to 40-V load dump
– Output short-circuit protection
– Output current limitation

2 Applications
• Flow Meters
• Docking Adjustment
• Vibration Correction
• Damper Controls

3 Description
The DRV5053 device is a chopper-stabilized Hall IC
that offers a magnetic sensing solution with superior
sensitivity stability over temperature and integrated
protection features.
The 0-V to 2-V analog output responds linearly to the
applied magnetic flux density, and distinguishes the
polarity of magnetic field direction. A wide operating
voltage range from 2.5 V to 38 V with reverse polarity
protection up to –22 V makes the device suitable for a
wide range of industrial and consumer applications.
Internal protection functions are provided for reverse
supply conditions, load dump, and output short circuit
or overcurrent.




Numéro de pièce similaire - DRV5053

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DRV5053 TI1-DRV5053 Datasheet
1Mb / 25P
DRV5053 Analog-Bipolar Hall Effect Sensor
DRV5053 TI2-DRV5053 Datasheet
892Kb / 29P
DRV5053-Q1 Automotive Analog-Bipolar Hall Effect Sensor
REVISED DECEMBER 2015
DRV5053-Q1 TI1-DRV5053-Q1 Datasheet
1Mb / 27P
Automotive Analog-Bipolar Hall Effect Sensor
DRV5053-Q1 TI2-DRV5053-Q1 Datasheet
892Kb / 29P
DRV5053-Q1 Automotive Analog-Bipolar Hall Effect Sensor
REVISED DECEMBER 2015
DRV5053-Q1 TI-DRV5053-Q1_15 Datasheet
1Mb / 26P
DRV5053-Q1 Automotive Analog-Bipolar Hall Effect Sensor
More results


Description similaire - DRV5053

FabricantNo de pièceFiches techniqueDescription
logo
FOSLINK SEMICONDUCTOR C...
FSH41 FOSLINK-FSH41 Datasheet
145Kb / 5P
BIPOLAR HALL EFFECT POSITION SENSOR
logo
SEC Electronics Inc.
SS41 SECELECTRONICS-SS41 Datasheet
195Kb / 6P
Bipolar Hall-Effect Position Sensor
SS539 SECELECTRONICS-SS539 Datasheet
235Kb / 5P
Bipolar Hall-Effect Position Sensor
logo
Texas Instruments
DRV5053 TI-DRV5053_15 Datasheet
1,019Kb / 24P
DRV5053 Analog-Bipolar Hall Effect Sensor
DRV5053-Q1 TI-DRV5053-Q1_15 Datasheet
1Mb / 26P
DRV5053-Q1 Automotive Analog-Bipolar Hall Effect Sensor
DRV5053-Q1 TI1-DRV5053-Q1 Datasheet
1Mb / 27P
Automotive Analog-Bipolar Hall Effect Sensor
DRV5053 TI1-DRV5053 Datasheet
1Mb / 25P
DRV5053 Analog-Bipolar Hall Effect Sensor
logo
SEC Electronics Inc.
SS539_1311 SECELECTRONICS-SS539_1311 Datasheet
218Kb / 5P
Bipolar Hall-Effect Position Sensor
logo
Honeywell Solid State E...
SS41 HONEYWELL-SS41 Datasheet
1Mb / 8P
Bipolar Hall-Effect Digital Position Sensor ICs
SS41F HONEYWELL-SS41F Datasheet
291Kb / 5P
Low-cost Digital Bipolar Hall-effect Sensor ICs
September 2015
More results



Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com