Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LP5904TMX-3.1/NOPB Fiches technique (PDF) - Texas Instruments

LP5904TMX-3.1/NOPB Datasheet PDF - Texas Instruments
No de pièce LP5904TMX-3.1/NOPB
Télécharger  LP5904TMX-3.1/NOPB Télécharger
Taille du fichier   887.38 Kbytes
Page   21 Pages
Fabricant  TI2 [Texas Instruments]
Site Internet  https://www.ti.com
Logo TI2 - Texas Instruments
Description Ultra Low Noise, 200 mA Linear Regulator for RF/Analog Circuits - Requires No Bypass Capacitor

LP5904TMX-3.1/NOPB Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
LP5904TMX-3.1/NOPB Datasheet PDF - Texas Instruments

No de pièce LP5904TMX-3.1/NOPB
Télécharger  LP5904TMX-3.1/NOPB Click to download

Taille du fichier   887.38 Kbytes
Page   21 Pages
Fabricant  TI2 [Texas Instruments]
Site Internet  https://www.ti.com
Logo TI2 - Texas Instruments
Description Ultra Low Noise, 200 mA Linear Regulator for RF/Analog Circuits - Requires No Bypass Capacitor

LP5904TMX-3.1/NOPB Fiches technique (HTML) - Texas Instruments


LP5904TMX-3.1/NOPB Détails du produit

1FEATURES
• Stable with 1.0 μF Ceramic Input and Output
Capacitors
• No Noise Bypass Capacitor Required
• Remote Output Capacitor Placement
• Thermal-overload and Short-circuit Protection
• –40°C to +125°C Junction Temperature Range
for Operation

APPLICATIONS
• Cellular Phones
• PDA Handsets
• Wireless LAN Devices

KEY SPECIFICATIONS
• Input Voltage Range … 2.2V to 5.5V
• Output Voltage Range … 1.2V to 4.4V
• Output Current … 200 mA
• Low Output Voltage Noise at
200 mA … 6.5μVRMS
• PSRR … 78 dB at 1kHz
• Output Voltage Tolerance … ± 2%
• Virtually Zero IQ (Disabled) … <1 μA
• Very Low IQ (Enabled) … 11 μA
• Startup Time … 85 μs
• Low Dropout … 95 mV typ

PACKAGE
• 4-Bump DSBGA (lead free)
0.815 mm × 0.815 mm × 0.600 mm

DESCRIPTION
The LP5904 is a linear regulator capable of supplying
200 mA output current. Designed to meet the
requirements of RF/ Analog circuits, the LP5904
device provides low noise, high PSRR, low quiescent
current, and low line transient response figures. Using
new innovative design techniques the LP5904 offers
class-leading device noise performance without a noise bypass capacitor and the ability for remote
output capacitor placement. An active pulldown circuit
with a 280Ω resistor is wired from the output to
ground pins to quickly discharge output when the
device is disabled (VEN = low).
The device is designed to work with a 1.0 μF input
and a 1.0 μF output ceramic capacitor. (No Bypass Capacitor is required.)
The device is available in a DSBGA package. For
other package options contact your local TI sales
office.
This device is available between 1.2V and 4.4V in
25 mV steps. Please contact Texas Instruments
Sales for specific voltage option needs.




Numéro de pièce similaire - LP5904TMX-3.1/NOPB

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LP5904TMX-3.1/NOPB TI1-LP5904TMX-3.1/NOPB Datasheet
4Mb / 17P
Ultra Low Noise, 200 mA Linear Regulator for RF/Analog Circuits - Requires No Bypass Capacitor
LP5904TMX-3.1/NOPB TI1-LP5904TMX-3.1/NOPB Datasheet
1Mb / 23P
Ultra Low Noise, 200 mA Linear Regulator for RF/Analog Circuits - Requires No Bypass Capacitor
More results


Description similaire - LP5904TMX-3.1/NOPB

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LP5900 NSC-LP5900 Datasheet
645Kb / 10P
Ultra Low Noise, 100 mA Linear Regulator for RF/Analog Circuits Requires No Bypass Capacitor
logo
Texas Instruments
LP5904 TI1-LP5904 Datasheet
4Mb / 17P
Ultra Low Noise, 200 mA Linear Regulator for RF/Analog Circuits - Requires No Bypass Capacitor
LP5907 TI1-LP5907 Datasheet
774Kb / 13P
Ultra Low-Noise, 250 mA Linear Regulator for RF/Analog Circuits - Requires No Bypass Capacitor
LP5900SD-3.3_NOPB TI1-LP5900SD-3.3_NOPB Datasheet
1Mb / 25P
LP5900 Ultra Low Noise, 150 mA Linear Regulator for RF/Analog Circuits Requires No Bypass Capacitor
LP5900SD-3.0 TI1-LP5900SD-3.0 Datasheet
1Mb / 25P
LP5900 Ultra Low Noise, 150 mA Linear Regulator for RF/Analog Circuits Requires No Bypass Capacitor
LP5900TLX-2.8 TI1-LP5900TLX-2.8 Datasheet
1Mb / 25P
LP5900 Ultra Low Noise, 150 mA Linear Regulator for RF/Analog Circuits Requires No Bypass Capacitor
LP5900 TI-LP5900_15 Datasheet
1Mb / 30P
LP5900 Ultra Low-Noise, 150-mA Linear Regulator for RF/Analog Circuits - Requires No Bypass Capacitor
LP5904 TI-LP5904_15 Datasheet
1Mb / 23P
Ultra Low Noise, 200 mA Linear Regulator for RF/Analog Circuits - Requires No Bypass Capacitor
LP5910 TI-LP5910_15 Datasheet
994Kb / 27P
LP5910 Ultra-Low-Noise, 300-mA Linear Regulator for RF and Analog Circuits - Requires No Bypass Capacitor
LP5904 TI1-LP5904_16 Datasheet
1Mb / 23P
Ultra Low Noise, 200 mA Linear Regulator for RF/Analog Circuits - Requires No Bypass Capacitor
More results



Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com