Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1030 Fiches technique (PDF) - Adafruit Industries

1030 Datasheet PDF - Adafruit Industries
No de pièce 1030
Télécharger  1030 Télécharger
Taille du fichier   183.78 Kbytes
Page   3 Pages
Fabricant  ADAFRUIT [Adafruit Industries]
Site Internet  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description USB WiFi (802.11b/g/n) Module with Antenna for Raspberry Pi

1030 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
1030 Datasheet PDF - Adafruit Industries

No de pièce 1030
Télécharger  1030 Click to download

Taille du fichier   183.78 Kbytes
Page   3 Pages
Fabricant  ADAFRUIT [Adafruit Industries]
Site Internet  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description USB WiFi (802.11b/g/n) Module with Antenna for Raspberry Pi

1030 Fiches technique (HTML) - Adafruit Industries


1030 Détails du produit

RTL8192cu Chipset
Antenna Length: 150mm / 5.9"
Sticks out 48mm (1.9") beyond USB port
Weight: 6g
Wireless Standards: IEEE 802.11n (draft), IEEE 802.11g, IEEE 802.11b
Host Interface: High speed USB2.0/1.1 interface
Data Rate: 802.11n: up to 150Mbps (downlink) and up to 150Mbps (uplink) , 802.11g: 54 / 48 / 36 / 24 / 18/ 12 /
9 / 6 Mbps auto fallback, 802.11b: 11 / 5.5 / 2 / 1 Mbps auto fallback
Frequency Band: 2.4GHz ISM (Industrial Scientific Medical) Band/li>
Chipset: Realtek
RF Frequency: 2412 ~ 2462 MHz (North America), 2412 ~ 2472 MHz (Europe), 2412 ~ 2484 MHz (Japan)
Radio Channel: 1 ~ 14 channels (Universal Domain Selection)
Range Coverage: Up to 3 times farther range than 802.11g
Antenna Type: Integrated Antenna
Roaming: Full mobility and seamless roaming from cell to cell
RF Output Power: 13 ~17 dBm (Typical)
Modulation: 11n: BPSK, QPSK, 16QAM, 64QAM with OFDM, 11g: BPSK, QPSK, 16QAM, 64QAM, OFDM, 11b: DQPSK,
DBPSK, DSSS, CCK
Data Security: 64/128-bit WEP Encryption
WPA, WPA-PSK, WPA2, WPA2-PSK. TKIP/AES
Network: Auto-switch to use 802.11n or 802.11g or 802.11b mode
Supports Ad-Hoc, Infrastructure WLAN network, Wireless roaming, Data rate auto fall-back under noisy
environment or longer range distance, Site Survey with Profile function
Configuration & Management: Plug-and-Play setup and installation, Management Utility supports 2000 / XP/ Vista
Media Access Control CSMA/CA with ACK
LED Indicator Link/Active ( Green )
Operating Temperature 0°C to 40°C
Storage Temperature -20°C to 75°C
Operating Humidity 10% ~ 90% (Non Condensing)
Storage Humidity 5% ~ 95% (Non Condensing)
Regulatory Compliance RoHS Compliant, Wi-Fi Compliant
Requirements Available USB 2.0 port




Numéro de pièce similaire - 1030

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
1030 ETC-1030 Datasheet
103Kb / 1P
Heyco-Flex?줞ounting Brackets
logo
Applied Motion Products...
1030 AMP-1030 Datasheet
73Kb / 4P
Si-100 Motor Control
logo
Heyco.
1030 HEYCO-1030 Datasheet
102Kb / 1P
Heyco-Flex™Mounting Brackets
logo
Time Electronics Ltd.
1030 TIME-ELECTRONICS-1030 Datasheet
48Kb / 2P
Time Electronics Ltd. [TIME-ELECTRONICS]^2907
V1b 20/06/08
logo
Mill-Max Mfg. Corp.
1030-3-17-01-30-02-02-0 MILL-MAX-1030-3-17-01-30-02-02-0 Datasheet
97Kb / 1P
WRAPOST RECEPTACLES for .015??- .025??diameter pins
More results


Description similaire - 1030

FabricantNo de pièceFiches techniqueDescription
logo
Advantech Co., Ltd.
WIFI-300 ADVANTECH-WIFI-300 Datasheet
206Kb / 1P
USB-type IEEE 802.11b/g WiFi Dongle
WIFI-302 ADVANTECH-WIFI-302 Datasheet
212Kb / 1P
USB-Type IEEE 802.11b/g WiFi Dongle
logo
RF Micro Devices
RF5325 RFMD-RF5325 Datasheet
698Kb / 12P
3.3V, 2.4GHZ 802.11b/g/n WIFI FRONT END MODULE
RF5375 RFMD-RF5375 Datasheet
1Mb / 12P
2.4GHz TO 2.5GHz, 802.11b/g/n WiFi FRONT END MODULE
RF5755 RFMD-RF5755 Datasheet
1Mb / 15P
2.4GHz TO 2.5GHz 802.11b/g/n WiFi FRONT END MODULE
RFFM8202 RFMD-RFFM8202 Datasheet
241Kb / 8P
2.4GHz to 2.5GHz 802.11b/g/n WiFi Front End Module
RFFM8204 RFMD-RFFM8204 Datasheet
555Kb / 8P
2.4GHz TO 2.5GHz 802.11b/g/n WiFi FRONT END MODULE
logo
Compex Systems Pte. Lte...
WLE1216V2-20 COMPEX-WLE1216V2-20 Datasheet
746Kb / 4P
4x4 802.11b/g/n/ac Mini PCIe WiFi Module
WLE1216V2-20-I COMPEX-WLE1216V2-20-I Datasheet
746Kb / 4P
4x4 802.11b/g/n/ac Mini PCIe WiFi Module
logo
Qorvo, Inc
RF5565 QORVO-RF5565 Datasheet
1Mb / 14P
2.4GHz TO 2.5GHz, 802.11b/g/n WiFi 2.4GHz TO 2.5GHz, 802.11b/g/n WiFi
More results



Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com