| Fabricant | No de pièce | Fiches technique | Description |
 WOLFSPEED, INC. |
CAB320M17XM3
|
2Mb / 12P |
1700 V, 3.5 mΩ, Silicon Carbide, Half-Bridge Module
Rev. 2, February 2023 |
|
CAB500M17HM3
|
1Mb / 12P |
1700 V, 500 A, Silicon Carbide, Half-Bridge Module
Rev. 01, FEBRUARY 2022 |
|
CAB650M17HM3
|
1Mb / 12P |
1700 V, 650 A, Silicon Carbide, Half-Bridge Module
Rev. 01, FEBRUARY 2022 |
|
CAR600M17HN6
|
783Kb / 7P |
1700 V, 600 A, Silicon Carbide, Half-Bridge Rectifier
Rev. 01, FEBRUARY 2022 |
|
CAS175M12BM3
|
3Mb / 12P |
1200 V, 175 A, Silicon Carbide, Half-Bridge Module
Rev. 0, JUNE 2022 |
|
CAS300M17BM2
|
878Kb / 11P |
1700 V, 8.0 mΩ, Silicon Carbide, Half-Bridge Module
Rev. 3, February 2023 |
|
CAS310M17BM3
|
3Mb / 12P |
1700 V, 310 A, Silicon Carbide, Half-Bridge Module
Rev. 0, November 2022 |
|
CAS380M17HM3
|
1Mb / 12P |
1700 V, 380 A, Silicon Carbide, Half-Bridge Module
Rev. 01, FEBRUARY 2022 |
|
WAS310M17BM3
|
3Mb / 12P |
1700 V, 310 A, Silicon Carbide, Half-Bridge Module
Rev. 0 November 2022 |
|
WAS350M12BM3
|
3Mb / 12P |
1200 V, 350 A, Silicon Carbide, Half-Bridge Module
Rev. 0 JUNE 2022 |