Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

08500133 Fiches technique (PDF) - Molex Electronics Ltd.

08500133 Datasheet PDF - Molex Electronics Ltd.
No de pièce 08500133
Télécharger  08500133 Télécharger
Taille du fichier   64.99 Kbytes
Page   5 Pages
Fabricant  MOLEX [Molex Electronics Ltd.]
Site Internet  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description PremiumGrade Hand Crimp Tool for KK 3.96mm Terminals, 26-22 AWG

08500133 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
08500133 Datasheet PDF - Molex Electronics Ltd.

No de pièce 08500133
Télécharger  08500133 Click to download

Taille du fichier   64.99 Kbytes
Page   5 Pages
Fabricant  MOLEX [Molex Electronics Ltd.]
Site Internet  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description PremiumGrade Hand Crimp Tool for KK 3.96mm Terminals, 26-22 AWG

08500133 Fiches technique (HTML) - Molex Electronics Ltd.


08500133 Détails du produit

General
Status Active
Category Crimp Presses and Crimp Hand
Tools
Series 207129
Description PremiumGrade Hand Crimp Tool
for KK 3.96mm Terminals, 26-22
AWG
Comments Field Repair, See Tooling
Specification (PDF) Above; Type: 2C
Function Crimp
Geographic Area Global
Level of Automation Manual
More Detailed Tech Information toolingsupport@molex.com
Product Name PremiumGrade
Tool Type Hand Crimp Tool
UPC 822350924245
Warranty Disclaimer CAUTION: Molex tooling crimp
specifications are valid only when
used with Molex terminals and
tooling manufactured by Molex and
sold by Molex or authorized
distributors ("Molex Tooling").
When using tooling other than
Molex Tooling with Molex specific
connector systems listed in our ATS
documents, the Molex tooling
qualification does not apply and
the responsibility for full
qualification of the connector
system is that of the customer.
Molex accepts no liability for
connector performance or tooling
support where tooling other than
Molex Tooling is used or where
Molex Tooling is modified.




Numéro de pièce similaire - 08500133

FabricantNo de pièceFiches techniqueDescription
logo
Molex Electronics Ltd.
0850010012 MOLEX9-0850010012 Datasheet
113Kb / 4P
2.54mm (.100) Pitch DIN 41612 Header, Style B/2, Right Angle, Through Hole, 0.6關m (24關) Selective Gold (Au), 32 Circuits
0850010036 MOLEX9-0850010036 Datasheet
115Kb / 4P
2.54mm (.100) Pitch DIN 41612 Header, Style B, Right Angle, Through Hole, 0.6關m (24關) Selective Gold (Au), 64 Circuits
0850010050 MOLEX9-0850010050 Datasheet
116Kb / 4P
2.54mm (.100") Pitch DIN 41612 Header, Style B, Right Angle, Through Hole, 0.6關m (24關") Selective Gold (Au), 32 Circuits
0850010074 MOLEX9-0850010074 Datasheet
113Kb / 4P
2.54mm (.100) Pitch DIN 41612 Header, Style B/2, Right Angle, Through Hole, 0.6關m (24關) Selective Gold (Au), Fixing Clip available ,32 Circuits
0850010086 MOLEX9-0850010086 Datasheet
208Kb / 6P
2.54mm (.100") Pitch DIN 41612 B Style Male Header, PCT, Right Angle, Through Hole, 0.60關m (24關") Selective Gold (Au) Plating, 32
More results


Description similaire - 08500133

FabricantNo de pièceFiches techniqueDescription
logo
Molex Electronics Ltd.
0638192600 MOLEX-0638192600 Datasheet
39Kb / 1P
PremiumGrade Hand Crimp Tool for Female Terminals, 22-28 AWG
11/02/2021
0638114200 MOLEX-0638114200 Datasheet
51Kb / 3P
PremiumGrade Hand Crimp Tool for 2.54mm MX64 Terminals, 18-22 AWG
08/25/2022
0638114400 MOLEX-0638114400 Datasheet
34Kb / 2P
PremiumGrade Hand Crimp Tool for MX150L Terminals, 14-22 AWG
08/26/2022
0638116000 MOLEX-0638116000 Datasheet
40Kb / 4P
PremiumGrade Hand Crimp Tool for MX150 Female Terminals, 18-22 AWG
08/26/2022
0638117400 MOLEX-0638117400 Datasheet
41Kb / 3P
PremiumGrade Hand Crimp Tool for KK 3.96mm Terminals, 22-26 AWG
08/26/2022
0638118100 MOLEX-0638118100 Datasheet
36Kb / 1P
PremiumGrade Hand Crimp Tool for Mini-Lock Terminals, 22-28 AWG
08/26/2022
0638118200 MOLEX-0638118200 Datasheet
27Kb / 2P
PremiumGrade Hand Crimp Tool for KK 2.54mm Crimp Terminals, 22-30 AWG
08/25/2022
0638192300 MOLEX-0638192300 Datasheet
52Kb / 2P
PremiumGrade Hand Crimp Tool for iGrid Female Terminals, 22-26 AWG and 0.30-0.20mm² Wire
08/26/2022
0638278900 MOLEX-0638278900 Datasheet
14Kb / 1P
Hand Crimp Tool for Board-in Crimp Terminals, 22-26 AWG
08/26/2022
0638280300 MOLEX-0638280300 Datasheet
22Kb / 2P
Hand Crimp Tool for 3.96mm Pitch KK Crimp Terminals, 18-22 AWG
08/25/2022
More results




À propos de Molex Electronics Ltd.


Molex Electronics Ltd. est une filiale de Koch Industries, Inc., et est un fabricant mondial de solutions d'interconnexion électronique et à fibre optique.

L'entreprise a été fondée en 1938 et a son siège à Lisle, Illinois.

Molex propose une large gamme de produits d'interconnexion, notamment des connecteurs, des assemblages de câbles, des commutateurs et d'autres composants passifs.

Ces produits sont utilisés dans diverses industries, notamment l'automobile, les communications de données, l'électronique grand public, les équipements industriels, les dispositifs médicaux et les télécommunications.

Avec des opérations et des installations dans plus de 40 pays, Molex est connu pour son leadership de l'innovation et de la technologie sur le marché des solutions d'interconnexion.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.




Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com