Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LPC2210 Fiches technique (PDF) - NXP Semiconductors

LPC2210 Datasheet PDF - NXP Semiconductors
No de pièce LPC2210
Télécharger  LPC2210 Télécharger
Taille du fichier   253.69 Kbytes
Page   49 Pages
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 16/32-bit ARM microcontrollers; flashless with 64 kB,with 10-bit ADC and external memory interface

LPC2210 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
LPC2210 Datasheet PDF - NXP Semiconductors

No de pièce LPC2210
Télécharger  LPC2210 Click to download

Taille du fichier   253.69 Kbytes
Page   49 Pages
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 16/32-bit ARM microcontrollers; flashless with 64 kB,with 10-bit ADC and external memory interface

LPC2210 Fiches technique (HTML) - NXP Semiconductors


LPC2210 Détails du produit

General description
The LPC2210/2220 microcontrollers are based on a 16/32-bit ARM7TDMI-S CPU with real-time emulation and embedded trace support. For critical code size applications, the alternative 16-bit Thumb mode reduces code by more than 30 % with minimal performance penalty.
   
Features   
Key features
■ 16/32-bit ARM7TDMI-S microcontroller in a LQFP144 and TFBGA144 package.
■ 16/64 kB on-chip static RAM (LPC2210/2220).
■ Serial bootloader using UART0 provides in-system download and programming
    capabilities.
■ EmbeddedICE-RT and Embedded Trace interfaces offer real-time debugging with the
    on-chip RealMonitor software as well as high-speed real-time tracing of instruction
    execution.
■ Eight channel 10-bit ADC with conversion time as low as 2.44 µs.
    ◆ LPC2210/01 and LPC2220 only: Dedicated result registers for ADC(s) reduce
        interrupt overhead. The ADC pads are 5 V tolerant when configured for digital I/O
        function(s).
■ Two 32-bit timers (LPC2220 and LPC2210/01 also external event counters) with four
    capture and four compare channels, PWM unit (six outputs), Real-Time Clock (RTC),
    and watchdog.
■ Multiple serial interfaces including two UARTs (16C550), Fast I2C-bus (400 kbit/s) and
    two SPIs.
    ◆ LPC2210/01 and LPC2220 only: A Synchronous Serial Port (SSP) with data
        buffers and variable length transfers can be selected to replace one SPI.
    ◆ LPC2210/01 and LPC2220 only: UART0/1 include fractional baud rate generator,
        auto-bauding capabilities, and handshake flow-control fully implemented in
        hardware.
■ Vectored Interrupt Controller (VIC) with configurable priorities and vector addresses.
■ Configurable external memory interface with up to four banks, each up to 16 MB and
    8/16/32-bit data width.
■ Up to 76 general purpose pins (5 V tolerant) capable. Up to nine edge/level sensitive
    external interrupt pins available.
    ◆ LPC2210/01 and LPC2220 only: Fast GPIO ports enable port pin toggling up to 3.5
        times faster than the original device. They also allow for a port pin to be read at any
        time regardless of its function.
■ 60 MHz (LPC2210) and 75 MHz (LPC2210/01 and LPC2220) maximum CPU clock
    available from programmable on-chip Phase-Locked Loop (PLL) with settling time of
    100 µs.
■ On-chip integrated oscillator operates with external crystal in range of 1 MHz to
    25 MHz and with external oscillator up to 25 MHz.
■ Power saving modes include Idle and Power-down.
■ Processor wake-up from Power-down mode via external interrupt.
■ Individual enable/disable of peripheral functions for power optimization.
■ Dual power supply:
    ◆ CPU operating voltage range of 1.65 V to 1.95 V (1.8 V ± 0.15 V).
    ◆ I/O power supply range of 3.0 V to 3.6 V (3.3 V ± 10 %) with 5 V tolerant I/O pads.
        16/32-bit ARM7TDMI-S processor.
   




Numéro de pièce similaire - LPC2210

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
LPC2210 PHILIPS-LPC2210 Datasheet
181Kb / 39P
16/32-bit ARM microcontroller with 10-bit ADC and external memory interface
Rev. 01-09 February 2004
LPC2210 PHILIPS-LPC2210 Datasheet
255Kb / 49P
16/32-bit ARM microcontrollers; flashless with 64 kB, with 10-bit ADC and external memory interface
Rev. 02-30 May 2005
LPC2210 NXP-LPC2210 Datasheet
258Kb / 50P
16/32-bit ARM microcontrollers; flashless, with 10-bit ADC and external memory interface
Rev. 06-11 December 2008
LPC2210FBD144 PHILIPS-LPC2210FBD144 Datasheet
181Kb / 39P
16/32-bit ARM microcontroller with 10-bit ADC and external memory interface
Rev. 01-09 February 2004
LPC2210FBD144 PHILIPS-LPC2210FBD144 Datasheet
255Kb / 49P
16/32-bit ARM microcontrollers; flashless with 64 kB, with 10-bit ADC and external memory interface
Rev. 02-30 May 2005
More results


Description similaire - LPC2210

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
LPC2210 PHILIPS-LPC2210 Datasheet
181Kb / 39P
16/32-bit ARM microcontroller with 10-bit ADC and external memory interface
Rev. 01-09 February 2004
LPC2290 PHILIPS-LPC2290 Datasheet
185Kb / 41P
16/32-bit ARM microcontrollers with CAN, 10-bit ADC and external memory interface
Rev. 01-09 February 2004
LPC2220 PHILIPS-LPC2220 Datasheet
255Kb / 49P
16/32-bit ARM microcontrollers; flashless with 64 kB, with 10-bit ADC and external memory interface
Rev. 02-30 May 2005
LPC2292 PHILIPS-LPC2292_07 Datasheet
273Kb / 54P
16/32-bit ARM microcontrollers; 256 kB ISP/IAP flash with CAN, 10-bit ADC and external memory interface
Rev. 06-10 December 2007
LPC2212 PHILIPS-LPC2212_08 Datasheet
196Kb / 45P
16/32-bit ARM microcontrollers; 128/256 kB ISP/IAP flash with 10-bit ADC and external memory interface
Rev. 04-3 January 2008
LPC2210 NXP-LPC2210_08 Datasheet
258Kb / 50P
16/32-bit ARM microcontrollers; flashless, with 10-bit ADC and external memory interface
Rev. 06-11 December 2008
LPC2292 NXP-LPC2292 Datasheet
279Kb / 53P
16/32-bit ARM microcontrollers; 256 kB ISP/IAP flash with CAN, 10-bit ADC and external memory interface
Rev. 7-4 December 2008
LPC2212 NXP-LPC2212 Datasheet
208Kb / 45P
16/32-bit ARM microcontrollers; 128/256 kB ISP/IAP flash with 10-bit ADC and external memory interface
Rev. 04-3 January 2008
LPC2210 PHILIPS-LPC2210_15 Datasheet
273Kb / 50P
16/32-bit ARM microcontrollers; flashless, with 10-bit ADC and external memory interface
Rev. 06-11 December 2008
LPC2292 PHILIPS-LPC2292_15 Datasheet
456Kb / 54P
16/32-bit ARM microcontrollers; 256 kB ISP/IAP flash with CAN, 10-bit ADC and external memory interface
Rev. 8-8 June 2011
More results




À propos de NXP Semiconductors


NXP Semiconductors est une société multinationale cotée en bourse qui conçoit, développe et fabrique un large éventail de semi-conducteurs et de circuits intégrés pour diverses applications, y compris les marchés automobiles, industriels, de communications et de consommation.

La société a été fondée en 2006 et a son siège à Eindhoven, aux Pays-Bas.

NXP propose un large portefeuille de produits, notamment des microcontrôleurs, des microprocesseurs, des circuits intégrés d'authentification sécurisés, des ICS de gestion de l'alimentation, des composants RF et des micro-ondes et des solutions de capteurs, entre autres.

Les produits de l'entreprise sont conçus pour être économes en énergie, sécurisés et fiables, et sont utilisés dans une variété d'applications, y compris les systèmes automobiles, l'automatisation et le contrôle industriels, les maisons et les bâtiments intelligents et les appareils connectés.

NXP est dédié à l'innovation et à la satisfaction des clients, et s'engage à fournir à ses clients les meilleures solutions semi-conductrices pour répondre à leurs besoins.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.