Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MSS7 Fiches technique (PDF) - CP Clare Corporation

MSS7 Datasheet PDF - CP Clare Corporation
No de pièce MSS7
Télécharger  MSS7 Télécharger
Taille du fichier   87.08 Kbytes
Page   6 Pages
Fabricant  CPCLARE [CP Clare Corporation]
Site Internet  
Logo CPCLARE - CP Clare Corporation
Description DIP 14 SERIES REED RELAYS

MSS7 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
MSS7 Datasheet PDF - CP Clare Corporation

No de pièce MSS7
Télécharger  MSS7 Click to download

Taille du fichier   87.08 Kbytes
Page   6 Pages
Fabricant  CPCLARE [CP Clare Corporation]
Site Internet  
Logo CPCLARE - CP Clare Corporation
Description DIP 14 SERIES REED RELAYS

MSS7 Fiches technique (HTML) - CP Clare Corporation


MSS7 Détails du produit

DESCRIPTION
CP Clare’s epoxy molded DIP 14 Series offers a variety of contacts and schematics to meet the needs
of a wide range of applications. It features the MVS2/MVS7 models designed for high reliability. The
MSS2/7 DIPs are 1 form A relays equipped with the MYAD® all-position mounting switch. With switching
up to 50 Watts and a 4000V isolation option, the DIP 14 Series is a relay package that allows for
automatic insertion directly on PCBs as well as insertion into standard 14 pin DIP sockets.

FEATURES
■ All position mercury contacts on some models
■ Stable contact resistance over life
■ 4000 Vac input-output isolation
■ Bounce free operation
■ High insulation resistance
■ Switching speed of 300 Hz
■ Long life > 1 billion operations
■ Epoxy molded for automatic board processing

APPLICATIONS
■ Automatic test equipment
■ Process control
■ Industrial
■ Telecom
■ Datacom
■ High-end security systems
■ Signaling
■ Metering




Numéro de pièce similaire - MSS7

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
MSS71505A ETC1-MSS71505A Datasheet
688Kb / 9P
DIP 14 SERIES REED RELAYS
MSS71505B ETC1-MSS71505B Datasheet
688Kb / 9P
DIP 14 SERIES REED RELAYS
MSS71505C ETC1-MSS71505C Datasheet
688Kb / 9P
DIP 14 SERIES REED RELAYS
MSS71505S ETC1-MSS71505S Datasheet
688Kb / 9P
DIP 14 SERIES REED RELAYS
MSS71512A ETC1-MSS71512A Datasheet
688Kb / 9P
DIP 14 SERIES REED RELAYS
More results


Description similaire - MSS7

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
MSS71A05 ETC1-MSS71A05 Datasheet
688Kb / 9P
DIP 14 SERIES REED RELAYS
logo
RHOPOINT COMPONENTS
8001 RHOPOINT-8001 Datasheet
66Kb / 2P
DIP Reed Relays
logo
Meder Electronic
DIP05-2A72-21R MEDER-DIP05-2A72-21R Datasheet
93Kb / 1P
DIP Reed Relays
DIP12-1A31-12D MEDER-DIP12-1A31-12D Datasheet
92Kb / 1P
DIP Reed Relays
DIP12-1A75-12L MEDER-DIP12-1A75-12L Datasheet
92Kb / 1P
DIP Reed Relays
DIP12-1A75-12D MEDER-DIP12-1A75-12D Datasheet
92Kb / 1P
DIP Reed Relays
DIP12-2A72-21M MEDER-DIP12-2A72-21M Datasheet
114Kb / 1P
DIP Reed Relays
DIP24-1A72-12L MEDER-DIP24-1A72-12L Datasheet
112Kb / 1P
DIP Reed Relays
DIP24-1A75-12L MEDER-DIP24-1A75-12L Datasheet
92Kb / 1P
DIP Reed Relays
DIP24-1A75-12D MEDER-DIP24-1A75-12D Datasheet
92Kb / 1P
DIP Reed Relays
More results



Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com