Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

501008S01DXC4 Fiches technique (PDF) - Ashcroft, Inc.

501008S01DXC4 Datasheet PDF - Ashcroft, Inc.
No de pièce 501008S01DXC4
Télécharger  501008S01DXC4 Télécharger
Taille du fichier   1256.75 Kbytes
Page   5 Pages
Fabricant  ASHCROFT [Ashcroft, Inc.]
Site Internet  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.
Description 1008S 40 mm & 50 mm Stainless Steel Pressure Gauge

501008S01DXC4 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
501008S01DXC4 Datasheet PDF - Ashcroft, Inc.

No de pièce 501008S01DXC4
Télécharger  501008S01DXC4 Click to download

Taille du fichier   1256.75 Kbytes
Page   5 Pages
Fabricant  ASHCROFT [Ashcroft, Inc.]
Site Internet  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.
Description 1008S 40 mm & 50 mm Stainless Steel Pressure Gauge

501008S01DXC4 Fiches technique (HTML) - Ashcroft, Inc.


501008S01DXC4 Détails du produit

FEATURES
„ FlutterGuard™ reduces movement wear and pointer flutter
„ Dry or liquid filled versions
„ All welded stainless steel construction




Numéro de pièce similaire - 501008S01DXC4

FabricantNo de pièceFiches techniqueDescription
logo
Aavid, Thermal Division...
501000B00000G AAVID-501000B00000G Datasheet
8Mb / 116P
Channel style heat sink with folded back fins
501000B00000G AAVID-501000B00000G Datasheet
8Mb / 116P
How to Use This Catalog
501000J00000G AAVID-501000J00000G Datasheet
8Mb / 116P
Channel style heat sink with folded back fins
501000J00000G AAVID-501000J00000G Datasheet
8Mb / 116P
How to Use This Catalog
logo
Ohmite Mfg. Co.
50100MNJ100RDE OHMITE-50100MNJ100RDE Datasheet
119Kb / 2P
Cold Rolled Steel Encased Wirewound Heatsinkable Radial Terminal
More results


Description similaire - 501008S01DXC4

FabricantNo de pièceFiches techniqueDescription
logo
Sensortechnics GmbH
BTEM2350G1A SENSORTECHNICS-BTEM2350G1A Datasheet
107Kb / 6P
Precision stainless steel pressure transmitters
RTOP003A1 SENSORTECHNICS-RTOP003A1 Datasheet
190Kb / 6P
Stainless steel pressure sensors
logo
Honeywell Solid State E...
ST005PG2BPCF HONEYWELL-ST005PG2BPCF Datasheet
220Kb / 4P
Stainless Steel Pressure Sensors
ST150PG2SPGF HONEYWELL-ST150PG2SPGF Datasheet
220Kb / 4P
Stainless Steel Pressure Sensors
logo
Honeywell Accelerometer...
ST015PG2SPGF HONEYWELL-ACC-ST015PG2SPGF Datasheet
272Kb / 4P
Stainless Steel Pressure Sensors
logo
Sensortechnics GmbH
SSIB001-GU9AH5 SENSORTECHNICS-SSIB001-GU9AH5 Datasheet
106Kb / 7P
Amplified stainless steel pressure sensors
SSO-B001G8FH SENSORTECHNICS-SSO-B001G8FH Datasheet
79Kb / 6P
Compensated stainless steel pressure sensors
logo
TT Electronics.
FMEX TTELEC-FMEX Datasheet
337Kb / 2P
Stainless Steel Pressure Gauge (50mm, 63mm, 100mm, 150mm)
logo
BELIMO AIRCONTROLS (USA...
EXT-RP-SSRPV BELIMO-EXT-RP-SSRPV Datasheet
174Kb / 1P
STAINLESS STEEL PRESSURE PICKUP PORT
logo
EAO AG.
82-6151.0124 EAO-82-6151.0124 Datasheet
463Kb / 2P
Indicator 22 mm stainless-steel
05.09.2022
More results



Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com