Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

934849346 Fiches technique (PDF) - Belden Inc.

934849346 Datasheet PDF - Belden Inc.
No de pièce 934849346
Télécharger  934849346 Télécharger
Taille du fichier   564.87 Kbytes
Page   3 Pages
Fabricant  BELDEN [Belden Inc.]
Site Internet  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description M12 Power Single-Ended Cordset: Female, straight, 4-pin(3PE), S-coded, shielded, black body, 600 V AC/DC, 16 A; PVC black cable, 1.50 mm²

934849346 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
934849346 Datasheet PDF - Belden Inc.

No de pièce 934849346
Télécharger  934849346 Click to download

Taille du fichier   564.87 Kbytes
Page   3 Pages
Fabricant  BELDEN [Belden Inc.]
Site Internet  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description M12 Power Single-Ended Cordset: Female, straight, 4-pin(3PE), S-coded, shielded, black body, 600 V AC/DC, 16 A; PVC black cable, 1.50 mm²

934849346 Fiches technique (HTML) - Belden Inc.


934849346 Détails du produit

Product Description
M12 Power Single-Ended Cordset: Female, straight, 4-pin(3+PE), S-coded, shielded, black body, 600 V AC/DC, 16 A; PVC black cable, 1.50 mm²




Numéro de pièce similaire - 934849346

FabricantNo de pièceFiches techniqueDescription
logo
Belden Inc.
934849340 BELDEN-934849340 Datasheet
565Kb / 3P
M12 Power Single-Ended Cordset: Female, straight, 4-pin(3PE), S-coded, shielded, black body, 600 V AC/DC, 16 A; PUR black cable, 1.50 mm²
934849341 BELDEN-934849341 Datasheet
565Kb / 3P
M12 Power Single-Ended Cordset: Female, straight, 4-pin(3PE), S-coded, shielded, black body, 600 V AC/DC, 16 A; PUR black cable, 1.50 mm²
934849342 BELDEN-934849342 Datasheet
565Kb / 3P
M12 Power Single-Ended Cordset: Female, straight, 4-pin(3PE), S-coded, shielded, black body, 600 V AC/DC, 16 A; PUR black cable, 1.50 mm²
934849347 BELDEN-934849347 Datasheet
556Kb / 3P
M12 Power Single-Ended Cordset: Female, straight, 4-pin, T-coded, shielded, black body, 50 V AC/60 V DC, 16 A; PUR black cable, 1.50 mm²
934849348 BELDEN-934849348 Datasheet
556Kb / 3P
M12 Power Single-Ended Cordset: Female, straight, 4-pin, T-coded, shielded, black body, 50 V AC/60 V DC, 16 A; PUR black cable, 1.50 mm²
More results


Description similaire - 934849346

FabricantNo de pièceFiches techniqueDescription
logo
Schneider Electric
XZCRA151140A2 SCHNEIDER-XZCRA151140A2 Datasheet
112Kb / 4P
jumper cable XZ - male straight M12 3-pin - female straight M12 3-pin - PVC 2m
Dec 7, 2020
XZCRV1511040A1 SCHNEIDER-XZCRV1511040A1 Datasheet
93Kb / 4P
jumper cable XZ - male straight M12 3-pin - female straight M12 3-pin - PVC 1m
Dec 7, 2020
XZCRV1511040A2 SCHNEIDER-XZCRV1511040A2 Datasheet
94Kb / 4P
jumper cable XZ - male straight M12 3-pin - female straight M12 3-pin - PVC 2m
Dec 7, 2020
logo
Molex Electronics Ltd.
1200790266 MOLEX-1200790266 Datasheet
38Kb / 2P
Ultra-Lock (M12) Single-Ended Cordset, 4 Poles, Female (Straight) to Pigtail, 22 AWG, Black PVC Cable, 2.0m (6.56) Length
11/17/2022
1200798001 MOLEX-1200798001 Datasheet
38Kb / 2P
Ultra-Lock (M12) Single-Ended Cordset, 4 Poles, Female (Straight) to Pigtail, 22 AWG, Black PVC Cable, 5.0m (16.40) Length
11/17/2022
1200798014 MOLEX-1200798014 Datasheet
38Kb / 2P
Ultra-Lock (M12) Single-Ended Cordset, 4 Poles, Female (Straight) to Pigtail, 22 AWG, Black PVC Cable, 10.0m (32.81) Length
11/17/2022
1200060001 MOLEX-1200060001 Datasheet
38Kb / 2P
Micro-Change (M12) Single-Ended Cordset, 3 Poles, Female (Straight) to Pigtail,0.34mm² Black PVC Cable, 2.0m (6.56) Length
02/02/2023
1200060014 MOLEX-1200060014 Datasheet
38Kb / 2P
Micro-Change (M12) Single-Ended Cordset, 4 Poles, Female (Straight) to Pigtail, 0.34mm² Black PVC Cable, 2.0m (6.56) Length
01/31/2023
logo
Belden Inc.
0905203301 BELDEN-0905203301 Datasheet
488Kb / 3P
DeviceNet Power Supply Cable, 7/8" Power Single-Ended Cordset: Female straight, 3-pin(2PE), black body, 63 V, 12 A; PUR black cable, 1.00 mm²
03-22-2023
RKT4-3-224 BELDEN-RKT4-3-224 Datasheet
400Kb / 3P
M12 Standard Sensor/Actuator Single-Ended Cordset: Female, straight, 4-pin,A-coded, translucent body, 230 V AC/DC, 4 A; PUR black cable, 3-wires, 0.34 mm²
More results



Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com