Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SVS7N65FD2 Fiches technique (PDF) - Silan Microelectronics Joint-stock

SVS7N65FD2 Datasheet PDF - Silan Microelectronics Joint-stock
No de pièce SVS7N65FD2
Télécharger  SVS7N65FD2 Télécharger
Taille du fichier   281.13 Kbytes
Page   10 Pages
Fabricant  SILAN [Silan Microelectronics Joint-stock]
Site Internet  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock
Description 7A, 650V SUPER JUNCTION MOS POWER TRANSISTOR

SVS7N65FD2 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
SVS7N65FD2 Datasheet PDF - Silan Microelectronics Joint-stock

No de pièce SVS7N65FD2
Télécharger  SVS7N65FD2 Click to download

Taille du fichier   281.13 Kbytes
Page   10 Pages
Fabricant  SILAN [Silan Microelectronics Joint-stock]
Site Internet  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock
Description 7A, 650V SUPER JUNCTION MOS POWER TRANSISTOR

SVS7N65FD2 Fiches technique (HTML) - Silan Microelectronics Joint-stock


SVS7N65FD2 Détails du produit

DESCRIPTION
SVS7N65D(F)(MJ)(FJ)D2 is an N-channel enhancement mode high
voltage power MOSFETs produced using Silan’s super junction MOS
technology. It achieves low conduction loss and switching losses. It
leads the design engineers to their power converters with high
efficiency, high power density, and superior thermal behavior.
Furthermore, it’s universal applicable, for example, it is suitable for
hard and soft switching topologies, Lighting, Adapters, etc.

FEATURES
 7A,650V, RDS(on)(typ.)=0.55@VGS=10V
 New revolutionary high voltage technology
 Ultra low gate charge
 Enhanced avalanche capability
 Extreme dv/dt rated
 High peak current capability




Numéro de pièce similaire - SVS7N65FD2

FabricantNo de pièceFiches techniqueDescription
logo
Silan Microelectronics ...
SVS7N65FD2 SILAN-SVS7N65FD2 Datasheet
289Kb / 10P
7A, 650V SUPER JUNCTION MOS POWER TRANSISTOR
Rev.:1.6
SVS7N65FD2 SILAN-SVS7N65FD2 Datasheet
289Kb / 10P
7A, 650V SUPER JUNCTION MOS POWER TRANSISTOR
Rev.:1.6
SVS7N65FD2 SILAN-SVS7N65FD2 Datasheet
289Kb / 10P
7A, 650V SUPER JUNCTION MOS POWER TRANSISTOR
Rev.:1.6
SVS7N65FD2 SILAN-SVS7N65FD2 Datasheet
289Kb / 10P
7A, 650V SUPER JUNCTION MOS POWER TRANSISTOR
Rev.:1.6
SVS7N65FD2 SILAN-SVS7N65FD2 Datasheet
281Kb / 10P
7A, 650V SUPER JUNCTION MOS POWER TRANSISTOR
Rev.:1.6
More results


Description similaire - SVS7N65FD2

FabricantNo de pièceFiches techniqueDescription
logo
Alpha & Omega Semicondu...
AOB7S65 AOSMD-AOB7S65 Datasheet
308Kb / 7P
650V 7A a MOS Power Transistor
AOD7S65 AOSMD-AOD7S65 Datasheet
363Kb / 7P
650V 7A a MOS Power Transistor
AOW7S65 AOSMD-AOW7S65 Datasheet
267Kb / 6P
650V 7A a MOS TM Power Transistor
logo
Wuxi Unigroup Microelec...
TPA65R940C WUMC-TPA65R940C Datasheet
983Kb / 9P
650V Super-Junction Power MOSFET
logo
Alpha & Omega Semicondu...
AOT7S65L AOSMD-AOT7S65L Datasheet
557Kb / 7P
650V 7A a MOS
logo
Shenzhen Foster Semicon...
FIR7NS65ABPG FOSTER-FIR7NS65ABPG Datasheet
2Mb / 7P
7A, 650V DP MOS POWER TRANSISTOR-S
FIR7NS65AFG FOSTER-FIR7NS65AFG Datasheet
2Mb / 7P
7A, 650V DP MOS POWER TRANSISTOR-S
FIR7NS65ALG FOSTER-FIR7NS65ALG Datasheet
2Mb / 7P
7A, 650V DP MOS POWER TRANSISTOR-S
More results



Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com